Part Number Hot Search : 
MAX5088 SF3008PT KFF6169A 2SJ588 1N2977BR NMF0513D T8110 VPA18
Product Description
Full Text Search
 

To Download EUEA18-6000MTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pb rohs euea18-6.000m tr eu e a 18 -6.000m tr series rohs compliant (pb-free) resistance welded hc-49/u crystal frequency tolerance/stability 30ppm at 25c, 50ppm over -20c to +70c mode of operation at-cut fundamental packaging options tape & reel nominal frequency 6.000mhz load capacitance 18pf parallel resonant electrical specifications nominal frequency 6.000mhz frequency tolerance/stability 30ppm at 25c, 50ppm over -20c to +70c aging at 25c 5ppm/year maximum load capacitance 18pf parallel resonant shunt capacitance (c0) 7pf maximum equivalent series resistance 50 ohms maximum mode of operation at-cut fundamental drive level 2mwatts maximum storage temperature range -40c to +125c insulation resistance 500 megaohms minimum at 100vdc environmental & mechanical specifications fine leak test mil-std-883, method 1014, condition a gross leak test mil-std-883, method 1014, condition c lead integrity mil-std-883, method 2004 lead termination sn 2m - 6m mechanical shock mil-std-202, method 213, condition c resistance to soldering heat mil-std-202, method 210 resistance to solvents mil-std-202, method 215 solderability mil-std-883, method 2003 temperature cycling mil-std-883, method 1010 vibration mil-std-883, method 2007, condition a mechanical dimensions (all dimensions in millimeters) line marking 1 ecliptek 2 e6.000m e=configuration designator 3 xx xx=ecliptek manufacturing code www.ecliptek.com | specification subject to change without notice | rev f 8/12/2010 | page 1 of 4 12.70 min 13.58 max 4.88 0.20 dia 0.457 0.051(x2) 4.70 max 11.18 max
tape & reel dimensions *compliant to eia 468b 32.0 max 18.0 2.0 3.81 0.7 12.7 0.3 0.9 max 18.0 +1.0/-0.5 dia 81.5 max 14.0 min 38.0 max dia 178 min 370 max 56.0 max euea18-6.000m tr quantity per reel: 1,000 units www.ecliptek.com | specification subject to change without notice | rev f 8/12/2010 | page 2 of 4
t min s t max s critical zone t to t l p ramp-up ramp-down t l t p t 25 c to peak t preheat s t l t p temperature (t) time (t) recommended solder reflow methods euea18-6.000m tr high temperature solder bath (wave solder) ts max to tl (ramp-up rate) 3c/second maximum preheat - temperature minimum (ts min) 150c - temperature typical (ts typ) 175c - temperature maximum (ts max) 200c - time (ts min) 60 - 180 seconds ramp-up rate (tl to tp) 3c/second maximum time maintained above: - temperature (tl) 217c - time (tl) 60 - 150 seconds peak temperature (tp) 260c maximum for 10 seconds maximum target peak temperature (tp target) 250c +0/-5c time within 5c of actual peak (tp) 20 - 40 seconds ramp-down rate 6c/second maximum time 25c to peak temperature (t) 8 minutes maximum moisture sensitivity level level 1 www.ecliptek.com | specification subject to change without notice | rev f 8/12/2010 | page 3 of 4
t min s t max s critical zone t to t l p ramp-up ramp-down t l t p t 25 c to peak t preheat s t l t p temperature (t) time (t) recommended solder reflow methods euea18-6.000m tr low temperature solder bath (wave solder) ts max to tl (ramp-up rate) 5c/second maximum preheat - temperature minimum (ts min) n/a - temperature typical (ts typ) 150c - temperature maximum (ts max) n/a - time (ts min) 30 - 60 seconds ramp-up rate (tl to tp) 5c/second maximum time maintained above: - temperature (tl) 150c - time (tl) 200 seconds maximum peak temperature (tp) 245c maximum target peak temperature (tp target) 245c maximum 1 time / 235c maximum 2 times time within 5c of actual peak (tp) 5 seconds maximum 1 time / 15 seconds maximum 2 times ramp-down rate 5c/second maximum time 25c to peak temperature (t) n/a moisture sensitivity level level 1 low temperature manual soldering 185c maximum for 10 seconds maximum, 2 times maximum. high temperature manual soldering 260c maximum for 5 seconds maximum, 2 times maximum. www.ecliptek.com | specification subject to change without notice | rev f 8/12/2010 | page 4 of 4


▲Up To Search▲   

 
Price & Availability of EUEA18-6000MTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X