Part Number Hot Search : 
3637PC HV461FG UT54AC BPW16N08 BR810 BR810 N5227 C1002
Product Description
Full Text Search
 

To Download CDBA2100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  reverse v oltage: 20 - 100 volts forward current: 2.0 amp cdba220 thru CDBA2100 features ideal for surface mount applications easy pick and place plastic package has underwriters lab. flammability classification 94v-0 built-in strain relief low forward voltage drop mechanical data case: jedec do-214ac molded plastic t erminals: solderable per mil-std-750, method 2026 polarity: color band denotes cathode end mounting position: any approx. weight:0.064 gram smd schottky barrier rectifier smd schottky barrier rectifier www.com chip.co m.tw c o m c h ip c o m c h ip parameter max.repetitive peak reverse voltage max. dc blocking voltage max. rms v oltage peak surge forward current 8.3ms single half sine-wave superimposed on rate load ( jedec method ) max. average forward current max. instantaneous forward current at 2.0 a max. dc reverse current at rated dc blocking voltage ta=25 ta=100 max. thermal resistance (note 1) operating junction temperature storage t emperature symbol v rrm v dc v rms i fsm i o v f i r r ja r jl t j t stg maximum ratings and electrical characterics unit v v v a a v ma c/w mds0208008b page 1 dim en sio ns i n in che s an d (m illim ete rs) 0.0 08 (0 .20 ) 0.0 04 (0 .10 ) 0.0 67 (1. 70 ) 0.0 51 (1. 29 ) 0.0 91 (2. 31 ) 0.0 67 (1. 70 ) 0.0 59 (1. 50 ) 0.0 35 (0. 89 ) 0.11 0(2 .79 ) 0.0 86 (2. 18 ) 0.1 80 (4. 57 ) 0.1 60 (4. 06 ) 0.0 12 (0. 31 ) 0.0 06 (0. 15 ) 0.2 09 (5. 31 ) 0.1 85 (4. 70 ) do-214ac (sma) note 1: thermal resistance from junction to ambient and junction to to lead p .c.b. mounted on 0.2 x 0.2 copper pad areas cdba220 CDBA2100 cdba260 cdba240 20 2014 100 100 70 60 6042 40 4028 50 2.0 0.50 0.85 0.70 -50 to +125 75 17 0.5 -65 to +150 10 20 c c c c
rating and characteristic curevs (cdba220 thru CDBA2100) fig. 1 - rev erse ch aract eristi cs percent of rated peak reverse v oltage (%) r e v e r s e c u r r e n t ( m a ) fig. 4 - curren t de rating curve 0 1.2 2.4 160 20 40 60 80 100 120 140 a v e r a g e f o r w a r d c u r r e n t ( a ) www.com chip.co m.tw c o m c h ip c o m c h ip 0 2 0 4 0 6 0 8 0 1 0 0 1 2 0 1 4 0 1 6 0 1 8 0 2 0 0 f o r w a r d c u r r e n t ( a ) forw ard vol tage ( v) fig.2 - fo rward c harac terist ics 0.01 0.1 1.0 10 100 50 mds0208008b page 2 fig. 3 - junc tion cap acita nce reverse voltage (v) 0 .1 0 .3 0 .5 0 .7 0 .9 1 .1 1 .3 1 .5 1 .7 1 .9 2 .1 j u n c t i o n c a p a c i t a n c e ( p f ) 0 100 150 350 smd schottky barrier rectifier smd schottky barrier rectifier 0.4 0.8 2.0 1.6 300 250 200 p e a k s u r g e f o r w a r d c u r r e n t ( a ) fig. 5 - non re petiti ve forw ard su rge cur rent 0 10 20 5 0 40 30 1 5 10 50 1 00 number of cycles at 60hz 1 10 0 10 0.1 0.0 1 1 10 0 10 0.1 0.0 1 1 10 0 10 0.1 0.0 1 1 10 0 10 0.1 0.0 1 tj=25 c 8.3ms single half sine wave jedec methode ambient t emperature ( c) c d b a 2 2 0 - 2 4 0 c d b a 2 6 0 - 2 1 0 0 tj=25 c pulse width 300us4% duty cycle tj=75 c tj=25 c =1mhz and applied 4vdc reverse voltage cdba220-240 cdba260 cdba280-2100


▲Up To Search▲   

 
Price & Availability of CDBA2100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X