Part Number Hot Search : 
LM78L05 IRF7805 AT220 PG12864 5225B MJF1800 BC322 RGC20MH
Product Description
Full Text Search
 

To Download 8800NMM1-06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  8800n: rev e (m) specifications: models: 8800nmfx-yy, 8800nffx-yy, 8800nmmx-yy, 8800nfmx-yy bias tees type n, up to 12 ghz, 100 volts / 2.5 amps insertion loss (db) vswr 0246810 -4 -3 -2 -1 0 frequency (ghz) insertion loss vs. frequency 02 46810 1 1.5 2 2.5 frequency (ghz) vswr vs. frequency 8800nzzx-yy dc connector type model number: how to order: 10 mhz - 2.5 ghz, type n fem/fem sma female dc connectortype model number: 2 = sma female conn. 1 = solder post 8800nmf1-06 model number: ordering examples: 8800nff2-02 freq. range 02 = 10 mhz - 2.5 ghz solder post dc connector type 10 mhz - 6 ghz, type n male/fem base number 06 = 10 mhz - 6 ghz 3 = bnc female conn. 12 = 10 mhz - 12 ghz mechanical: electrical: mates with mil-std-348 mates with mil-std-348 environmental gold plated beryllium copper type n & sma connectors body conductors aluminum with chemical conversion coating passivated stainless steel standard freq. values dc voltage current rating vs temperature storage temperature range operating temperature range rf power dc current bias-path resistance isolation (rf to bias port) 3db bandwidth impedance insertion loss frequency range 100 vdc max. see graph -60c to +90c -55c to +105c 5 watts max 2.5 amps max. 0.04 ohms typ., 0.05 ohms max. 50 ohms > 30db typ. 5 mhz - 15 ghz 10 mhz - 12 ghz typical 1. 3 0 :1 1.40:1 1.40:1 1.00 db 0.50 db 1.00 db typical 2.5 ghz - 4 ghz 30 mhz - 2.5 ghz 30 mhz - 2.5 ghz 10 mhz - 30 mhz 4 - 6 ghz vswr 2.5 - 6 ghz maximum 1. 50 :1 1. 50 :1 maximum 1. 50 :1 1. 25 d b 1.00 db 1. 25 d b bnc connectors nickel plated brass 1. 75 :1 1. 50 :1 6 - 9 ghz 9 - 12 ghz 1.80:1 2.00:1 9 - 12 ghz 6 - 9 ghz 2.00 db 1.50 db 2.00 db 3.00 db 8800nmfx-yy 2.35 [59.69] 8800nffx-yy 2.40 [60.96] 8800nmmx-yy 2.30 [58.42] 8800nfmx-yy 1. 29 [32.77] option x = 2 overall length .45 [1 1.43] .85 [21.59] ac+dc por t (sma female conn.) ac por t dc input 2.35 [59.69] .1 10 [2.79] .625 [15.87] 1. 070 [27.18] .1 10 [2.79] male female female connector male ac+dc configuration port numbers model male male female female ac max. length overall .50 [12.70] 1.00 [25.40] dc input connector options solder post, x=1 bnc fem., x=3 2x ?.106.006 [?2.690.15] thru design specifications are subject to change without notice. note: dimensions in brackets are expressed in millimeters and are for reference only. contact factory for technical specifications before purchasing or use. aeroflex / inmet, inc. 300 dino drive, ann arbor, mi 48103 ? u.s.a. 888-244-6638 or 734-426-5553 fax: 734-426-5557 www.aeroflext.com/inmet ? inmetsales@aeroflex.com ? ? 2.5, 6 & 12 ghz typical performance from 5 mhz - 9 ghz
024 6 810 -70 -60 -50 -40 -30 -2 0 -10 0 frequency (ghz) isolation (db) isolation vs. frequency 1e7 1e8 1e9 1e6 6e9 -2.5 -2. 0 -1. 5 -1. 0 -0.5 -3.0 0.0 frequency (hz) insertion loss (db) -35oc +85oc +105oc insertion loss vs. ambient temperature 024 6 -1. 4 -1. 2 -1 -0.8 -0.6 -0.4 -0.2 0 frequency (ghz) insertion loss (db) insertion loss under current load i=0a i=2.5a -50 0 50 100 0 1 2 3 4 5 6 temperature (oc) maximum current (a) maximum current vs. ambient temperature


▲Up To Search▲   

 
Price & Availability of 8800NMM1-06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X