Part Number Hot Search : 
54LS1 M62261FP 3194B TC9142P 015001 1550A HMD16 2SC4303
Product Description
Full Text Search
 

To Download 74CBTLV3125PGG8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  industrial temperature range idt74cbtlv3125 low-voltage quadruple bus switch 1 march 2001 industrial temperature range the idt logo is a registered trademark of integrated device technology, inc. ? 2001 integrated device technology, inc. dsc-5744/6 functional block diagram features: ? pin-out compatible with standard '125 logic products ?5 a/b bi-directional bus switch ? isolation under power-off conditions ? over-voltage tolerant ? latch-up performance exceeds 100ma ?v cc = 2.3v - 3.6v, normal range ? esd > 2000v per mil-std-883, method 3015; > 200v using machine model (c = 200pf, r = 0) ? available in qsop and tssop packages applications: ? 3.3v high speed bus switching and bus isolation simplified schematic, each switch idt74cbtlv3125 low-voltage quadruple bus switch note: 1. pin numbers shown apply to the 14-pin tssop package. oe ab sw 1b 3 2 1 1a 1oe 2b 6 5 4 2a 2oe 3b 8 9 10 3a 3oe 4b 11 12 4 4a 4oe sw sw sw description: the cbtlv3125 features four independent switches. each switch is enabled when the associated output-enable ( oe ) input is low. to ensure the high-impedance state during power up or power down, oe should be tied to v cc through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
industrial temperature range 2 idt74cbtlv3125 low-voltage quadruple bus switch pin configuration tssop top view note: 1. h = high voltage level l = low voltage level input oe inputs/outputs l a port = b port h disconnect function table (1) qsop top view symbol parameter test conditions min. max. unit v cc supply voltage 2.3 3.6 v v ih high-level control input voltage v cc = 2.3v to 2.7v 1.7 ? v v cc = 2.7v to 3.6v 2 ? v il low-level control input voltage v cc = 2.3v to 2.7v ? 0.7 v v cc = 2.7v to 3.6v ? 0.8 t a operating free-air temperature ? 40 85 c operating characteristics, t a = 25c (1) note: 1. all unused control inputs of the device must be held at v cc or gnd to ensure proper device operation. symbol description max unit v cc supplyvoltage range ?0.5 to +4.6 v v i input voltage range ?0.5 to +4.6 v continuous channel current 128 ma i ik input clamp current, v i/o < 0 ?50 ma t stg storage temperature ?65 to +150 c absolute maximum ratings (1) note: 1. stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. v cc 4a 4b 3oe 3a 3b 1a 1b 2oe 2a 2b gnd 2 3 4 5 6 7 12 11 10 9 8 13 14 1 1oe 4oe nc gnd v cc nc 4a 1a 4b 1b 3oe 2oe 3a 2a 3b 2b 1oe 4oe 8 1 3 4 5 6 7 2 9 16 14 13 12 11 10 15
industrial temperature range idt74cbtlv3125 low-voltage quadruple bus switch 3 symbol parameter test conditions min. typ. (1) max. unit v ik control inputs, data inputs v cc = 3v, i i = ?18ma ? ? ?1.2 v i i control inputs v cc = 3.6v, v i = v cc or gnd ? ? 1a i oz data i/o v cc = 3.6v, v o = 0 or 3.6v, switch disabled ? ? 5 a i off v cc = 0, v i or v o = 0 to 3.6v ? ? 50 a i cc v cc = 3.6v, i o = 0, v i = v cc or gnd ? ? 10 a i cc (2) control inputs v cc = 3.6v, one input at 3v, other inputs at v cc or gnd ? ? 300 a c i control inputs v i = 3v or 0 ? 4 ? pf c io(off) v o = 3v or 0, oe = v cc ?6 ?pf v cc = 2.3v v i = 0 i o = 64ma ? 5 8 typ. at v cc = 2.5v i o = 24ma ? 5 8 r on (3) v i = 1.7v i o = 15ma ? 27 40 v i = 0 i o = 64ma ? 5 7 v cc = 3v i o = 24ma ? 5 7 v i = 2.4v i o = 15ma ? 10 15 dc electrical characteristics over operating range following conditions apply unless otherwise specified: operating conditions: t a = ?40c to +85c notes: 1. typical values are at v cc = 3.3v, +25c ambient. 2. the increase in supply current is attributable to each current that is at the specified voltage level rather than v cc or gnd. 3. this is measured by the voltage drop between the a and b terminals at the indicated current through the switch. v cc = 2.5v 0.2v v cc = 3.3v 0.3v symbol parameter min. max. min. max. unit t pd (1) propagation delay ? 0.15 ? 0.25 ns a to b or b to a t en output enable time 1 4.6 1 4.4 ns oe to a or b t dis output disable time 1 3.9 1 4.2 ns oe to a or b note: 1. the propagation delay is the calculated rc time constant of the typical on-state resistance of the switch and the specified l oad capacitance driven by an ideal voltage source (zero output impedance). switching characteristics
industrial temperature range 4 idt74cbtlv3125 low-voltage quadruple bus switch open v load gnd v cc pulse generator d.u.t. 500 500 c l r t v in v out (1, 2) same phase input transition opposite phase input transition 0v 0v v oh v ol t plh t phl t phl t plh output v ih v t v t v ih v t control input t plz 0v output normally low t pzh 0v switch closed output normally high enable disable switch open t phz 0v v ol + v lz v oh v t v t t pzl v load/2 v load/2 v ih v t v ol v oh - v hz test circuits and waveforms test circuits for all outputs enable and disable times propagation delay notes: 1. pulse generator for all pulses: rate 10mhz; t f 2.5ns; t r 2.5ns. 2. pulse generator for all pulses: rate 10mhz; t f 2ns; t r 2.5ns. definitions: c l = load capacitance: includes jig and probe capacitance. r t = termination resistance: should be equal to z out of the pulse generator. symbol v cc (1) = 3.3v0.3v v cc (2) = 2.5v0.2v unit v load 6 2 x vcc v v ih 3 vcc v v t 1.5 vcc / 2 v v lz 300 150 mv v hz 300 150 mv c l 50 30 pf test conditions test switch t plz /t pzl v load t phz /t pzh gnd t pd open switch position
industrial temperature range idt74cbtlv3125 low-voltage quadruple bus switch 5 idt xx cbtlv xxxx device type x package temp. range pg pgg q qg 3125 74 thin shrink small outline package tssop - green quarter small outline package qsop - green low-voltage quadruple bus switch -40c to +85c ordering information corporate headquarters for sales: for tech support: 6024 silver creek valley road 800-345-7015 or 408-284-8200 logichelp@idt.com san jose, ca 95138 fax: 408-284-2775 www.idt.com


▲Up To Search▲   

 
Price & Availability of 74CBTLV3125PGG8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X