Part Number Hot Search : 
1T350 STT2PF 1SMB130A DF02S SMAJ120 1H681 BT301 BCR153U
Product Description
Full Text Search
 

To Download 47587000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   distribution units 4758 www.schurter.com/pg07_  connectors strip block for snap-in mounting with 4 iec appliance outlets f and space for 2 extra components f 70 c description - panel mount: snap-in version from front side - 4 functions: module of 4 outlets, with additional carrier frame for accessory modules, pin temperature 70 c, protection class i - solder terminals or quick connect terminals approvals - vde license number: 40030337 - ul license number: e96454 - csa license number: 56242 characteristics - busbar is of single piece (no soldering) - insulation cover on the rear-side - qualified for use in equipment according iec/en 60950 other versions on request - for protection class ii references general product informatio n weblinks approval s , roh s , china-roh s , mating connector s , distributor-stock- chec k , accessorie s technical data ratings iec 10 a / 250 vac; 50 hz ratings ul/csa 15 a / 250 vac; 60 hz dielectric strength > 2 kvac between l-n > 2 kvac between l/n-pe (1 min/50 hz) allowable operation temp. -25 c to 70 c degree of protection from front side ip 30 acc. to iec 60529 protection class suitable for appliances with protection class 1 acc. to iec 61140 terminal solder terminals or quick connect ter - minals panel thickness s snap-in1/1.2/1.5/2/2.5/3 mm tolerance +0.0/-0.1 material: housing thermoplastic, black, ul 94v-0 appliance outlet f acc. to iec/en 60320-2-2, ul 498 csa c22.2 no. 42 (for cold conditions) pin-temperature 70 c, 10 a, protection class 1
 distribution units 4758 www.schurter.com/pg07_  connectors dimensions quadbloc + two 4758 cut-out for 2 mm snap-in inlet panel cut-out 134 x 32,5 mm, corner radius max. 5 mm with power entry module, type 6200 or type 6220 variants panel thickness s [mm] terminal length [mm] order number 1 quick connect terminals 6.3 x 0.8 mm 138 4758.3200 1.2 quick connect terminals 6.3 x 0.8 mm 138 4758.8200 1.5 quick connect terminals 6.3 x 0.8 mm 138 4758.4200 2 quick connect terminals 6.3 x 0.8 mm 138 4758.5200 2.5 quick connect terminals 6.3 x 0.8 mm 138 4758.6200 3 quick connect terminals 6.3 x 0.8 mm 138 4758.7200 1 solder terminals 4 x 0.8 mm 138 4758.3400 1.2 solder terminals 4 x 0.8 mm 138 4758.8400 1.5 solder terminals 4 x 0.8 mm 138 4758.4400 2 solder terminals 4 x 0.8 mm 138 4758.5400 2.5 solder terminals 4 x 0.8 mm 138 4758.6400 3 solder terminals 4 x 0.8 mm 138 4758.7400 1 solder terminals 4 x 0.8 mm and quick connect terminals 6.3 x 0.8 mm 138 4758.3000 1.2 solder terminals 4 x 0.8 mm and quick connect terminals 6.3 x 0.8 mm 138 4758.8000 1.5 solder terminals 4 x 0.8 mm and quick connect terminals 6.3 x 0.8 mm 138 4758.4000 2 solder terminals 4 x 0.8 mm and quick connect terminals 6.3 x 0.8 mm 138 4758.5000 2.5 solder terminals 4 x 0.8 mm and quick connect terminals 6.3 x 0.8 mm 138 4758.6000 3 solder terminals 4 x 0.8 mm and quick connect terminals 6.3 x 0.8 mm 138 4758.7000 please note, all quadblocs are available in protection-class ii upon request. cord retaining clamp see accessories packaging unit 50 pcs
 distribution units 4758 www.schurter.com/pg07_  connectors required accessor y description 620 0 iec appliance inlet c14 with fuseholder 1-pole ip 40, 5 x 20, 1-pole 6200.4120 ip 40, 5 x 20, 1-pole 6200.4220 ip 40, 5 x 20, 1-pole 6200.4320 622 0 iec appliance inlet c14 with fuseholder 2-pole ip 40, 5 x 20, 2-pole 6220.5120 ip 40, 5 x 20, 2-pole 6220.5220 ip 40, 5 x 20, 2-pole 6220.5320 accessorie s cord retaining kit s cord retaining strain relief flat head, z 0888.0021 flat head, e 4700.0005 flat head, g 4700.0007 flat head, h 4700.0008 mating inlets/plug s category / description interconnection cord overview complet e interconnection cord with iec plug e, angled 060 7 interconnection cord with iec plug e, angled 060 8 interconnection cord with iec plug e, straight 060 9 interconnection cord with iec plug g, angled 607 b interconnection cord with iec plug g, angled 608 b interconnection cord further types to 475 8 ... plug overview complet e iec plug e, cord connector (rewireable), straight, max. cable diameter 8.5 mm 473 2 iec plug e, cord connector (rewireable), angled, max. cable diameter 10 mm 473 3 iec plug e, cord connector (rewireable), straight, max. cable diameter 10 mm 473 5 iec plug e, cord connector (rewireable), angled, max. cable diameter 10 mm 473 6 iec plug e, cord connector (rewireable), straight 900 9 plug further types to 475 8 ... the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of 47587000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X