Part Number Hot Search : 
3D7205M8 TOP203YN UTCX0202 MB91301 TOP202YN BP3580 FM4933W HT8656
Product Description
Full Text Search
 

To Download 2CFA-330470M-Q20TLF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  thin film on silicon 2cfa tapped rc filter specifications are subject to change without notice. customers should verify actual device performance in their specific applications. features lead free rohs compliant* 8 rc filters with common ground stable thin-film-on-silicon technology ultra-miniature packages to jedec standards applications emi/rfi filtering on bus lines high frequency applications ideal for space-constrained applications general information tapped filters are typically used for filtering emi and rfi on high-speed data lines connecting computer with peripheral. these silicon-based, tantalum nitride resistors and capacitors feature excellent stability, temperature coefficients and tracking performance. this product series conforms to jedec standards. package schematic electrical characteristics symbol minimum nominal maximum unit resistance range r 10 470 ? resistor tolerance ?0 % ? power rating per resistor @ 70 ? 0.1 watt capacitor range c 15 220 pf capacitor tolerance ?0 % pf capacitor breakdown voltage 25 35 v operating voltage 50 v environmental characteristics esd 2 k v operating temperature t j -55 +125 ? storage temperature t stg -65 +150 ? power rating per package @ 70 ? 1.0 watt electrical & environmental characteristics frequency response 0 attenuation - db -2 -4 -6 -8 -10 -12 -14 -16 -18 -20 0.0001 0.001 0.01 frequency - mhz 0.1 1 10 2cfa-330/470m-q20r *rohs compliant *rohs directive 2002/95/ec jan 27 2003 including annex 20 14 13 12 11 19 18 17 16 15 178910 23456 obsolete
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. thin film on silicon 2cfa tapped rc filter a .635 (.025) typ. 3.81 - 3.99 (.150 - .157) pin 1 .21 - .31 (.008 - .012) 1.35 - 1.75 (.053 - .069) .10 - .25 (.004 - .010) 0-8 .19 - .25 (.007 - .010) .41 - 1.27 (.016 - .050) 5.80 - 6.20 (.228 - .244) model a 2qsp20 8.56 - 8.74 (.337 - .344) governing dimensions are in mm. dimensions in parentheses are in inches and are approximate. jedec reference number mo-137. mechanical characteristics qsop package dimensions qsop package power temperature derating curve watts ambient temperature ( c ) 1.0 1.25 .75 .50 .25 2qsp20 0 50 75 100 125 150 25 typical part marking represents total content. layout may vary. package style pin count 470330m cfa20q yyww product function resistance code/ capacitance code grade date code manufacturer's trademark pin 1 indicator (molded indent) r1 c1 cap. part number part number value value bv (tape & reel) (tubes) (ohms) (pf) (typ.) 33 47 75 2cfa-330/470m-q20r 2cfa-330/470m-q20t standard rc values obsolete
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. thin film on silicon 2cfa tapped rc filter dispensing for large quantities, the product will be dispensed in tape and reel (see diagram below). no. of pieces no. of pieces package a 0 b 0 k 0 width pitch per 13 reel per tube qsop 20 pin 6.5 (0.256) 9.0 (0.354) 2.1 (0.083) 16 (0.630) 8 (0.315) 3,500 56 04/07 a 0 b 0 k 0 dimensions = mm (inches) how to order 2 cfa-330/470 m-q 20 t lf product class thin-film-on-silicon product function cfa = tapped rc filter resistance value code 1st two digits are significant, 3rd digit = number of zeros to follow to give resistance value in ohms. capacitance code 1st two digits are significant, 3rd digit = number of zeros to follow to give capacitor value in pf. standard grade r t ol. c t ol. m = ?0 % ?0 % standard package style q = qsop pin count q = 20 dispensing r = reel t = tube terminations lf = 100 % sn (lead free) asia-pacific: tel: +886-2 2562-4117 ?fax: +886-2 2562-4116 europe: tel: +41-41 768 5555 ?fax: +41-41 768 5510 the americas: tel: +1-951 781-5500 ?fax: +1-951 781-5700 www.bourns.com obsolete


▲Up To Search▲   

 
Price & Availability of 2CFA-330470M-Q20TLF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X