Part Number Hot Search : 
AD8630 XC2018 BC107 A114EA RCWE2512 E400BL2 MEGA168 ECT3409
Product Description
Full Text Search
 

To Download 066-01450 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  usa 858 674 8100 ? ? germany 49 7032 7806 0 ? ? singapore 65 6287 8998 ? ? shanghai 86 21 54643211 / 2 ? ? china 86 769 85538070 ? ? taiwan 886 3 4641811 www.pulseeng.com 17 lt2007 (9/07) laminated transformers type ei42 / 14.8 - 5va frequency 50/60hz potted under vacuum split-bobbin temperature class t a 70c/b weight: 0.2kg packaging unit: 15 pieces (tray) 6 7 8 9 2 3 4 5 1 5 55 33 4 25 64 46 pin ? 0,8 mm (pin dia. 0.031) 10 7,5 7,5 5 (0.2)(0.3) (0.3) (0.2) (1.81) (2.17) 37 (1.46) 10 (0.39) 4,2 (0.165) (1.30) (0.16) ( 1.00 ) (2.52) mechanical schematics no. 1 1 57 9 no. 2 1 5 6 7 9 10 230 6 / 834 8.10 1 042-5381.0 1/3 * 230 9 / 556 12.00 1 042-5382.0 1/3 * 230 12 / 417 15.50 1 042-5383.0 1/3 * 230 15 / 334 19.20 1 042-5384.0 1/3 * 230 18 / 278 23.20 1 042-5385.0 1/3 * 230 24 / 208 30.50 1 042-5386.0 1/3 * 230 2x6 / 417 2x7.80 2 042-5387.0 1/3 * 230 2x9 / 278 2x11.60 2 042-5388.0 1/3 * 230 2x12 / 208 2x15.20 2 042-5389.0 1/3 * 230 2x15 / 167 2x19.40 2 042-5390.0 1/3 * *note: when checking the approval status of this product with vde, add the prefix " bv " and the suffix " g " to the orderable part number (these letters will also be found on the part label). the prefix and suffix are not part of the orderable part number. primary secondary no-load schematic part agency (v) (v / ma) voltage (v) no. number approvals agency approvals 1. ul 506, file e113449 3. en61558   
usa 858 674 8100 ? ? germany 49 7032 7806 0 ? ? singapore 65 6287 8998 ? ? shanghai 86 21 54643211 / 2 ? ? china 86 769 85538070 ? ? taiwan 886 3 4641811 www.pulseeng.com 18 lt2007 (9/07) laminated transformers type ei48 / 16.8 - 10va frequency 50/60hz potted under vacuum split-bobbin temperature class t a 40c/b weight: 0.295kg packaging unit: 10 pieces (tray) 4,2 3,5 55 55 2345 16 9 87 (5 x 0.2) 5 42,5 69 34,6 53,5 60 (2.36) 27,5 10 11 12 (1.67) 10 (0.39) (2.10) (0.165) (1.36) (0.14) (1.08) pin ? 0,8 mm (pin dia. 0.031) ( 2.72 ) mechanical schematics 1 68 11 no. 1 no. 2 1 6 7 8 11 12 230 6 / 1666 7.90 1 048-5381.0 1/3 * 230 9 / 1111 12.00 1 048-5382.0 1/3 * 230 12 / 834 15.70 1 048-5383.0 1/3 * 230 15 / 666 19.20 1 048-5384.0 1/3 * 230 18 / 555 22.90 1 048-5385.0 1/3 * 230 24 / 416 30.60 1 048-5386.0 1/3 * 230 2x6 / 834 2x7.90 2 048-5387.0 1/3 * 230 2x9 / 555 2x12.00 2 048-5388.0 1/3 * 230 2x12 / 416 2x15.70 2 048-5389.0 1/3 * 230 2x15 / 333 2x19.20 2 048-5390.0 1/3 * *note: when checking the approval status of this product with vde, add the prefix " bv " and the suffix " h " to the orderable part number (these letters will also be found on the part label). the prefix and suffix are not part of the orderable part number. primary secondary no-load schematic part agency (v) (v / ma) voltage (v) no. number approvals agency approvals 1. ul 506, file e113449 3. en61558   
usa 858 674 8100 ? ? germany 49 7032 7806 0 ? ? singapore 65 6287 8998 ? ? shanghai 86 21 54643211 / 2 ? ? china 86 769 85538070 ? ? taiwan 886 3 4641811 www.pulseeng.com 19 lt2007 (9/07) laminated transformers type ei54 / 18.8 - 16va frequency 50/60hz potted under vacuum split-bobbin temperature class t a 40c/b weight: 0.43kg packaging unit: 10 pieces (tray) 98 55 555 5 2345 167 75,3 (2.97) 38,8 30 (2.00) 65 (2.56) 59 (2.32) (6 x 0.2) 10 11 12 13 14 51 37,5 (1.48) 4,2 (0.165) 10 (0.39) (1.53) 3,5 (0.14) (11.8) pin ? 0,8 mm (pin dia. 0.031) mechanical schematics 1 79 13 no. 1 no. 2 1 7 8 9 13 14 230 6 / 2666 7.60 1 054-5381.0 1/3 * 230 9 / 1777 11.30 1 054-5382.0 1/3 * 230 12 / 1333 14.90 1 054-5383.0 1/3 * 230 15 / 1066 18.40 1 054-5384.0 1/3 * 230 18 / 888 22.40 1 054-5385.0 1/3 * 230 24 / 666 29.60 1 054-5386.0 1/3 * 230 2x6 / 1333 2x7.70 2 054-5387.0 1/3 * 230 2x9 / 888 2x11.40 2 054-5388.0 1/3 * 230 2x12 / 666 2x15.00 2 054-5389.0 1/3 * 230 2x15 / 533 2x18.70 2 054-5390.0 1/3 * *note: when checking the approval status of this product with vde, add the prefix " bv " and the suffix " k " to the orderable part number (these letters will also be found on the part label). the prefix and suffix are not part of the orderable part number. primary secondary no-load schematic part agency (v) (v / ma) voltage (v) no. number approvals agency approvals 1. ul 506, file e113449 3. en61558   
usa 858 674 8100 ? ? germany 49 7032 7806 0 ? ? singapore 65 6287 8998 ? ? shanghai 86 21 54643211 / 2 ? ? china 86 769 85538070 ? ? taiwan 886 3 4641811 www.pulseeng.com 20 lt2007 (9/07) laminated transformers type ei60 / 25.5 - 25va frequency 50/60hz potted under vacuum split-bobbin temperature class t a 40c/b weight: 0.67kg packaging unit: 6 pieces (tray) mechanical schematics 1 79 13 no. 1 no. 2 1 7 8 9 13 14 no. 3 1 79 13 5 3 no. 4 1 78 9 13 14 5 3 agency approvals 3. en61558    230 6 / 4170 6.90 1 060-0201.0 3 * 230 9 / 2780 10.30 1 060-0202.0 3 * 230 12 / 2080 13.60 1 060-0203.0 3 * 230 15 / 1670 17.00 1 060-0204.0 3 * 230 18 / 1390 20.50 1 060-0205.0 3 * 230 24 / 1040 27.00 1 060-0206.0 3 * 230 2x6 / 2080 2x6.90 2 060-0207.0 3 * 230 2x9 / 1390 2x10.50 2 060-0208.0 3 * 230 2x12 / 1040 2x13.60 2 060-0209.0 3 * 230 2x15 / 830 2x17.30 2 060-0210.0 3 * 2x115 6 / 4170 6.90 3 060-0272.0 3 * 2x115 9 / 2780 10.30 3 060-0273.0 3 * 2x115 12 / 2080 13.60 3 060-0274.0 3 * 2x115 15 / 1670 17.00 3 060-0275.0 3 * 2x115 18 / 1390 20.50 3 060-0276.0 3 * 2x115 24 / 1040 27.00 3 060-0277.0 3 * 2x115 2x6 / 2080 2x6.90 4 060-0278.0 3 * 2x115 2x9 / 1390 2x10.50 4 060-0279.0 3 * 2x115 2x12 / 1040 2x13.60 4 060-0280.0 3 * 2x115 2x15 / 830 2x17.30 4 060-0281.0 3 * primary secondary no-load schematic part agency (v) (v / ma) voltage (v) no. number approvals 55 555 5 4,2 4 9 8 2345 167 49,2 32,5 (2.85) 66 (2.60) 43,5 55 (6 x 0.2) 10 11 12 13 14 72,5 (2.165) (1.71) (0.165) 11,2 (0.44) (1.94) (0.16) (1.28) pin ? 0,8 mm (pin dia. 0.031) 81,5 ( 3.21 ) *note: when checking the approval status of this product with vde, add the prefix " bv " to the orderable part number (these letters will also be found on the part label). the prefix is not part of the orderable part number.
usa 858 674 8100 ? ? germany 49 7032 7806 0 ? ? singapore 65 6287 8998 ? ? shanghai 86 21 54643211 / 2 ? ? china 86 769 85538070 ? ? taiwan 886 3 4641811 www.pulseeng.com 21 lt2007 (9/07) laminated transformers type ei66 / 23 - 36va frequency 50/60hz potted under vacuum split-bobbin temperature class t a 40c/b weight: 0.75kg packaging unit: 6 pieces (tray) 4,2 55 555 5 5 (0.425) 9 2345 1678 77,5 (3.05) (2.80) (2.40) 47,5 48,5 35 (7 x 0.2) 10 11 12 13 14 15 16 61 (1.87) 71 (0.165) 10,8 (1.91) 4,5 (0.18) (1.38) pin ? 0,8 mm (pin dia. 0.031) 87,2 (3.43) mechanical schematics 1 810 15 no. 1 no. 2 1 8 9 10 15 16 no. 3 1 810 15 6 3 no. 4 1 89 10 15 16 6 3 230 6 / 6000 6.90 1 066-0131.0 3 * 230 9 / 4000 10.30 1 066-0132.0 3 * 230 12 / 3000 13.60 1 066-0133.0 3 * 230 15 / 2400 17.00 1 066-0134.0 3 * 230 18 / 2000 20.50 1 066-0135.0 3 * 230 24 / 1500 27.00 1 066-0136.0 3 * 230 2x6 / 3000 2x6.90 2 066-0137.0 3 * 230 2x9 / 2000 2x10.50 2 066-0138.0 3 * 230 2x12 / 1500 2x13.60 2 066-0139.0 3 * 230 2x15 / 1200 2x17.30 2 066-0140.0 3 * 2x115 6 / 6000 6.90 3 066-0226.0 3 * 2x115 9 / 4000 10.30 3 066-0227.0 3 * 2x115 12 / 3000 13.60 3 066-0228.0 3 * 2x115 15 / 2400 17.00 3 066-0229.0 3 * 2x115 18 / 2000 20.50 3 066-0230.0 3 * 2x115 24 / 1500 27.00 3 066-0231.0 3 * 2x115 2x6 / 3000 2x6.90 4 066-0232.0 3 * 2x115 2x9 / 2000 2x10.50 4 066-0233.0 3 * 2x115 2x12 / 1500 2x13.60 4 066-0234.0 3 * 2x115 2x15 / 1200 2x17.30 4 066-0235.0 3 * primary secondary no-load schematic part agency (v) (v / ma) voltage (v) no. number approvals agency approvals 3. en61558    *note: when checking the approval status of this product with vde, add the prefix " bv " and the suffix " a " to the orderable part number (these letters will also be found on the part label). the prefix and suffix are not part of the orderable part number.
usa 858 674 8100 ? ? germany 49 7032 7806 0 ? ? singapore 65 6287 8998 ? ? shanghai 86 21 54643211 / 2 ? ? china 86 769 85538070 ? ? taiwan 886 3 4641811 www.pulseeng.com 22 lt2007 (9/07) laminated transformers type ei66 / 34.7 - 50va (230v) frequency 50/60hz potted under vacuum split-bobbin temperature class t a 40c/b weight: 1.04kg packaging unit: 6 pieces (tray) 9 (0.35) 8,3 (0.33) 4,8 4,8 82 (3.23) (2.40) 35 42 94 40 6,3 (0.248) 58,5 (2.30) (1.65) (0.189) (1.57) (3.70) 61 (1.38) connection 0,8 mm (terminal thickness 0.031) (0.189) 13 (0.51) 37,5 (1.48) mechanical schematics 1 811 14 no. 1 no. 2 1 8 9 11 14 16 230 6 / 8333 7.20 1 066-0141.0 3 * 230 9 / 5560 10.40 1 066-0142.0 3 * 230 12 / 4170 13.40 1 066-0143.0 3 * 230 15 / 3330 17.00 1 066-0144.0 3 * 230 18 / 2780 20.50 1 066-0145.0 3 * 230 24 / 2080 27.10 1 066-0146.0 3 * 230 2x6 / 4170 2x7.00 2 066-0147.0 3 * 230 2x9 / 2780 2x10.40 2 066-0148.0 3 * 230 2x12 / 2080 2x13.60 2 066-0149.0 3 * 230 2x15 / 1670 2x17.60 2 066-0150.0 3 * *note: when checking the approval status of this product with vde, add the prefix " bv " and the suffix " b " to the orderable part number (these letters will also be found on the part label). the prefix and suffix are not part of the orderable part number. primary secondary no-load schematic part agency (v) (v / ma) voltage (v) no. number approvals agency approvals 3. en61558   
usa 858 674 8100 ? ? germany 49 7032 7806 0 ? ? singapore 65 6287 8998 ? ? shanghai 86 21 54643211 / 2 ? ? china 86 769 85538070 ? ? taiwan 886 3 4641811 www.pulseeng.com 23 lt2007 (9/07) laminated transformers type ei66 / 34.7 - 50va (2x115v) frequency 50/60hz potted under vacuum split-bobbin temperature class t a 40c/b weight: 1.04kg packaging unit: 6 pieces (tray) 4,2 55 555 5 5 9 2345 1678 77,5 (3.05) (2.80) 47,5 60,2 35 (7 x 0.2) 10 11 12 13 14 15 16 61 (2.40) (1.87) 71 (0.165) 10,8 (0.425) (2.37) 4,5 (0.18) ( 1.38 ) pin ? 0,8 mm (pin dia. 0.031) 87,2 (3.43) mechanical schematics no. 1 1 810 15 6 3 no. 2 1 89 10 15 16 6 3 2x115 6 / 8333 7.20 1 066-0236.0 3 * 2x115 9 / 5560 10.40 1 066-0237.0 3 * 2x115 12 / 4170 13.40 1 066-0238.0 3 * 2x115 15 / 3330 17.00 1 066-0239.0 3 * 2x115 18 / 2780 20.50 1 066-0240.0 3 * 2x115 24 / 2080 27.10 1 066-0241.0 3 * 2x115 2x6 / 4170 2x7.00 2 066-0242.0 3 * 2x115 2x9 / 2780 2x10.40 2 066-0243.0 3 * 2x115 2x12 / 2080 2x13.60 2 066-0244.0 3 * 2x115 2x15 / 1670 2x17.60 2 066-0245.0 3 * *note: when checking the approval status of this product with vde, add the prefix " bv " and the suffix " b " to the orderable part number (these letters will also be found on the part label). the prefix and suffix are not part of the orderable part number. primary secondary no-load schematic part agency (v) (v / ma) voltage (v) no. number approvals agency approvals 3. en61558   


▲Up To Search▲   

 
Price & Availability of 066-01450

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X