Part Number Hot Search : 
080502MS DMN2004 LBS70A25 RGP30K GRM32D M8170 RF1119 ZMD33220
Product Description
Full Text Search
 

To Download SMBJ12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smbj5.0 thru smbj170ca surface mount transient voltage suppressor breskdown voltage: 5.0-170 volts peak pulse power: 600 wallts case: jedec do-214aa molded plastic body over passivated junction terminals : solder plated , solderable per mil-std 750, method 2026 polarity : color band denotes cathode except for bidirectional types mounting position : any weight : 0.005 ounce,0.138 grams feature mechanical data optimzed for lan protection applications ideal for esd protection of data lines in accordance with iec 1000-4-2(iec801-2) ideal for eft protection of data lines in accordance with iec1000-4-4(iec801-2) plastic package has underwriters laboratory flammability classification 94v-0 glass passivated junction 600w peak pulse power capability excellent clamping capability low incremental xurge resistance fast response time:typically less than 1.0ps from 0v to v (br) min high temperature soldering guaranteed: 265 c/10s at terminals 0.180(4.57) 0.160(4.06) 0.155(3.94) 0.130(3.30) 0.122(3.12) 0.110(2.82) 0.060(1.52) 0.030(0.76) 0.220(5.59) 0.205(5.21) 0.012(0.305) 0.006(0.152) 0.008(0.203)max. do-214aa/smb dimensions in inches and (millimeters) c peak pulse power dissipation with a 10/1000 m s wavetorm(note 1,2,fig.1) peak forward surge current (note 1,2,3) peak pulse current with a 10/1000 m s waveform(note 1) steady state power dissapation (note 3) maximum instantaneous forward voltage at 50a(note 3,4) unidirectional only operating junction and storage temperature range p ppm i fsm i ppm p m(av) v f t stg ,t j symbols units value minimum 600 100.0 see table 1 5.0 3.5/5.0 -55 to + 150 watts amps amps watts volts maximum ratings and characteristics ratings at 25 c ambient temperature unless otherwise specified. devices for bidirectional applications for bidirectional use suffix c or ca for types smbj5.0 thru smbj170 (e.g. smbj5.0c,smbj170ca) electrical characteristics apply in both directions. notes: 1.non-repetitive current pulse,per fig.3 and derated above t a =25 c per fig.2 2.mounted on 5.0mm copper pads to each terminal 3.measured on 8.3ms single half sine-wine.for uni-di rectional devices only. 4.vf=3.5v on smb-5.0 thru smb-90 devices and vf=5.0v on smb-100 thru smb-170 devices 2 0.091 (2.30) 0.067 (1.70) mdd electronic
electrical characteristics (at t a =25 c unless otherwise noted) w o r k ing p eak r e v e r s e v o l t a ge m a x i m um r e v e r s e v o l t a ge a t i r sm ( c l a m ping v o l t a g e) m a x i m um r e v e r s e s u r ge c u rr e nt m a x i m um r e v e r se l ea k a g e at v r wm ( un i) (b i) v r wm ( v o l t s) m in (v) m a x (v) @ i t ( m a) v r sm ( v o l t s) i r sm (a m p s) i r ( a) s m b j 5 .0 s m b j 5 . 0c kd ad 5 .0 6 . 40 7 . 55 10 9 .6 62 .5 800 s m b j 5 . 0a s m b j 5 . 0 ca ke ae 5 .0 6 . 40 7 . 25 10 9 .2 65 .2 800 s m b j 6 .0 s m b j 6 . 0c kf af 6 .0 6 . 67 8 . 45 10 11 .4 52 .3 800 s m b j 6 . 0a s m b j 6 . 0 ca kg ag 6 .0 6 . 67 7 . 67 10 10 .3 58 .3 800 s m b j 6 .5 s m b j 6 . 5c kh ah 6 .5 7 . 22 9 . 14 10 12 .3 48 .7 500 s m b j 6 . 5a s m b j 6 . 5 ca kk ak 6 .5 7 . 22 8 . 30 10 11 .2 53 .6 500 s m b j 7 .0 s m b j 7 . 0c kl al 7 .0 7 . 78 9 . 86 10 13 .3 45 .1 200 s m b j 7 . 0a s m b j 7 . 0 ca km am 7 .0 7 . 78 8 . 95 10 12 .0 50 .0 200 s m b j 7 .5 s m b j 7 . 5c kn an 7 .5 8 . 33 10 . 80 1 .0 14 .3 42 .0 100 s m b j 7 . 5a s m b j 7 . 5 ca kp ap 7 .5 8 . 33 9 . 58 1 .0 12 .9 46 .5 100 s m b j 8 .0 s m b j 8 . 0c kq aq 8 .0 8 . 89 11 . 30 1 .0 15 .0 40 .0 50 s m b j 8 . 0a s m b j 8 . 0 ca kr ar 8 .0 8 . 89 10 . 20 1 .0 13 .6 44 .1 50 s m b j 8 .5 s m b j 8 . 5c ks as 8 .5 9 . 44 11 . 90 1 .0 15 .9 37 .7 20 s m b j 8 . 5a s m b j 8 . 5 ca kt at 8 .5 9 . 44 10 . 80 1 .0 14 .4 41 .7 20 s m b j 9 .0 s m b j 9 . 0c ku au 9 .0 10 . 00 12 . 80 1 .0 16 .9 35 .5 10 s m b j 9 . 0a s m b j 9 . 0 ca kv av 9 .0 10 . 00 11 . 50 1 .0 15 .4 39 .0 10 s m b j 10 s m b j 10c kw aw 10 .0 11 . 10 14 . 10 1 .0 18 .8 31 .9 5 .0 s m b j 10a s m b j 10 ca kx ax 10 .0 11 . 10 12 . 80 1 .0 17 .0 35 .3 5 .0 s m b j 11 s m b j 11c ky ay 11 .0 12 . 20 15 . 40 1 .0 20 .1 29 .9 5 .0 s m b j 11a s m b j 11 ca kz az 11 .0 12 . 20 14 . 40 1 .0 18 .2 33 .0 5 .0 s m b j 12 s m b j 12c ld bd 12 .0 13 . 30 16 . 90 1 .0 22 .0 27 .3 5 .0 s m b j 12a s m b j 12 ca le be 12 .0 13 . 30 15 . 30 1 .0 19 .9 30 .2 5 .0 s m b j 13 s m b j 13c lf bf 13 .0 14 . 40 18 . 20 1 .0 23 .8 25 .2 5 .0 s m b j 13a s m b j 13 ca lg bg 13 .0 14 . 40 16 . 50 1 .0 21 .5 27 .9 5 .0 s m b j 14 s m b j 14c lh bh 14 .0 15 . 60 19 . 80 1 .0 25 .8 23 .3 5 .0 s m b j 14a s m b j 14 ca lk bk 14 .0 15 . 60 17 . 90 1 .0 23 .2 25 .8 5 .0 s m b j 15 s m b j 15c ll bl 15 .0 16 . 70 21 . 10 1 .0 26 .9 22 .3 5 .0 s m b j 15a s m b j 15 ca lm bm 15 .0 16 . 70 19 . 20 1 .0 24 .4 24 .0 5 .0 s m b j 16 s m b j 16c ln bn 16 .0 17 . 80 22 . 60 1 .0 28 .8 20 .8 5 .0 s m b j 16a s m b j 16 ca lp bp 16 .0 17 . 80 20 . 50 1 .0 26 .0 23 .1 5 .0 s m b j 17 s m b j 17c lq bp 17 .0 18 . 90 23 . 90 1 .0 30 .5 19 .7 5 .0 s m b j 17a s m b j 17 ca lr br 17 .0 18 . 90 21 . 70 1 .0 27 .6 21 .7 5 .0 s m b j 18 s m b j 18c ls bs 18 .0 20 . 00 25 . 30 1 .0 32 .2 18 .6 5 .0 s m b j 18a s m b j 18 ca lt bt 18 .0 20 . 00 23 . 30 1 .0 29 .2 20 .5 5 .0 s m b j 20 s m b j 20c lu bu 20 .0 22 . 20 28 . 10 1 .0 35 .8 16 .7 5 .0 s m b j 20a s m b j 20 ca lv bv 20 .0 22 . 20 25 . 50 1 .0 32 .4 18 .5 5 .0 s m b j 22 s m b j 22c lw bw 22 .0 24 . 40 30 . 90 1 .0 39 .4 15 .2 5 .0 s m b j 22a s m b j 22 ca lx bx 22 .0 24 . 40 28 . 00 1 .0 35 .5 16 .9 5 .0 s m b j 24 s m b j 24c ly by 24 .0 26 . 70 33 . 80 1 .0 43 .0 14 .0 5 .0 s m b j 24a s m b j 24 ca lz bz 24 .0 26 . 70 30 . 70 1 .0 38 .9 15 .4 5 .0 s m b j 26 s m b j 26c md cd 26 .0 28 . 90 36 . 80 1 .0 46 .6 12 .4 5 .0 s m b j 26a s m b j 26 ca me ce 26 .0 28 . 90 32 . 20 1 .0 42 .1 14 .2 5 .0 s m b j 28 s m b j 28c mf cf 28 .0 31 . 10 39 . 40 1 .0 50 .0 12 .0 5 .0 s m b j 28a s m b j 28 ca mg cg 28 .0 31 . 10 35 . 80 1 .0 45 .4 13 .2 5 .0 s m b j 30 s m b j 30c mh ch 30 .0 33 . 30 42 . 40 1 .0 53 .5 11 .2 5 .0 s m b j 30a s m b j 30 ca mk ck 30 .0 33 . 30 38 . 30 1 .0 48 .4 12 .4 5 .0 s m b j 33 s m b j 33c ml cl 33 .0 36 . 70 46 . 90 1 .0 59 .0 10 .2 5 .0 s m b j 33a s m b j 33 ca mm cm 33 .0 36 . 70 42 . 20 1 .0 53 .3 11 .3 5 .0 br ea k d o wn v o l t a ge vb r v o l ts d e v i c e m a r k ing c o de d e v i ce u ni- di r e c t i o n al d e v i ce b i- di r e c t i o n al
electrical characteristics (at t a =25 c unless otherwise noted) notes: 1.v (br) measured after i t applied for 300 m s,i t =square wave pulse or equivalent 2.surge current waveform per fig.3 and derated per fig.2 3.for bidirectional types having v wm of 10 volts and less,the i d limit is doubled 4.all items and symbols are consistent with ansi/ieee c62.35 w o r k ing p eak r e v e r s e v o l t a ge m a x i m um r e v e r s e v o l t a ge a t i r sm ( c l a m ping v o l t a g e) m a x i m um r e v e r s e s u r ge c u rr e nt m a x i m um r e v e r se l ea k a g e at v r wm ( un i) (b i) v r wm ( v o l t s) m in (v) m a x (v) @ i t ( m a) v r sm ( v o l t s) i r sm (a m p s) i r ( a) s m b j 36 s m b j 36c mn cn 36 .0 40 .0 50 .7 1 .0 64 .3 9 .3 5 .0 s m b j 36a s m b j 36 ca mp cp 36 .0 40 .0 46 .0 1 .0 58 .1 10 .3 5 .0 s m b j 40 s m b j 40c mq cq 40 .0 44 .4 56 .3 1 .0 71 .4 8 .4 5 .0 s m b j 40a s m b j 40 ca mr cr 40 .0 44 .4 51 .1 1 .0 64 .5 9 .3 5 .0 s m b j 43 s m b j 43c ms cs 43 .0 47 .8 60 .5 1 .0 76 .7 7 .8 5 .0 s m b j 43a s m b j 43 ca mt ct 43 .0 47 .8 54 .9 1 .0 69 .4 8 .6 5 .0 s m b j 45 s m b j 45c mu cu 45 .0 50 .0 63 .3 1 .0 80 .3 7 .5 5 .0 s m b j 45a s m b j 45 ca mv cv 45 .0 50 .0 57 .5 1 .0 72 .7 8 .3 5 .0 s m b j 48 s m b j 48c mw cw 48 .0 53 .3 67 .5 1 .0 85 .5 7 .0 5 .0 s m b j 48a s m b j 48 ca mx cx 48 .0 53 .3 61 .3 1 .0 77 .4 7 .7 5 .0 s m b j 51 s m b j 51c my cy 51 .0 56 .7 71 .8 1 .0 91 .1 6 .6 5 .0 s m b j 51a s m b j 51 ca mz cz 51 .0 56 .7 65 .2 1 .0 82 .4 7 .3 5 .0 s m b j 54 s m b j 54c nd dd 54 .0 60 .0 76 .0 1 .0 96 .3 6 .2 5 .0 s m b j 54a s m b j 54 ca ne de 54 .0 60 .0 69 .0 1 .0 87 .1 6 .9 5 .0 s m b j 58 s m b j 58c nf df 58 .0 64 .4 81 .6 1 .0 103 .0 5 .8 5 .0 s m b j 58a s m b j 58 ca ng dg 58 .0 64 .4 74 .6 1 .0 93 .6 6 .4 5 .0 s m b j 60 s m b j 60c nh dh 60 .0 66 .7 84 .5 1 .0 107 .0 5 .6 5 .0 s m b j 60a s m b j 60 ca nk dk 60 .0 66 .7 76 .7 1 .0 96 .8 6 .2 5 .0 s m b j 64 s m b j 64c nl dl 64 .0 71 .1 90 .1 1 .0 114 .0 5 .3 5 .0 s m b j 64a s m b j 64 ca nm dm 64 .0 71 .1 81 .8 1 .0 103 .0 5 .8 5 .0 s m b j 70 s m b j 70c nn dn 70 .0 77 .8 98 .6 1 .0 125 .0 4 .8 5 .0 s m b j 70a s m b j 70 ca np dp 70 .0 77 .8 89 .5 1 .0 113 .0 5 .3 5 .0 s m b j 75 s m b j 75c nq dq 75 .0 83 .3 106 .0 1 .0 134 .0 4 .5 5 .0 s m b j 75a s m b j 75 ca nr dr 75 .0 83 .3 95 .8 1 .0 121 .0 4 .9 5 .0 s m b j 78 s m b j 78c ns ds 78 .0 86 .7 110 .0 1 .0 139 .0 4 .3 5 .0 s m b j 78a s m b j 78 ca nt dt 78 .0 86 .7 99 .7 1 .0 126 .0 4 .7 5 .0 s m b j 85 s m b j 85c nu du 85 .0 94 .4 119 .2 1 .0 151 .0 3 .9 5 .0 s m b j 85a s m b j 85 ca nv dv 85 .0 94 .4 108 .2 1 .0 137 .0 4 .4 5 .0 s m b j 90 s m b j 90c nw dw 90 .0 100 .0 126 .5 1 .0 160 .0 3 .8 5 .0 s m b j 90a s m b j 90 ca nx dx 90 .0 100 .0 115 .5 1 .0 146 .0 4 .1 5 .0 s m b j 100 s m b j 100c ny dy 100 .0 111 .0 141 .0 1 .0 179 .0 3 .4 5 .0 s m b j 100a s m b j 100 ca nz dz 100 .0 111 .0 128 .0 1 .0 162 .0 3 .7 5 .0 s m b j 110 s m b j 110c pd ed 110 .0 122 .0 154 .0 1 .0 196 .0 3 .0 5 .0 s m b j 110a s m b j 110 ca pe ee 110 .0 122 .0 140 .0 1 .0 177 .0 3 .4 5 .0 s m b j 120 s m b j 120c pf ef 120 .0 133 .0 169 .0 1 .0 214 .0 2 .8 5 .0 s m b j 120a s m b j 120 ca pg eg 120 .0 133 .0 153 .0 1 .0 193 .0 3 .1 5 .0 s m b j 130 s m b j 130c ph eh 130 .0 144 .0 182 .0 1 .0 231 .0 2 .6 5 .0 s m b j 130a s m b j 130 ca pk ek 130 .0 144 .0 165 .0 1 .0 209 .0 2 .9 5 .0 s m b j 150 s m b j 150c pl el 150 .0 167 .0 211 .5 1 .0 268 .0 2 .2 5 .0 s m b j 150a s m b j 150 ca pm em 150 .0 167 .0 192 .0 1 .0 243 .0 2 .5 5 .0 s m b j 160 s m b j 160c pn en 160 .0 178 .0 226 .0 1 .0 287 .0 2 .1 5 .0 s m b j 160a s m b j 160 ca pp ep 160 .0 178 .0 205 .0 1 .0 259 .0 2 .3 5 .0 s m b j 170 s m b j 170c pq eq 170 .0 189 .0 239 .5 1 .0 304 .0 2 .0 5 .0 s m b j 170a s m b j 170 ca pr er 170 .0 189 .0 217 .5 1 .0 275 .0 2 .2 5 .0 br ea k d o wn v o l t a ge vb r v o l ts d e v i c e m a r k ing c o de d e v i ce u ni- di r e c t i o n al d e v i ce b i- di r e c t i o n al
ratings and characteristic curves smbj5.0 thur 170ca 100 10 1.0 0.1 0.1 m s 1.0 m s 10 m s 100 m s 1.0ms 10ms fig. 1-peak pulse power rating curve td,pulse width,sec. 10,000 1,000 100 10 1.0 10 100 200 1.0 10 100 100 0 80 80 40 fig. 4-typical junctional capacitance unidirectional fig.6-maximum non-repetitive forward surge current unidirectional only v (br) ,breakdown voltage,volts number of cycles at 60hz 100 75 50 25 0 0 25 50 75 100 125 150 175 fig. 2-pulse derating curve t a, ambient temperature,( c) ppp m ,peak pulse power,kw i fsm ,peak forward surage current amperes c j ,jinction capacitance,pf peak pulse power(ppp m )or current(ipp m ) derating in percentage,% non-repetitive pulse waveform shown in fig.3 t a =25 c 0.2x0.2 ? (0.5x0.5mm) copper pad areas 0.2x0.2 ? (0.5x0.5mm) copper pad areas 20 t j =t j max. 8.3ms single half sine-wave (jedec method) t j =25 c f=1.0mhz vsig=50mvp-p measured at stand-off voltage,vw m measured at zero bias 5.00 3.75 2.50 1.25 0 0 25 50 75 100 125 150 175 fig.5-steady state power derating curve t l ,lead temperature, c pm (av) ,steady state power dissipation,watts 60hz resistive or inductive load 0.2x0.2 ? (0.5x0.5mm) copper pad areas 150 100 50 0 0 1.0 2.0 3.0 4.0 fig.3-pulse waveform t,time,ms ipp m ,peak pulse current,% 10/1000 m sec waveform as dfined by r.e.a pulse width (td) is defined as the point where the peak current decays to 50% of ipp m peak value ipp m half value i pp m 2 tr=10 m sec td mdd electronic


▲Up To Search▲   

 
Price & Availability of SMBJ12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X