Part Number Hot Search : 
PC123Y1 SG4953S AD558S 0100P LTM4620 R3610 L7809CV TOLD9231
Product Description
Full Text Search
 

To Download MURATAMANUFACTURINGCOLTD-LQH88PN4R7N38L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 1 o this data sheet is applied for chip inductors (chip coils) used for general electronics equipment for your design. 2010.9.9 inductors (coils) > chip inductor (chip coil) > power inductor (wire wound type) 8.0 0.2 8.0 0.2 1.9 0.2 1.9 0.2 8.0 0.2 3.8 0.2 (0.3) (in mm) 3.0 (typ.) 1.0 (typ.) chip inductor (chip coil) power inductor (wire wound type) lqh88p series (3131 size)  dimensions  packaging code packaging minimum quantity l 180mm embossed tape 250 k 330mm embossed tape 1000  rated value ( p : packaging code) part number inductance rated current (based on inductance change) rated current (based on temperature rise) dc resistance self resonance frequency (min.) lqh88pn1r0n38 p 1.0 h 30% 11.20a 8.00a 0.006ohm 30% 100mhz lqh88pn1r5n38 p 1.5 h 30% 8.50a 7.10a 0.008ohm 30% 60mhz lqh88pn2r2n38 p 2.2 h 30% 8.00a 6.40a 0.009ohm 30% 50mhz lqh88pn3r3n38 p 3.3 h 30% 7.00a 5.00a 0.013ohm 30% 35mhz lqh88pn4r7n38 p 4.7 h 30% 6.00a 4.20a 0.017ohm 30% 30mhz lqh88pn6r8n38 p 6.8 h 30% 4.50a 3.80a 0.022ohm 30% 20mhz lqh88pn100m38 p 10 h 20% 3.60a 3.15a 0.029ohm 30% 18mhz lqh88pn150m38 p 15 h 20% 3.00a 2.45a 0.041ohm 30% 13mhz lqh88pn220m38 p 22 h 20% 2.70a 2.25a 0.066ohm 30% 10mhz lqh88pn330m38 p 33 h 20% 1.90a 1.75a 0.095ohm 30% 9mhz lqh88pn470m38 p 47 h 20% 1.50a 1.45a 0.157ohm 30% 7mhz lqh88pn680m38 p 68 h 20% 1.25a 1.10a 0.190ohm 30% 7mhz lqh88pn101m38 p 100 h 20% 1.00a 1.00a 0.265ohm 30% 4mhz test frequency: 100khz class of magnetic shield: magnetic shield of magnetic powder in resin operating temperature range (self-temperature rise is included): -40 c to +125 c operating temperature range (self-temperature rise is not included): -40 c to +85 c only for reflow soldering. continued on the following page.
continued from the preceding page. http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 2 o this data sheet is applied for chip inductors (chip coils) used for general electronics equipment for your design. 2010.9.9 0.1 1 10 100 10000 1000 0.1 1 10 100 1000 frequency (mhz) inductance ( h) 1.0 h 1.5 h 2.2 h 3.3 h 4.7 h 6.8 h 10 h 15 h 22 h 33 h 47 h 68 h 100 h 0.1 1 10 100 10 100 1000 100000 10000 current (ma) inductance ( h) 1.0 h 1.5 h 3.3 h 4.7 h 6.8 h 10 h 15 h 2.2 h 22 h 33 h 47 h 68 h 100 h current (ma) temperature rise ( c) 40 30 20 10 0 0 2000 4000 6000 8000 10000 1.5 h 1.0 h 3.3 h2.2 h 6.8 h 4.7 h 15 h 10 h 33 h 22 h 100 h 68 h 47 h inductors (coils) > chip inductor (chip coil) > power inductor (wire wound type) (based on inductance change) when rated current is applied to the products, inductance will be within +-30% of nominal inductance value. (based on temperature rise) when rated current is applied to the products, self-generation of heat will rise to 40 c or less.  notice (rated current)  inductance-frequency characteristics (typ.)  inductance-current characteristics (typ.)  temperature rise characteristics (typ.) ! caution (rating) do not use products beyond the rated current as this may create excessive heat. notice solderability of tin plating termination chip might be deteriorated when low temperature soldering profile where peak solder temperature is below the tin melting point is used. please confirm the solderability of tin plating termination chip before use.  ! caution/notice


▲Up To Search▲   

 
Price & Availability of MURATAMANUFACTURINGCOLTD-LQH88PN4R7N38L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X