Part Number Hot Search : 
3222E 74ACT74 TLOE156P SDC15 CGD944C SMA36 STK3082 FR601GP
Product Description
Full Text Search
 

To Download MUR1560 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  m u r 1 5 05 thru m u r 1 5 6 0 1 5 amp s u p er f a s t g la ss p a ss i v a t ed r ec t i f i e r features maximum ratings operating temperature: - 5 5 c to +1 75 c storage temperature: - 5 5 c to + 1 75 c microsemi catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage mur1505 m u r 1 5 05 50v 35v 50v m u r 1 5 1 0 m u r 1 5 1 0 100v 70v 100v mur1520 mur1520 200v 140v 200v mur1540 mur1540 400v 280v 400v MUR1560 MUR1560 600v 420v 600v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 1 5 .0a t c = 1 20 c peak forward surge current i fsm 150a 8.3ms, half sine maximum forward voltage drop per element maximum dc reverse current at rated dc blocking voltage i r 1 0 u a 10 00 ua t j = 25 c t j = 100 c mcc www. mccsemi .com g la ss p a ss i v at ed c h i p s u p er f as t sw i t c h in g t i m e f o r h i gh t ef f i c i e n c y l o w r e ve r se l e a k a g e c u rr e n t h ig h s u r g e ca p a c i ty 1 5 0 5 - 15 2 0 15 4 0 - 15 6 0 a b c k j i g f e d n m l h pin 1 pin 2 case p i n 12  i n c h es m m        a . 56 0 .625 14.22 15.88 b . 3 8 0 . 42 0 9.65 10.67 c . 10 0 .135 2.54 3.43 d . 23 0 .270 5.84 6.86 e .380 .420 9.65 10.67 f ------ .250 ------ 6.35 g .500 .580 12.70 14.73 h .190 . 2 1 0 4.83 5. 33 i . 02 0 .045 0.51 1.14 j .012 .025 0.30 0.64 k .139 .161 3.53 4.09 l .140 .190 3.56 4.83 m .045 .055 1.14 1.40 n .080 .115 2.03 2.92  t o - 22 0 a c t j = 25 c 1 5 0 5 - 15 2 0 1 5 4 0 - 1 5 6 0 1. 25 v 2. 0 v v f i fm = 15 a t rr i f = 0. 5 a, i r = 1. 0 a, i rr =0.25a typical junction capacitance c j 1 60 pf mea s u r ed at 1.0mhz, v r =4.0v 3 5 n s 6 0 n s maximum reverse recovery time 50 to 6 00 volts *pulse test: pulse width 30 0 m sec, duty cycle 2 %         
 om p on ent s 21 20 1 i t a sc a s t ree t ch at s w or th               !  " #   $
%          !   " #    version: 2 2002/12/ 30
m u r 1 5 05 thru m u r 1 5 6 0 instantaneous reverse leakage current - microamperes versus percent of rated peak reverse voltage - volts average forward rectified current - amperes versus c as e temperature - c figure 3 forward derating curve 25 50 100 150 175 0 0 2 4 6 single phase, half wave 60hz resistive or inductive load amps c 75 1 0 1 2 1 5 instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics volts 4 6 20 10 amps .2 1. 8 .4 .6 1. 0 1. 4 .01 .02 .04 .06 .1 .2 .4 .6 1 2 25 c 40 60 100 2 .2 figure 2 typical reverse characteristics volts .4 .6 2 1 m amps 2 0 1 4 0 40 8 0 100 1 2 0 .001 .002 .00 4 .006 .01 .02 .04 .06 .1 .2 4 6 10 1 6 0 t j =25 c www. mccsemi .com mcc 1 50 5 - 1 5 2 0 1 100 4 0 25 50 75 8 figure 4 maximum non-repetitive forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 00 100 1 5 0 2 0 0 1 5 4 0 - 1 5 6 0 version: 2 2002/12/ 30


▲Up To Search▲   

 
Price & Availability of MUR1560

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X