Part Number Hot Search : 
ST72F621 35020 010012TD R2016 04M86RQ P010008 EDI8M LC99154
Product Description
Full Text Search
 

To Download MBRB25100-TP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  m b r b 2 5 2 0 thru m b r b 2 5 1 00 2 5 am p s c h o tt ky b a rr i er rectifier 2 0 to 1 0 0 volts features m e a t l o f s i l i co n r e c t i f i e r , m a j o r i ty c on d u ct o n g ua rd r i ng f o r t r a n si e n t p r o te c t io n low forward voltage drop high current capability , h i g h e ff i c i e n cy l o w p o we r l o ss maximum ratings operating temperature: - 5 5 c to +1 5 0 c storage temperature: - 5 5 c to +1 5 0 c m cc catalog number maximum re current peak reverse voltage maximum rms voltage maximum dc blocking voltage m b r b 2 5 2 0 20 v 14 v 2 0v m b r b 2 5 3 0 3 0v 21 v 3 0v m b r b 2 5 3 5 35 v 24 .5 v 35 v m b r b 2 5 4 0 4 0v 28 v 4 0 v m b rb 2 54 5 45 v 31 .5 v 45 v electrical characteristics @ 2 5 c unless otherwise specified average forward current i f(av) 2 5 a t a = 130 c peak forward surge current i fsm 1 5 0 a 8.3ms, half sine maximum instantaneous forward voltage 2 5 2 0 c t - 2 5 4 0 ct 2 5 45 c t - 2 5 6 0 c t v f . 63 v . 75 v i fm = 25 a; maximum dc reverse current at rated dc blocking voltage i r 0 . 2 m a t a = 25 c *pulse test: pulse width 300 m sec, duty cycle 1% www. mccsemi .com m b r b 2 5 1 00 100 v 70 v 100v m b r b 2 58 0 8 0v 56 v 8 0v m b r b 2 56 0 6 0v 42 v 6 0v 2 5 8 0 c t - 2 5 1 0 0 c t . 8 4 v         
 om p on ent s 2 07 36 ma ri lla s t ree t ch at s w or th               !  " #   $
%          !   " #    mcc revi sion: 3 200 3 / 04 /3 0 d 2 -pack suggested solder pad layout 2 , 4 heatsink 1 3 c dimensions inches m m dim min max min max note a .320 .359 8.13 9.14 b .380 .411 9.65 10.45 c .160 .190 4.06 4.83 d .020 .035 0.51 0.89 e .045 .055 1.14 1.40 g .095 .105 2.41 2.67 h .096 .120 2.43 3.03 j .014 .021 0.35 0.53 k .090 .110 2.29 2.79 s .575 .625 14.60 15.80 v .045 .055 1.14 1.40 e j k h a s v b d g 1 2 3 4 i n ch e s mm . 0 65 1.65 .330 8. 3 8 .420 1 0 . 6 6 .120 3 . 05 . 0 7 0 1 . 78 .740 18.79
mb r b 2 5 2 0 thru mb r b 2 5 1 0 0 instantaneous reverse leakage current - microamperes versus percent of rated peak reverse voltage - volts average forward rectified current - amperes versus ambient temperature - c figure 3 forward derating curve 25 50 100 1 3 0 1 5 0 0 0 5 8 1 0 single phase, half wave 60hz resistive or inductive load amps c 75 1 5 2 0 2 5 instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics volts 4 6 20 10 amps . 2 . 7 . 3 . 4 . 5 . 6 .01 .02 .04 .06 .1 .2 .4 .6 1 2 25 c 40 60 100 . 8 figure 2 typical reverse characteristics volts .4 .6 2 1 m amps 20 1 5 0 5 0 75 1 0 0 1 2 5 .001 .002 .00 4 .006 .01 .02 .04 .06 .1 .2 4 6 10 1 7 5 t j =25 c ww w . mccsemi .com mcc 1 100 4 0 2 5 5 0 7 5 8 figure 4 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 1 00 1 25 1 5 0 2 5 8 0 -25100 2 5 2 0 -2540 2545-2560 revi sion: 3 200 3 / 04 /3 0


▲Up To Search▲   

 
Price & Availability of MBRB25100-TP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X