Part Number Hot Search : 
TC387 UN4218 LF711RW C1906 ER1600CT X1165A SQ0465 D1123
Product Description
Full Text Search
 

To Download M80-0111405 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.harwin.com 33 all dimensions in mm. 2.00 b c a 6.65 max 2.00 max 12.55 no .1 c ontact 2.00 2.00 b c a 6.65 max 12.55 ma x m2 a/f 3.0 0 no .1 c ontact datamate connectors female crimp extended wall extended wall datamate allows back potting to be performed. polarised mouldings. crimp contacts are rear insertable. large bore 22awg, small bore 24-28 awg. part numbers are for housings and the equivalent no. of contacts. mates with male connectors shown on pages 18C24 and 26C27. how to order without jackscrews with jackscrews c ri mp co n tacts too l s w ire s tri pp i ng d etai l s ? 1.1 ma x. 2.0 nominal recommended crimp tool C m22520/2-01 positioner C t5747 contact insertion/removal tool C z80-280 see pages 61 to 62 instruction sheets available at www.harwin.com/downloads/instructions finish 05 gold m80 C xxx xx 05 t o t al n o. of c ont a ct s double row 06, 10, 14, 20, 26, 34, 42 contacts 00 series c ode type 011 large bore contact 466 small bore, with jackscrews 013 small bore contact 475 large bore, without jackscrews 465 large bore, with jackscrews 476 small bore, without jackscrews cal cula tion a b + 12 b total no. of contacts C 2 c b + 7 large bore (22 awg): small bore (24-28 awg): 7.45 small bore ident groo ve 7.45 small bore ident groo ve


▲Up To Search▲   

 
Price & Availability of M80-0111405

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X