6 lake street, lawrence, ma 01841 3/98 rev: d 1-800-446-1158 / (978) 794-1666 / fax: (978) 689- 0803 page 1 of 2 maximum ratings ratings symbol 2n1483 2n1485 2n1484 2n1486 units collector-emitter voltage v ceo 40 55 vdc collector-base voltage v cbo 60 100 vdc emitter-base voltage v ebo 12 vdc collector current -- continuous i c 3.0 adc total power dissipation @ t a = 25 0 c (1) @ t c = 25 0 c (2) p t 1.75 25 w w operating & storage junction temperature range t j , t stg -65 to +200 0 c 1) derate linearly 0.010 w/ 0 c for t a > 25 0 c 2) derate linearly 0.143 w/ 0 c for t c > 25 0 c electrical characteristics characteristics symbol min. max. unit off characteristics collector-emitter breakdown voltage i c = 100 madc 2n1483, 2n1485 2n1484, 2n1486 v (br)ceo 40 55 vdc collector-base breakdown voltage i c = 100 m adc 2n1483, 2n1485 2n1484, 2n1486 v (br)cbo 60 100 vdc collector-emitter breakdown voltage v eb = 1.5 vdc, i c = 0.25 madc 2n1483, 2n1485 2n1484, 2n1486 v (br)cex 60 100 vdc collector-base cutoff current v cb = 30 vdc 2n1483, 2n14 85 v cb = 50 v dc 2n1484, 2n1486 i cbo 15 15 m adc emitter-base cutoff current v eb = 12 vdc i ebo 15 m adc technical data to-8 2n1483 jan, jtx 2n1484 jan, jtx 2n1485 jan, jtx 2n1486 jan , jtx processed per mil-prf-19500/180 npn silicon medium-power transistor mil-prf qpl devices
6 lake street, lawrence, ma 01841 3/98 rev: d 1-800-446-1158 / (978) 794-1666 / fax: (978) 689- 0803 page 2 of 2 2n 1483, 2n1484, 2n 1485, 2n1486 jan series electrical characteristics ( con?t) characteristics symbol min. max. unit on characteristics (3) forward-current transfer ratio i c = 750 madc, v ce = 4.0 vdc 2n1483, 2n1484 2n1485, 2n1486 h fe 20 35 60 100 collector-emitter saturation voltage i c = 750 madc, i b = 75 madc 2n1483, 2n1484 i c = 750 madc, i b = 40 madc 2n1485, 2n1486 v ce(sat) 1.20 0.75 vdc base-emitter voltage i c = 750 madc, v ce = 4.0 vdc v be 2.0 vdc dynamic characteristics forward current transfer ratio i c = 5.0 madc, v cb = 28 vdc f hfb 600 khz output capacitance v cb = 10 vdc, i e = 0, 100 khz f 1.0 mhz c obo 400 pf switching characteristics turn-on time v cc = 12 vdc; r c = 15.9 w ; i b0 = i b2 = 35 madc; i b1 = 65 madc t on + t off 25 m s (3)pulse test : pulse width = 300 m s, duty cycle 2.0%.
|