Part Number Hot Search : 
2N6431 2SA878 P504A 2A100 12F20M BFQ235A BE100 FM4003
Product Description
Full Text Search
 

To Download G2R-1-E-DC6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  power pcb relay g2r 1 power pcb relay g2r ? creepage distance of 8.0 mm (0.31) min. between coil and contact.  dual-winding latching type available.  plug-in and quick-connect terminals available (see g2r- s(s) data sheet).  high sensitivity (360 mw) and high capacity (16 a) types available.  highly stable magnetic circuit for latching endurance and excellent resistance to vibration and shock.  safety-oriented design assuring high surge resistance: 10,000 v min. between coil and contacts.  ul, csa approved, marked with ce. ordering information to order: select the part number and add the desired coil voltage rating (e.g., g2r-14- dc12 ). non-latching 1-pole - pcb types 1-pole - quick-connect types 2-pole - pcb types note: 1. bifurcated button available. 2. for individual product agency approvals consult factory. 3. class b coil insulation available. 4. ce mark only on quick connect types. type contact material contact form construction model general purpose ag alloy spdt semi-sealed g2r-1 sealed g2r-14 spst-no semi-sealed g2r-1a sealed g2r-1a4 high-capacity spdt semi-sealed g2r-1-e spst-no g2r-1a-e high-sensitivity spdt g2r-1-h sealed g2r-14-h spst-no semi-sealed g2r-1a-h sealed g2r-1a4-h type contact material contact form terminal model upper-mount bracket ag alloy spdt quick connect g2r-1-t spst-no g2r-1a-t type contact material contact form construction model general purpose ag alloy dpdt semi-sealed g2r-2 sealed g2r-24 dpst-no semi-sealed g2r-2a sealed g2r-2a4 high sensitivity dpdt semi-sealed g2r-2-h sealed g2r-24-h dpst-no semi-sealed g2r-2a-h sealed g2r-2a4-h
2 power pcb relay g2r latching specifications contact data non-latching general purpose and upper-mount bracket. non-latching high capacity 1-pole type non-latching hi gh-sensitivity type contact form construction model dual coil latching spdt semi-sealed g2rk-1 spst-no g2rk-1a dpdt g2rk-2 dpst-no g2rk-2a load 1-pole type 2-pole type resistive load (p.f. = 1) inductive load (p.f. = 0.4) (l/r = 7 ms) resistive load (p.f. = 1) inductive load (p.f. = 0.4) (l/r = 7 ms) rated load 10 a at 250 vac 10 a at 30 vdc 7.5 a at 250 vac 5 a at 30 vdc 5 a at 250 vac 5 a at 30 vdc 2 a at 250 vac 3 a at 30 vdc contact material ag-alloy carry current 10 a 5 a max. operating voltage 380 vac, 125 vdc max. operating current 10 a 5 a max. switching capacity 2,500 va, 300 w 1,875 va, 150 w 1,250 va, 150 w 500 va, 90 w min permissible load 100 ma, 5 vdc 10 ma, 5 vdc load resistive load (p.f. = 1) inductive load (p.f. = 0.4) (l/r = 7 ms) rated load 16 a at 250 vac 16 a at 30 vdc 8 a at 250 vac 8 a at 30 vdc contact material ag-alloy carry current 16 a max. operating voltage 380 vac, 125 vdc max. operating current 16 a max. switching capacity 4,000 va, 480 w 2,000 va, 240 w min. permissible load 100 ma, 5 vdc load 1-pole type 2-pole type resistive load (p.f. = 1) inductive load (p.f. = 0.4) (l/r = 7 ms) resistive load (p.f. = 1) inductive load (p.f. = 0.4) (l/r = 7 ms) rated load 5 a at 250 vac 5 a at 30 vdc 2 a at 250 vac 3 a at 30 vdc 3 a at 250 vac 3 a at 30 vdc 1 a at 250 vac 1.50 a at 30 vdc contact material ag-alloy carry current 5 a 3 a max. operating voltage 380 vac, 125 vdc max. operating current 5 a 3 a max. switching capacity 1,250 va, 150 w 500 va, 90 w 750 va, 90 w 250 va, 45 w min permissible load 100 ma, 5 vdc 10 ma, 5 vdc
power pcb relay g2r 3 latching note: 1. p standard: 50 = 0.10 x 10 -6 operation. 2. for individual product agency approvals consult factory. coil data non-latching dc coil non-latching ac coil non-latching high-sensitivity dc coil load 1-pole type 2-pole type resistive load (p.f. = 1) inductive load (p.f. = 0.4) (l/r = 7 ms) resistive load (p.f. = 1) inductive load (p.f. = 0.4) (l/r = 7 ms) rated load 5 a at 250 vac 5 a at 30 vdc 3.50 a at 250 vac 2.50 a at 30 vdc 3 a at 250 vac 3 a at 30 vdc 1.50 a at 250 vac 2 a at 30 vdc contact material ag-alloy carry current 5 a 3 a max. operating voltage 380 vac, 125 vdc max. operating current 5 a 3 a max. switching capacity 1,250 va, 150 w 875 va, 75 w 750 va, 90 w 375 va, 60 w min permissible load 100 ma, 5 vdc 10 ma, 5 vdc rated voltage (vdc) rated current (ma) coil resistance ( ? ) coil inductance (ref. value) (h) pick-up voltage dropout voltage maximum voltage power consumption (mw) armature off armature on % of rated voltage 3 176 17 0.07 0.14 70% max. 15% min. 110% max. at 70 c (158 f) approx. 530 5 106 47 0.20 0.39 6 88.20 68 0.28 0.55 12 43.60 275 1.15 2.29 24 21.80 1,100 4.27 8.55 48 11.50 4,170 13.86 22.71 100 5.30 18,860 67.20 93.20 110 4.80 22,900 81.50 110.60 rated voltage (vac) rated current (ma) coil resistance ( ? ) coil inductance (ref. value) (h) pick-up voltage dropout voltage maximum voltage power consumption (va) armature off armature on % of rated voltage 6 150 16 0.05 0.10 80% max. 30% min. 110% max. at 70 c (158 f) approx. 0.9 12 75 65 0.19 0.39 24 37.50 260 0.81 1.55 50 18 1,130 3.25 6.73 110 10.60 4,600 13.34 26.84 120 7.50 6,500 21 42 220 5.30 22,000 51.30 102 240 3.80 30,000 65.50 131 rated voltage (vdc) rated current (ma) coil resistance ( ? ) coil inductance (ref. value) (h) pick-up voltage dropout voltage maximum voltage power consumption (mw) armature off armature on % of rated voltage 3 120 25 0.13 0.26 70% max. 15% min. 110% max. at 70 c (158 f) approx. 360 5 71.40 70 0.37 0.75 6 60 100 0.63 1.07 12 30 400 2.14 4.27 24 15 1,600 7.80 15.60 48 7.50 6,400 31.20 62.40
4 power pcb relay g2r latching dual coil type - set coil latching dual coil type - reset coil note: 1. the rated current and coil resistance ar e measured at a coil temperature of 23 c (73 f) with a tolerance of 10%. 2. the operating characteristics are m easured at a coil temperature of 23 c (73 f). characteristics note: data shown are of initial value. rated voltage (vdc) rated current (ma) coil resistance ( ? ) coil inductance (ref. value) (h) pick-up voltage dropout voltage maximum voltage power consumption (mw) armature off armature on % of rated voltage 3 227 10.80 0.026 0.052 70% max. 70% max. 110% max. at 70 c (158 f) approx. 850 5 167 30 0.073 0.146 6 138 43.50 0.104 0.208 12 70.60 170 0.42 0.83 24 34.60 694 1.74 3.43 rated voltage (vdc) rated current (ma) coil resistance ( ? ) coil inductance (ref. value) (h) pick-up voltage dropout voltage maximum voltage power consumption (mw) armature off armature on % of rated voltage 3 200 15 0.001 0.002 70% max. 70% max. 110% max. at 70 c (158 f) approx. 600 5 119 42 0.003 0.006 6 100 60 0.005 0.009 12 50 240 0.018 0.036 24 25 960 0.079 0.148 item non-latching latching contact resistance 100 m ? operate (set) time 15 ms. max. 20 ms max. release (reset) time ac: 10 ms max.; dc: 5 ms max. 20 ms max. bounce time operate --- mean value approx. 3 ms release --- mean value approx. 8 ms operating frequency mechanical 18,000 operations/hour electrical 1,800 operations/hour (under rated load) insulation resistance 1,000 m ? min. (at 500 vdc) dielectric strength 5,000 vac, 50/60 hz for 1 minute between coil and contacts 1,000 vac, 50/60 hz for 1 minute across contacts of same pole 3,000 vac, 50/60 hz for 1 minute between contact sets, 2-pole non-latching 1,000 vac, 50/60 hz for 1 minute between set and reset coils of dual coil latching vibration mechanical durability 10 to 55 hz; 1.50 mm (0.06) double amplitude malfunction durability 10 to 55 hz; 1.50 mm (0.06) double amplitude shock mechanical durability 1,000 m/s 2 (approx. 100g) malfunction durability 200 m/s 2 (approx. 20 g) when energized 100 m/s 2 (approx. 10 g) when de-energized 500 m/s 2 (approx. 50 g) at set 100 m/s 2 (approx. 10 g) at reset ambient temperature -40 to 70 c (-40 to 158 f) humidity 35% to 85% rh service life mechanical ac: 10,000,000 operations min. dc: 20,000,000 operations min. (at 18,000 operations/hour) 10,000,000 operations min. (at 18,000 operations/hour) electrical see ?characteristics data? weight approx. 17 g (0.60 oz.) approx. 17 g (0.60 oz.)
power pcb relay g2r 5 characteristic data maximum switching capacity - non-latching types rated operating current (a) rated operating voltage (v) rated operating current (a) rated operating voltage (v) rated operating current (a) rated operating voltage (v) pcb: single-pole general purpose semi-sealed quick-connect: single-pole single button high capacity pcb: single-pole high sensitivity two-pole general purpose rated operating current (a) rated operating voltage (v) rated operating current (a) rated operating voltage (v) rated operating current (a) rated operating voltage (v) pcb: two-pole high sensitivity pcb: single-pole general purpose sealed pcb: two-pole general purpose sealed
6 power pcb relay g2r electrical service life - non-latching types service life (x 10 4 operations) rated operating current (a) service life (x 10 4 operations) rated operating current (a) service life (x 10 4 operations) rated operating current (a) pcb: single-pole general purpose semi-sealed high capacity pcb: single-pole high sensitivity two-pole general purpose quick-connect: si ngle-pole single button service life (x 10 4 operations) rated operating current (a) service life (x 10 4 operations) rated operating current (a) service life (x 10 4 operations) rated operating current (a) pcb: two-pole high sensitivity pcb: single-pole general purpose sealed pcb: two-pole general purpose sealed
power pcb relay g2r 7 maximum switching capacity - latching types electrical service life - latching types dimensions unit: mm (inch) non-latching rated operating current (a) rated operating voltage (v) rated operating current (a) rated operating voltage (v) one pole two-pole service life (x 10 4 operations) rated operating current (a) rated operating current (a) service life (x 10 4 operations) one pole two-pole terminal arrangement/ mounting holes internal connections (bottom view) (bottom view) pcb terminal: spdt, general purpose & high sensitivity
8 power pcb relay g2r note: 1. and indicate mounting orientation marks. 2. a tolerance of 0.10 (0.004) applies to the above dimensions. note: 1. and indicate mounting orientation marks. 2. a tolerance of 0.10 (0.004) applies to the above dimensions. terminal arrangement/ mounting holes internal connections (bottom view) (bottom view) pcb terminal: spst-no, general purpose & high sensitivity terminal arrangement/ mounting holes internal connections (bottom view) (bottom view) pcb terminal: spdt, high capacity terminal arrangement/ mounting holes internal connections (bottom view) (bottom view) pcb terminal: spst-no, high capacity terminal arrangement/ mounting holes internal connections (bottom view) (bottom view) quick-connect: spdt
power pcb relay g2r 9 note: 1. and indicate mounting orientation marks. 2. a tolerance of 0.10 (0.004) applies to the above dimensions. terminal arrangement/ mounting holes internal connections (bottom view) (bottom view) quick-connect: spst-no terminal arrangement/ mounting holes internal connections (bottom view) (bottom view) pcb terminal: dpdt, general purpose & high sensitivity terminal arrangement/ mounting holes internal connections (bottom view) (bottom view) pcb terminal: dpst-no, general purpose & high sensitivity
10 power pcb relay g2r latching note: 1. and indicate mounting orientation marks. 2. a tolerance of 0.10 (0.004) applies to the above dimensions. dual coil dual coil spdt, dual coil latching g2rk-1 dual coil dual coil spst-no, dual coil latching g2rk-1a dual coil dual coil dpdt, dual coil latching g2rk-2 dual coil dual coil dpst-no, dual coil latching g2rk-2a
power pcb relay g2r 11 approvals ul (file no. e41643) / csa (file no. 31928) note: 1. the rated values approved by each of the safety standards (e.g ., ul and csa) may be different fr om the performance characterist ics individually defined in this catalog. 2. in the interest of product improvement, specifications are subject to change. type contact form coil rating contact ratings g2r-1 g2r-14 g2r-1-h g2r-14-h g2r-1-t spdt 3 to 110 vdc 3 to 240 vdc 10 a, 30 vdc (resistive) 10 a, 250 vac (general purpose) 10 a, 277 vac (general purpose) tv-3, 120 vac (no contact) 360 wt, 120 vac (tungsten) 1/3 hp, 125 vac (no contact) 1/2 hp, 250 vac (no contact) 1/2 hp, 277 vac (no contact) tv-8, 120 vac (no contact, asi contacts) b300 (pilot duty) g2r-1a g2r-1a4 g2r-1a-h g2r-1a4-h g2r-1a-t spst-no g2r-1-e spdt 3 to 110 vdc 3 to 240 vac 20 a, 277 vac (general purpose) 16 a, 30 vdc (resistive) 16 a, 250 vac (general purpose) 360 wt, 120 vac (tungsten) tv-3, 120 vac (no contact) 1/2 hp, 240 vac 1 hp, 240 vac tv-8, 120 vac (no contact, asi contacts) g2r-1a-e spst-no g2r-2 g2r-24 g2r-2-h g2r-24-h g2r-2-a g2r-2a4 g2r-2a-h g2r-2a4-h dpdt 3 to 110 vdc 3 to 240 vac 10 a, 30 vdc (resistive) 10 a, 277 vac (general purpose) 5 a, 250 vac (general purpose) tv-3, 120 vac (no contact) 1/6 hp, 120 vac 1/3 hp, 240 vac 1/3 hp, 265 vac 250 va, 120 vac (pilot duty) b300 (pilot duty) g2rk-1 spdt 3 to 24 vdc 10 a, 30 vdc (resistive) 10 a, 250 vac (general purpose) tv-3 (no contact) 1/6 hp, 120 vac 1/2 hp, 120 vac a300 (pilot duty) g2rk-1a spst-no g2rk-2 dpdt 3 to 24 vdc 5 a, 30 vdc (resistive) 5 a, 250 vac (general purpose) tv-3 (no contact) 1/6 hp, 120 vac 1/3 hp, 240 vac g2rk-2a dpst-no
12 power pcb relay g2r omron electronic components, llc terms and conditions of sales 1. definitions : the words used herein ar e defined as follows. (a) terms: these terms and conditions (b) seller: omron electronic com ponents llc and its subsidiaries (c) buyer: the buyer of products, including any end user in section iii through vi (d) products: products and/or services of seller (e) including: including without limitation 2. offer; acceptance: these terms are deemed part of all quotations, acknowledgments, invoices, purchase orders and other documents, whether electronic or in writing, relating to the sale of products by seller. seller hereby objects to any terms proposed in buyer's purchase order or other documents which are inco nsistent with, or in addition to, these ter ms. 3. distributor : any distributor shall inform its custom er of the contents after and including section iii of these terms. 1. prices; payment : all prices stated are current, subject to change without notice by seller. buyer agrees to pay the price in effect at time of shipment. payments for products received are due net 30 days unless otherwise stated in the invoice. buyer shall have no right to set off any amounts against the amount owing in respect of this invoice. 2. discounts : cash discounts, if any, will apply only on the net amount of invoices sent to buyer after deducting transportation charges , taxes and duties, and will be allowed only if (a) the invoice is paid according to seller's payment terms and (b) buyer has no past due amounts owing to seller. 3. interest : seller, at its option, may charge buyer 1.5% interest per month or the maximum legal rate, whichever is less, on any balance not paid within the stated terms. 4. orders : seller will accept no order less than 200 u.s. dollars net billing. 5. currencies : if the prices quoted herein are in a currency other than u.s. dollars, buyer shall make remittance to seller at the then current exchange rate most favorable to seller; provided that if remittance is not made when due, buyer will convert the amount to u.s. dollars at the then current exchange rate most favorable to seller available during the period between the due date an d the date remittance is actually made. 6. governmental approvals : buyer shall be responsible for all costs involved in obtaining any government approvals regarding the im portation or sale of the products. 7. taxes : all taxes, duties and other governmental charges (other than general real property and income taxes) , including any interest or penalti es thereon, imposed directly or indirectly on seller or required to be collected directly or indirectly by seller for the manufacture, production, sale, delivery, importation, consumption or use of the products sold hereunder (including customs duties and sales, excise, use, turnover and license taxes) shall be charged to and remitted by buyer to seller. 8. financial : if the financial position of buyer at any time becomes unsatisfactory to seller, seller reserves the right to stop shipments or require satisfactory security or payment in advance. if buyer fails to make payment or otherwise comply with these terms or any related agreement, seller may (without liability and in addition to other remedies) cancel any unshipped portion of products sold hereu nder and stop any products in transit until buyer pays all amounts, including amounts payable hereunder, whether or not then due, which are owing to it by buyer. buyer shall in any event remain liable for all unpaid accounts. 9. cancellation; etc: orders are not subject to rescheduling or cancellation unless buyer indemnifies seller fully against all costs or expenses arising in connection therewith. 10. force majeure : seller shall not be liable for any delay or failure in delivery resulting from causes beyond its control, including earthquak es, fires, floods, strikes or other labor disputes, shortage of labor or ma terials, accidents to machinery, acts of sabotage, riots, delay in or lack of transportation or t he requirements of any government authority. 11. shipping; delivery: unless otherwise expressly agreed in writing by seller: (a) all sales and shipments of products shall be fob shipping point (unless otherwise stated in writing by seller) , at which point title to and all risk of loss of the products shall pass from seller to buyer, provided that seller shall retain a security interest in the products until the full purchase price is paid by buyer; (b) delivery and shipping dates are estimates only; and (c) seller will package products as it deems proper for protection against normal handling and extra charges appl y to special conditions. 12. claims: any claim by buyer against seller for shortage or damage to the products occurring before delivery to the carrier must be presented in detail in writing to seller within 30 days of receipt of shipment. 1. suitability: it is the buyer?s sole respoinsibility to ensure that any omron product is fit and sufficient for use in a motorized vehicle application. buyer shall be solely responsible for determining appropriateness of the particular product with respect to the buyer?s application including (a) electrical or electronic components, (b) circuits, (c) system assemblies, (d) end product, (e) system, (f) materials or substances or (g) operating environment. buyer acknowledges that it alone has determined that the products will meet their requirements of the intended use in all cases. buyer must know and observe all prohibitions of use appli cable to the product/s. 2. use with attention: the followings are some examples of applications for which particular attention must be given. this is not intended to be an exhaustive list of all possible use of any product, nor to imply that any use listed may be suitable for any product: (a) outdoor use, use involving potential chemical contamination or electrical interference. (b) use in consumer products or any use in significant quantities. (c) energy control systems, combustion systems, railroad systems, aviation systems, medical equipment, amusement machi nes, vehicles, safety equipment, and installations subject to separate industry or government regulations. (d) systems, machines, and equipment that c ould present a risk to life or property. 3. prohibited use: never use the product for an application involving serious risk to life or property without ensuring that the system as a whole has been designed to address the risks, and that the product is properly rated and installed for the intended use within the overall equipment or system. 4. motorized vehicle application: use of any product/s for a motorized vehicle application must be expressly stated in the specification by seller. 5. programmable products: seller shall not be responsible for the buyer's programming of a programmable product. 1. warranty : seller's exclusive warranty is that the products will be free from defects in materials and workmanship for a period of twelve months from the date of sale by seller (or such other period expressed in writing by seller). seller makes no warranty or representation, express or implied, about all other warranties, non-infringement, merchantability or fitness for a particular purpose of the products. 2. buyer remedy : seller's sole obligation hereunder shall be to replace (in the form originally shipped with buyer responsible for labor charges for removal or replacement thereof) the non-complying product or, at se ller's election, to repay or credit buyer an amount equal to the purchase price of the pr oduct; provided that there shall be no liability for seller or its affiliates unless se ller's analysis c onfirms that th e products were handled, stored, installed and maintained and not subject to contamination, abuse, misuse or inappropriate modi fication. return of any products by buyer must be approved in writing by seller before shipment. 3. limitation on liability : seller and its affiliates shall not be liable for special, indirect, incidental or consequential damages, loss of profits or production or commercial loss in any way connected with the products, whether such claim is based in contract, warranty, negligence or strict liability. further, in no event shall liability of seller or its affilitates exceed the individual price of the product on which liability is asserted. 4. indemnities : buyer shall indemnify and hold harmless seller, its affiliates and its employees from and against all liabilitie s, losses, claims, costs and expenses ( including attorney's fees and expenses ) related to any claim, investig ation, litigation or proceeding ( whether or not seller is a party ) which arises or is alleged to arise from buyer's acts or omissions under these terms or in any way with respect to the products. 1. intellectual property : the intellectual property embodied in the products is the exclusive property of seller and its affiliates and buyer shall not attempt to duplicate it in any way without the written permission of seller. buyer (at its own expense) shall indemnify and hold harmless seller and defend or settle any action brought against seller to the extent that it is based on a claim that any product made to buyer specifications infringed intellectual property ri ghts of another party. 2. property; confidentiality : notwithstanding any charges to buyer for engineering or tooling, all engineering and tooling shall rema in the exclusive property of seller. all information and materials supplied by seller to buyer relating to the products are confidential and proprietary, and buyer shall limit distribution thereof to its trusted employees and strictly prevent di sclosure to any third party. 3. performance data : performance data is provided as a guide in determining suitability and does not constitute a warranty. it may represent the result of seller's test conditions, and the users must correlate it to actual application requirements. 4. change in specifications : product specifications and description may be changed at any time based on improvements or other reasons. it is seller?s practice to change part numbers when published ratings or feat ures are changed, or when significant engineering changes are made. however, some specifications of the product may be changed without any notice. 5. errors and omissions : the information on seller?s website or in other documentation has been carefully checked and is believed to be accurate; however, no responsibility is assumed for clerical, typographical or proofreading errors or omissions. 6. export controls : buyer shall comply with all app licable laws, regulations and licenses regarding (a) export of the products or information provided by seller; (b) sale of products to forbidden or other proscribed persons or organizations; (c)disclosure to non-citizens of regulated technology or information. 1. waiver : no failure or delay by seller in exer cising any right and no course of dealing between buyer and seller shall operate as a waiver of rights by seller. 2. assignment : buyer may not assign its rights hereunder without seller's written consent. 3. law : these terms are governed by illinois law (without regard to conflict of laws) . federal and state courts in illinois have exclusive jurisdiction for any dispute hereunder. 4. amendment : these terms constitute the entire agreement between buyer and seller relating to the products, and no provision may be changed or waived unless in writing signed by the parties. 5. severability : if any provision hereof is rendered ineffective or invalid, such provision shall not invalidate any other provision. i. general ii. sales iii. precautions iv. warranty and limitation v. information; etc. vi. miscellaneous
power pcb relay g2r 13 certain precautions on sp ecifications and use 1. suitability for use . seller shall not be responsible for conformity with any stan- dards, codes or regulations which apply to the combination of the product in buyer's application or use of the product. at buyer's request, seller will pro- vide applicable third party certification documents identifying ratings and limi- tations of use which apply to the produc t. this information by itself is not sufficient for a complete determination of the suitability of the product in com- bination with the end product, machine, sy stem, or other application or use. buyer shall be solely responsible for determining appropriateness of the par- ticular product with respect to buyer' s application, product or system. buyer shall take application responsibility in all cases but the following is a non- exhaustive list of applications for which particular attention must be given: (i) outdoor use, uses involving potential chemical contamination or electrical interference, or conditions or us es not described in this document. (ii) energy control systems, combustion systems, railroad systems, aviation systems, medical equipment, amusem ent machines, vehicles, safety equipment, and installations subject to separate industry or government regulations. (iii) use in consumer products or any use in significant quantities. (iv) systems, machines and equipment that could present a risk to life or property. please know and observe all proh ibitions of use applicable to this product. never use the product for an application involving serious risk to life or property without ensuring that the system as a whole has been designed to address the risks, and that the omron product is properly rated and installed for the intended use within the overall equipment or system. 2. programmable products . seller shall not be re sponsible for the user's programming of a programmable product, or any c onsequence thereof. 3. performance data . performance data given in this publication is provided as a guide for the user in determining suitability and does not constitute a war- ranty. it may represent the result of se ller's test conditi ons, and the users must correlate it to actual application requi rements. actual performance is subject to seller's warranty and limitations of liability. 4. change in specifications . product specifications and accessories may be changed at any time based on improvements and other reasons. it is our prac- tice to change part numbers when publi shed ratings or features are changed, or when significant construction changes are made. however, some specifica- tions of the product may be changed without any notice. when in doubt, spe- cial part numbers may be assigned to fix or establish key specifications for your application. please consult with your seller representative at any time to confirm actual specificat ions of purchased product. 5. errors and omissions . the information in this publication has been carefully checked and is believed to be accurate; however, no responsibility is assumed for clerical, typographical or proofreading errors, or omissions. 6. rohs compliance . where indicated, our products currently comply, to the best of our knowledge as of the date of this publication, with the requirements of the european union's directive on the restriction of certain hazardous substances ("rohs"), although the requirements of rohs do not take effect until july 2006. these requirements ma y be subject to change. please consult our website for current information.
14 power pcb relay g2r omron on-line global - http://www.omron.com usa - http://www.components.omron.com cat. no. j01c-e-01 printed in usa omron electronic components llc 55 e. commerce drive, suite b schaumburg, il 60173 847-882-2288 01/07 specificat ions subject to change without notice complete ?terms and conditions of sale? for product purchase and use are on omron?s website at http://www.components.omron.com ? under the ?about us? tab, in the legal matters section. all dimensions shown are in millimeters. to convert millimeters into inches, multiply by 0.0393 7. to convert grams into ounces, multiply by 0.03527.


▲Up To Search▲   

 
Price & Availability of G2R-1-E-DC6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X