Part Number Hot Search : 
MUR844M2 PC100 MAX3765 16652 LLZ51V C68HC908 RB480KS P6KE6
Product Description
Full Text Search
 

To Download FW-15-03-F-D-163-090 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (1,27mm) .050" fw series (1,27mm x 1,27mm) .050" x .050" micro pitch surface mount variable board spacing low pro le or skyscraper styles www.samtec.com fw?10?05?g?d?400?090?a fw?20?05?g?d?500?075 fw?25?03?g?d?163?120 stacker height post height lead style mates with: clp, ffsd, fle specify lead style from chart plating option fw no. pins per row d option ?f = gold ? ash on post, matte tin on tail ?l = 10" (0,25m) gold on post, matte tin on tail ?g = 10" (0,25m) gold on post, gold ? ash on tail clp fw mated height applications 02 thru 50 for complete speci cations and rec om mend ed pcb layouts see www.samtec.com?fw insulator ma te ri al: black liquid crystal polymer terminal material: phosphor bronze plating: sn or au over 50? (1,27?) ni current rating: 1.75a @ 80? ambient operating temp range: -55? to +125? rohs compliant: ye s processing: lead-free solderable: ye s smt lead coplanarity: (0,10mm) .004" max (02-30) (0,15mm) .006" max (31-50) note: this series is non-standard, non-returnable. ?p ?a tape & reel availability call samtec for specifications and ordering information. no tooling charges. minimum order is the lesser of a full reel quantity or 125 pieces. order any quantity above minimum. in-house design, manufacture. quick turn-around. (1,19) .047 (3,42) .135 (0,41) .016 sq stacker height post height (1,65) .065 min (1,27) .050 (2,92) .115 (1,27) .050 (0,89) .035 dia (0,86) .034 (4,06) .160 (3,45) .136 x (5,08) .200 (0,76) .030 (2,51) .099 no. of positions x (1,27) .050 100 99 02 01 (3,05) .120 (1,91) .075 dia (4,27) .168 (4,76) .188 f-210-1 (5,46) .215 (8,64) .340 lead style ?03 ?05 stacker height (8,51) .335 (15,49) .610 to to stacker + post (7,11) .280 (10,29) .405 (10,16) .400 (17,15) .675 to to ?es ?ep ?es = end shroud (?075 post height only. mate only with clp) (5,46mm) .215" to (15,49mm) .610" stacker height only 9 pins/row min. ?ep = end shroud with guide post (?075 post height only. mate only with clp.) (5,46mm) .215" to (15,49mm .610" stacker height only) 9 pins/row min. ?a = alignment pin (3 positions min.) (5,46mm) .215" to (15,75mm) .620" stacker height only ?p = pick & place pad (5 positions min.) ?tr = tape & reel (post+ stacker height = (17,46mm) .6875 max.) ??xxx? = stacker height (in inches) example: ?250 = (6,35mm) .250" ??xxx? = post height (in inches) (1,65mm) .065" minimum example: ?065 = (1,65mm) .065" specifications 1,27mm rated @ -3db fw/clp insertion loss 17,7mm stack height single-ended 3.0 ghz / 6.0 gbps signaling differential pair 4.0 ghz / 8.0 gbps signaling performance data for other stack heights and complete test data av ailable at www.samtec.com?fw or contact sig@samtec.com. smt micro board stacker also available smaller stack heights. call samtec. mated height* lead style clp fw (8,13) .320 (9,91) .390 ? 02 fw-xx-03-x-x-233-065 fw-xx-03-x-x-303-065 *processing conditions will affect mated height.


▲Up To Search▲   

 
Price & Availability of FW-15-03-F-D-163-090

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X