Part Number Hot Search : 
B1023RW 00050 CS4863 7824A V180RA8 OW5691 RFL1P08 MAZ4051
Product Description
Full Text Search
 

To Download D3UB80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  website: www.kingtronics.com email: info@kingtronics.com tel: (852) 8106 7033 fax: (852) 8106 7099 1 d3ub05 thru d3ub100 single phase 3.0 amps.glass pa ssivated bridge rectifiers voltage range 50 to 1000 volts current 3.0 amperes package:d3k features ideal for printed circuit boards reliable low cost construction technique results in inexpensive product high temperature soldering guaranteed: 260 / 10 seconds mechanical data case: molded plastic lead: solder plated polarity: as marked on body mounting torque: 0.8n m recommended torque: 0.5nm maximum ratings and elec trical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inducti ve load. for capacitive load, derate current by 20% type number d3ub 05 d3ub 10 d3ub 20 d3ub 40 d3ub 60 d3ub 80 d3ub 100 units maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward t c = 100 rectified current at t a = 40 i f ( av) 3.0 (1) 2.0 (2) a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 60 a maximum instantaneous forward voltage @ 3a v f 1.1 v rating for fusing (3ms t<8.3ms) tj=25 i 2 t 15 a 2 sec maximum dc reverse current @ t a =25 rated dc blocking voltage per leg t a = 125 i r 5.0 500 a typical thermal resistance (note) r ja r jl 40 15 /w operating temperature range t j -55 to +150 storage temperature range t stg -55 to +150 note 1.unit case mounted on 1.6*1.6*0.06? thick (5.1*5.1*0.15cm) al.plate 2.unit mounted on p.c.b. with 0.5*0.5? (12.7*1.27mm) copper pads and 0.375? (9.5mm) lead length
website: www.kingtronics.com email: info@kingtronics.com tel: (852) 8106 7033 fax: (852) 8106 7099 2 d3ub05 thru d3ub100 rating and characteristic curves d3ub05 thru d3ub100 fig. 1-maximum nono-repetitive forward surge current per bridge elelment number of cycles at 60hz ambient temperature.( ) fig. 3-typical instantaneous forward characteristics per bridge element fig. 4-typical reverse characteristics per bridge element instantaneous forward voltage.(v) percent of rated peak reverse voltage.(%) fig. 2-maximum forward current derating curve note: specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of D3UB80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X