Part Number Hot Search : 
LT3513 A1102 S24023SB MAZ2300 UPRA2C9P MKW3023 LLST33 M37643F8
Product Description
Full Text Search
 

To Download CKRD4810P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ckr48 series ? ratings from 10a to 30a @ 530 vac ? slim 22.5mm (width) package ? scr output for heavy industrial loads ? led input status indicator ? ac or dc control ? zer o -crossin g ( resistive loads ) or random-fire ( inductive loads ) out p u t product selection description 10 a 20 a 30 a 4-32 vdc control ckrd4810 ckrd4820 ckrd4830 90-280 vac control ckra4810 ckra4820 ckra4830 18-36 vac control ckra4810e ckra4820e ckra4830e available options output specifications (1) description 10 a 20 a 30 a operating voltage (47-63hz) [vrms] 48-530 48-530 48-530 transient overvoltage [vpk] 1200 1200 1200 maximum off-state leakage current @ rated voltage [marms] 10 10 10 minimum off-state dv/dt @ maximum rated voltage [v/sec] (2) 500 500 500 maximum load current [arms] 10 20 30 minimum load current [arms] 0.15 0.15 0.15 maximum surge current (16.6ms) [apk] 120 250 1200 maximum on-state voltage drop @ rated current [vpk] 1.6 1.6 1.6 maximum i2 t for fusing (8.3 msec) [a2 sec] 60 260 6000 minimum power factor (with maximum load) 0.5 0.5 0.5
input specifications (1) description ckrd48xx ckra48xx ckra48xxe control voltage range 4.0-32 vdc 90-280 vrms 18-36 vrms minimum turn-on voltage 4.0 vdc 90 vrms 18 vrms minimum turn-off voltage 1.0 vdc 10 vrms 4.0 vrms typical input current (4) 8-12 ma 2 ma @ 120 vrms, 4 ma @ 240 vrms 10 ma @ 24 vrms maximum turn-on time [msec] (3) 1/2 cycle 10 10 maximum turn-off time [msec] 1/2 cycle 40 40 general specifications description parameters dielectric strength, input/output/base (50/60hz) 4000vrms minimum insulation resistance (@ 500 v dc) 10 9 ohms maximum capacitance, input/output 8 pf ambient operating temperature range -40oc to 80oc ambient storage temperature range -40oc to 125oc status indicator display green led weight (typical) 10 oz. (280g) encapsulation thermally conductive epoxy terminals box clamp type maximum wire size: awg # 10 (3mm) recommended terminal screw torque range: 5.0-6.0 in lb (0.6-0.7 nm) min. side by side spacing 0.8 inch (20mm) general notes 1) all p ara meters at 25 c u nl ess othe rwise speci fi ed. 2) off-sta te dv/dt te st m etho d pe r eia/nar m stan da rd rs-4 43 , p ar agrap h 13 .11.1 3) tu rn -on ti me for dc co ntro l r an do m turn -o n versio ns is 0.0 2 mse c 4 ) input circuitr y for dc control version incorporates active current limite r .
mechanical specifications thermal derate information agency approvals e11 69 50 lr8 16 89 12 915 6 g re v. 04 12 11
contacts
annex - enviromental information


▲Up To Search▲   

 
Price & Availability of CKRD4810P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X