Part Number Hot Search : 
SMCJ11 SM5Z6V0 TM100 SD101A D5027 421904 H11N3TVM H11N3TVM
Product Description
Full Text Search
 

To Download CHL8214-00CRT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  digital multi - phase buck controller chl8203 / 12 / 13 / 14 october 1 3 , 2011 | final | v1. 3 1 features ? dual output 2/ 3/4+1 - phase pwm controller (chl8 21 2/ 1 3/ 14 ) and s ingle output 3 - phase pwm controller (chl8 20 3) ? easiest layout and fewest pins in the industry ? footprint compatible with chl8225 (chl8213/14) for analog and power signals ? up to 3 vid select lines for dynamic voltage transitions ? slow ocp for thermal design current (tdc) protection ? programmable i critical signal ? i2c interface for configuration & telem etry ? pin programmable i2c address (chl8203/13/14) ? overclocking support with i2c voltage override and vmax setting ? flexible i2c bus security features ? i2c security enable pin (chl8203/13/14) ? independent loop switching frequencies from 200khz to 1.2mhz per phase ? ir efficiency shaping with dynamic phase control (dpc) ? 1 - phase & active diode emulation modes for light load efficiency ? ir adaptive transient algorithm (ata) on both loops minimizes output bulk capacitors and system cost ? per - loop fault protection: ovp, uvp, ocp ? thermal protection (otp) and vrhot# flag (chl8203/13/14) ? multiple time programmable (mtp) memory for custom configuration ? compatible with ir atl and 3.3v tri - state drivers ? 3.3v +10%/ - 15% supply voltage; 0oc to 85oc operation ? pb - free, rohs, q fn package s applications ? multi - phase gpu s ystems ? gddr m emory description the chl8212/13/14 are dual - loop digital multi - phase buck controllers and the chl8203 is a single - loop digital multiphase buck controller designed for gpu voltage regulation. dynamic voltage control is provided by registers which are programmed through i2c and then selected using a 3 - bit parallel bus for fast access. the chl8203/12/13/14 include ir efficiency shaping technology to deliver exceptional efficiency at minimum cost across the entire load range. ir dynamic phase control adds/drops active phases based upon load current and can be configured to enter 1 - phase operation and diode emulation mode automatically or by command. ir s unique adaptive transient algorithm (ata), b ased on proprietary non - linear digital pwm algorithms, minimizes output bulk capacitors and multiple time programmable (mtp) storage saves pins and enables a small package size. device configuration and fault parameters are easily defined using the ir digi tal power design center ( dpdc ) gui and stored in on - chip mtp. the chl8203/12/13/14 provides extensive ovp, uvp, ocp and otp fault protection and the chl8203/13/14 includes thermistor based temperature sensing with vrhot signal. the chl8203/12/13/14 includ es numerous features like register diagnostics for fast design cycles and platform differentiation, truly simplifying vrd design and enabling fastest time - to - market (ttm) with set - and - forget methodolog y . pin diagram figure 1 : chl8213/14 package top view s m b _ d a t p w m _ l 2 e n a b l e v r t n r c s m i s e n _ l 2 i s e n 4 1 / n c 2 i s e n 3 v s e n s m b _ c l k p w m 4 1 / n c 2 i r t n 3 i r t n 4 1 / n c 2 i r t n _ l 2 r c s p t s e n v r h o t # p w m 3 a d d r / p r o t e c t v 1 8 a r r e s v c c i s e n 2 i s e n 1 i r t n 1 i r t n 2 p w m 2 p w m 1 r c s m _ l 2 r c s p _ l 2 v i d s e l 0 v i d s e l 1 v i d s e l 2 v p g m v i n s e n v r t n _ l 2 v s e n _ l 2 1 2 7 8 5 6 3 4 1 0 9 3 0 2 9 2 4 2 3 2 6 2 5 2 8 2 7 2 1 2 2 4 1 g n d c h l 8 2 1 3 / 1 4 4 0 p i n 6 x 6 q f n t o p v i e w 1 2 1 6 1 4 1 9 1 3 1 7 1 5 2 0 1 8 1 1 3 9 3 5 3 7 3 2 3 8 3 4 3 6 3 1 3 3 4 0 1 c h l 8 2 1 4 2 c h l 8 2 1 3 v r r d y 1 v r r d y 2 t s e n 2
digital multi - phase buck controller chl8203 / 12 / 13 / 14 october 1 3 , 2011 | final | v1. 3 2 ordering information chl8 2 ? ? D ? ? ? ? ? figure 2: chl8203 package top view package tape & reel qty part number qfn 3000 chl8203 - 00crt 1 qfn 3000 chl8203 - xxcrt 2 qfn 3000 chl8212 - 00crt 1 qfn 3000 chl8212 - xxcrt 2 qfn 3000 chl8213 - 00crt 1 qfn 3000 chl8213 - xxcrt 2 qfn 3000 chl8214 - 00crt 1 qfn 3000 chl8214 - xxcrt 2 notes: 1. for unprogrammed/default parts, use configuration file 00. unprogrammed parts will not start up until programmed in order to insure a safe power up . 2. - xx indicates a customer specific configuration file. figure 3: chl8212 package top view t C tape and reel r C package type: qfn c C commercial operating temperature xx C configuration file part number: 03: chl8203 12: chl8212 13: chl8213 14: chl8214 e n a b l e p w m 1 v p g m i r t n 3 i s e n 2 v r t n a d d r / p r o t e c t s m b _ c l k v r r d y i r t n 2 r c s p t s e n v 1 8 a v i d s e l 0 v r h o t # r r e s p w m 3 i s e n 1 r c s m i r t n 1 s m b _ d a t v c c i s e n 3 v i d s e l 1 v i d s e l 2 v i n s e n v s e n p w m 2 1 2 6 5 3 4 7 2 1 2 0 1 6 1 7 1 9 1 8 1 5 2 9 g n d c h l 8 2 0 3 2 8 p i n 5 x 5 q f n t o p v i e w 8 1 0 1 4 9 1 2 1 1 1 3 2 8 2 4 2 6 2 2 2 7 2 5 2 3 s m b _ d a t p w m _ l 2 v p g m i r t n _ l 2 i s e n 2 v r t n s m b _ c l k p w m 2 v r r d y i r t n 2 i s e n _ l 2 r c s m v 1 8 a v i d s e l 0 e n a b l e r r e s v c c i s e n 1 r c s p i r t n 1 p w m 1 r c s m _ l 2 r c s p _ l 2 v i d s e l 1 v i d s e l 2 v i n s e n v s e n v s e n _ l 2 1 2 6 5 3 4 7 2 1 2 0 1 6 1 7 1 9 1 8 1 5 2 9 g n d c h l 8 2 1 2 2 8 p i n 5 x 5 q f n t o p v i e w 8 1 0 1 4 9 1 2 1 1 1 3 2 8 2 4 2 6 2 2 2 7 2 5 2 3


▲Up To Search▲   

 
Price & Availability of CHL8214-00CRT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X