Part Number Hot Search : 
PCA9698 CSDC12V 5KP90 5ZSXI CPC1916Y LTC17 2SC4245 P2301
Product Description
Full Text Search
 

To Download CC5V-T1A100000KHZ100PPM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tel: +44 1460 256 100 fax: +44 1460 256 101 e-mail: sales@golledge.com web: www.golledge.com sm watch crystal mil temp cc5v 29 sep 2009 
                     features  high shock & vibration resistance  military temperature range option  low power consumption  miniature ceramic package scale 3:1 specifications product name + termination + option codes (if any) + frequency + calibration tolerance eg: cc5v-t1a 32.768khz 30ppm -40+85 c cc5v-t1a/m 32.768khz 100ppm -55+125 c option code x (eg cc5v-t1a/x) denotes a custom spec. ordering information cc5v parameters product option code  standard.  optional - please specify required code(s) when ordering  available on t&r 1k, 3k or 14k pcs/reel  specifications vary by frequency. specifications shown are for 32.768khz.  refer to our website for t&r and soldering details.  ask about higher shock & vibration specifications. terminations: gold plated pads  t1a frequency range: 32.768khz  32.0 ~ 100khz  calibration tolerance: 20ppm  other  specify operating temperature range: -40 to +85 c  -55 to +125 c  m storage temperature range: -55 to +125 c  circuit condition: 7pf  specify 9pf  12.5pf  specify other values  specify static capacitance (c 0 ): 1.4pf typ  motional capacitance (c 1 ): 2.1ff typ  equivalent series resistance: 60k  typ, 80k  max @ 25 c  ageing: 3ppm max first year  drive level: 1.0w max  turnover temperature (t 0 ): +25 c 5 c  frequency / temp coefficient: -0.035ppm/ c 2 10%  shock resistance: 5ppm, 5,000g, 0.3ms, ? sine  vibration resistance: 5ppm, 20g, 10.0 ~ 2,000hz  soldering condition: reflow, 260 c, 20 sec max 


▲Up To Search▲   

 
Price & Availability of CC5V-T1A100000KHZ100PPM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X