Part Number Hot Search : 
D27C4001 TC500ACP PS2581L1 SR520 2060C MAX815T 53253 MAX1572
Product Description
Full Text Search
 

To Download BAV99 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BAV99 surface mount fast switching diode reverse voltage C 70 volts forward current C 0.2 ampere features ? fast switching speed ? ideally suited for automatic insertion ? for general purpose switching applications mechanical data ? case: sot23 plastic ? case material: green molding compound, ul flammability classification 94v0, (no br. sb. ci) ? moisture sensitivity: level 1 per jstd020d ? lead free in rohs 2002/95/ec compliant sot-23 sot23 dim. min. max. a 0.90 1.15 a1 0.00 0.10 b 0.30 0.50 c 0.08 0.15 d 2.80 3.00 e 2.25 2.55 e1 1.20 1.40 e 0.95 typ. e1 1.80 2.00 l 0.55 ref. l1 0.30 0.50 dimensions in millimeter maximum ratings & thermal characteristics @ t a = 25 unless otherwise specified characteristic symbol BAV99 units nonrepetitive peak reverse voltage dc blocking voltage v rm v r 70 v forward current i f 200 ma peak forward surge current @t=10ms i fsm 500 ma power dissipation p d 225 mw thermal resistance, junction to ambient r ja 556 /w operating temperature range t j 150 storage temperature range t stg 55~+150 electrical characteristics @ t a = 25 unless otherwise specified characteristic test condition symbol min. typ. max. unit reverse breakdown voltage i r = 100ua v br 70 v maximum forward voltage i f = 1ma i f = 10ma i f = 50ma i f = 150ma v f 715 855 1000 1250 mv maximum dc reverse current at rated dc blocking voltage v r = 75v i r 2.5 ua typical diode capacitance v r =0v,f=1mhz c d 1.5 pf reverse recovery time irr=1ma, i f =i r =10ma, r l =100 trr 6 ns rev. 2, oct-2010, ksyr40
rating and characteristic curves BAV99 fig.1 typical forward characteristics fig.2 typical reverse characteristics fig.3 total capacitance vs. reverse voltage device marking : device p/n marking equivalent circuit diagram BAV99 a7
legal disclaimer notice BAV99 important notice and disclaimer lsc reserves the right to make changes to this docu ment and its products and specifications at any time without notice. customers should obtain and confirm the latest product information and specifications before final design, purchase or use. lsc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does lsc assume any liability for application assistance or customer product design. lsc does not warrant or ac cept any liability with products which are purchased or used for any unintended or unautho rized application. no license is granted by implication or otherwise u nder any intellectual property rights of lsc. lsc products are not authorized for use as critical components in life support devices or systems without express written approval of lsc.


▲Up To Search▲   

 
Price & Availability of BAV99

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X