Part Number Hot Search : 
P0402 2SB1558 05738 50PI18 30500 CAPA800 MBRF2010 B3913
Product Description
Full Text Search
 

To Download B82111-B-C14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  epcos ag 67 ukw-drosseln vhf chokes zylinderkerndrosseln b821** / b82500 cylinder cores b821** / b82500  karbonyleisen- oder ferritkern  einfachwicklung (b821**) mehrfachwicklung (b82500)  umh llt  axiale anschlussdr ? hte  carbonyl iron or ferrite core  single-layer winding (b821**) multilayer winding (b82500)  insulating sleeve  axial leads bemessungs- 250 v ~ ? (b82500) spannung u r : 500 v ~ ? (b821**) l-toleranz: 20% klimakategorie: 55/125/56 lieferform: siehe seite 69 approbationen: v (f r u r 500 v ~ ? ) rated voltage v r : 250 v ~ ? (b82500) 500 v ~ ? (b821**) l tolerance: 20% climatic category: 55/125/56 delivery mode: see page 69 approvals: v (for v r 500 v ~ ? ) i r a l r 1) h r typ w f res mhz ma ? e (mm) dim. (mm) ? d max x l max min. mm bestellnummer ordering code kern core u r / v r = 250 v ~ ? 0,2 3900 20 1,8 10,0 x 32 ? b82500-c-a2 ferrit/ferrite 0,5 820 2,5 3,0 10,0 x 32 ? b82500-c-a5 1,0 330 0,6 4,2 10,0 x 32 ? b82500-c-a8 2,0 120 0,15 5,8 10,0 x 32 ? b82500-c-a10 u r / v r = 500 v ~ ? 0,10 1200 34 16 6,0 x 26 30 b82111-e-c29 ferrit/ferrite 0,15 80 11 22 5,0 x 14 17,5 b82131-a5151-m karbonyleisen carbonyl iron 160 17 20 5,5 x 19 22,5 b82132-a5151-m 350 21 11 7,5 x 24 27,5 b82133-a5151-m 420 19 12 7,5 x 29 32,5 b82134-a5151-m 0,2 680 14 19 6,0 x 26 30 b82111-e-c28 ferrit/ferrite 0,3 40 4,1 31 5,0 x 14 17,5 b82131-a5301-m karbonyleisen carbonyl iron 70 5,7 29 5,5 x 19 22,5 b82132-a5301-m 160 6,5 16 7,5 x 24 27,5 b82133-a5301-m 210 6,4 18 7,5 x 29 32,5 b82134-a5301-m 470 6,5 25 6,0 x 26 30 b82111-e-c27 ferrit/ferrite 0,4 27 2,0 40 5,0 x 14 17,5 b82131-a5401-m karbonyleisen carbonyl iron 50 3,0 37 5,5 x 19 22,5 b82132-a5401-m 130 4,8 18 7,5 x 24 27,5 b82133-a5401-m 150 3,5 18 7,5 x 29 32,5 b82134-a5401-m 0,5 220 2,6 32 6,5 x 26 30 b82111-e-c26 ferrit/ferrite 0,7 14 0,76 53 5,0 x 14 17,5 b82131-a5701-m karbonyleisen carbonyl iron 23 0,73 55 5,5 x 19 22,5 b82132-a5701-m 55 1,20 26 7,5 x 24 27,5 b82133-a5701-m 60 0,77 34 7,5 x 29 32,5 b82134-a5701-m 1,0 100 0,65 55 6,5 x 26 30 b82111-e-c25 ferrit/ferrite 1,5 6 0,19 84 5,0 x 14 17,5 b82131-a5152-m karbonyleisen carbonyl iron 8 0,16 90 5,5 x 19 22,5 b82132-a5152-m 25 0,32 40 7,5 x 24 27,5 b82133-a5152-m 30 0,30 44 7,5 x 29 32,5 b82134-a5152-m 56 0,30 70 6,5 x 26 30 b82111-e-c24 ferrit/ferrite ssb1913-3 e ?d b82131 ... 134, b82111-e, b82500 (ungegurtet / untaped) b82111-b prinzipdarstellung schematic representation e
ukw-drosseln vhf chokes 68 epcos ag u r / v r = 500 v ~ ? 2 3 0,09 113 5,0 x 14 17,5 b82131-a5202-m karbonyleisen carbonyl iron 6 0,11 108 5,5 x 19 22,5 b82132-a5202-m 14 0,13 57 7,5 x 24 27,5 b82133-a5202-m 20 0,15 59 7,5 x 29 32,5 b82134-a5202-m 17 0,063 100 7,0 x 24 ? B82111-B-C14 ferrit/ferrite 40 0,180 90 7,0 x 26 30 b82111-e-c23 3 2 0,038 147 5,0 x 14 17,5 b82131-a5302-m karbonyleisen carbonyl iron 3 0,035 151 5,5 x 19 22,5 b82132-a5302-m 10 0,077 69 7,5 x 24 27,5 b82133-a5302-m 12 0,090 75 7,5 x 29 32,5 b82134-a5302-m 8 0,025 145 7,0 x 24 ? b82111-b-c13 ferrit/ferrite 13 0,024 170 6,5 x 29 ? b82111-b-c19 20 0,054 125 6,0 x 29 ? b82111-b-c20 22 0,070 110 7,0 x 26 30 b82111-e-c22 25 0,046 85 8,5 x 34 ? b82111-b-c24 4 1 0,014 199 5,0 x 14 17,5 b82131-a5402-m karbonyleisen carbonyl iron 2 0,020 186 5,5 x 19 22,5 b82132-a5402-m 5 0,034 87 7,5 x 24 27,5 b82133-a5402-m 7 0,033 94 7,5 x 29 32,5 b82134-a5402-m 6 0,017 170 7,5 x 24 ? b82111-b-c12 ferrit/ferrite 11 0,020 150 6,5 x 29 ? b82111-b-c18 12 0,040 140 7,5 x 26 30 b82111-e-c21 15 0,024 120 8,5 x 34 ? b82111-b-c23 6 1 0,010 243 5,5 x 19 22,5 b82132-a5602-m karbonyleisen carbonyl iron 3 0,019 108 7,5 x 24 27,5 b82133-a5602-m 4 0,014 205 7,5 x 24 ? b82111-b-c11 ferrit/ferrite 6 0,010 200 7,0 x 29 ? b82111-b-c17 7 0,020 180 7,5 x 26 30 b82111-e-c20 9 0,012 150 9,0 x 34 ? b82111-b-c22 9 3 0,006 220 7,5 x 29 ? b82111-b-c16 ferrit/ferrite 10 5 0,005 175 9,5 x 34 ? b82111-b-c21 ferrit/ferrite 1) messfrequenz / measuring frequency: l 10 h = 1 mhz / 10 h < l 1000 h = 100 khz / l > 1000 h = 10 khz. sechsloch-ferritkern b82114 round 6-aperture ferrite core b82114  mit oder ohne isolierung  anschlussdr ? hte verzinnt  with or without insulating sleeve  axial lead wires, tinned klimakategorie: 55/125/56 bemessungsstrom i r :max. 1 a climatic category: 55/125/56 rated current i r :max. 1 a f res mhz l z l @ f res w kennfarbe color code windungen number of turns ma ? e dim. ? d (mm) u r v r v ~ ? isolation insulation bestellnummer ordering code 60 900 braun/brown 2,5 6,2 ? nein / no b82114-r-a4 60 900 braun/brown 2,5 6,2 500 ja / yes b82114-r-c4 100 800 gr n/green 2,5 6,7 ? nein / no b82114-r-a1 100 800 gr n/green 2,5 6,7 500 ja / yes b82114-r-c1 i r a l r 1) h r typ w f res mhz ma ? e (mm) dim. (mm) ? d max x l max min. mm bestellnummer ordering code kern core e ssb1914-b 10 15 max. ? d
epcos ag 69 ukw-drosseln vhf chokes lieferform / delivery mode gurtung / taping bauform type d max (mm) i max (mm) k max (mm) s (mm) gegurtete ukw-drosseln taped vhf chokes b82131 5,0 14 15,4 100,5 1) 1) toleranz ber 10 schritte: 2 mm tolerance over 10 spacings: 2 mm b82132 5,5 19 20,4 b82133 7,5 24 25,4 b82134 7,5 29 30,4 b82111-e 6 ? 7,5 26 27,4 ungegurtete ukw-drosseln untaped vhf chokes b82111-b sch ttgut bulk b82500 b82114 verpackung / packing rollenverpackung f r b82111-e reel packing for b82111-e rollenverpackung f r b82131 ? b82134 reel packing for b82131 ? b82134 verpackungseinheiten / packing units bauform type st ck pro rolle pieces per reel b82131 2000 b82132 2000 b82133 1000 b82134 1000 b82111-e 1000 ssb1915-j 1 73 _ max. max. k 9 0,5 max. d ? 0,8 s s 1,2 max. 109 max. 97+1 325 ssb1916-s ssb1917-1 etikett 25 1 ? 360 _ ? 30,5 0,15 ? 82+1 ? 90 95+1 107 max. label


▲Up To Search▲   

 
Price & Availability of B82111-B-C14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X