Part Number Hot Search : 
RS2506 IL082 95100 2576T 2SC25 LA4030 HAE200W TIPL760
Product Description
Full Text Search
 

To Download AS5C512K8ECJ-15L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sram sram sram sram sram as5c512k8 as5c512k8 rev. 6.2 06/05 austin semiconductor, inc. reserves the right to change products or specifications without notice. 1 austin semiconductor, inc. features ? ultra high speed asynchronous operation ? fully static, no clocks ? multiple center power and ground pins for improved noise immunity ? easy memory expansion with ce\ and oe\ options ? all inputs and outputs are ttl-compatible ? single +5v power supply +/- 10% ? data retention functionality testing (contact factory) ? cost efficient plastic packaging ? extended testing over -55oc to +125oc for plastics ? plastic 36 pin psoj is fully compatible with the ceramic 36 pin soj ? 3.3v future offering options marking ? timing 12ns access -12 15ns access -15 17ns access -17 20ns access -20 25ns access -25 35ns access -35 45ns access -45 ? operating temperature ranges military (-55 o c to +125 o c) xt industrial (-40 o c to +85 o c) it ? package(s) ceramic lcc ec no. 210 ceramic flatpack f no. 307 plastic soj dj no. 903 ceramic soj ecj no.503 ? 2v data retention/low power l (consult factory) ? radiation tolerant (epi) e pin assignment (top view) 36-pin soj (dj & ecj) 36-pin clcc (ec) general description the as5c512k8 is a high speed sram. it offers flexibility in high-speed memory applications, with chip enable (ce\) and output enable (oe\) capabilities. these features can place the outputs in high-z for additional flexibility in system design. writing to these devices is accomplished when write enable (we\) and ce\ inputs are both low. reading is accomplished when we\ remains high and ce\ and oe\ go low. as a option, the device can be supplied offering a reduced power standby mode, allowing system designers to meet low standby power requirements. this device operates from a single +5v power supply and all inputs and outputs are fully ttl-compatible. the as5c512k8dj offers the convenience and reliability of the as5c512k8 sram and has the cost advantage of a durable plastic. the as5c512k8dj is footprint compatible with 36 pin csoj package of the smd 5692-95600. 36-pin flat pack (f) available as military specifications ?smd 5962-95600 ?smd 5962-95613 ?mil-std-883 512k x 8 sram high speed sram with revolutionary pinout for more products and information please visit our web site at www.austinsemiconductor.com
sram sram sram sram sram as5c512k8 as5c512k8 rev. 6.2 06/05 austin semiconductor, inc. reserves the right to change products or specifications without notice. 2 austin semiconductor, inc. functional block diagram truth table mode oe\ ce\ we\ i/o power standby x h x high-z standby read l l h q active not selected h l h high-z active write x l l d active s n o i t c n u f n i p 8 1 a - 0 as t u p n i s s e r d d a \ e we l b a n e e t i r w \ e ce l b a n e p i h c \ e oe l b a n e t u p t u o o / i 0 o / i - 7 s t u p t u o / s t u p n i a t a d v c c r e w o p v s s d n u o r g c nn o i t c e n n o c o n x = don?t care vcc gnd input buffer 4,194,304-bit memory array 1024 rows x 4096 columns i/o controls column decoder row decoder *power down ce\ oe\ we\ dq8 dq1 a0-a18 *on the low voltage data retention option.
sram sram sram sram sram as5c512k8 as5c512k8 rev. 6.2 06/05 austin semiconductor, inc. reserves the right to change products or specifications without notice. 3 austin semiconductor, inc. absolute maximum ratings* voltage on vcc supply relative to vss vcc ..............................................................................-.5v to +7.0v storage temperature (plastic)......................-65 c to +150 c storage temperature (ceramic)...................-55c to +125c short circuit output current (per i/o)?........................20ma voltage on any pin relative to vss.................-.5v to vcc+1v maximum junction temperature**..............................+150 c power dissipation ................................................................1w *stresses greater than those listed under "absolute maximum ratings" may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation section of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. ** junction temperature depends upon package type, cycle time, loading, ambient temperature and airflow, and humidity. electrical characteristics and recommended dc operating conditions (-55 o c < t a < +125 o c & -40 o c < t a < +85 o c ; vcc = 5v +10%) 
        

          

                      

                      

                 !  "#$ 

 %&'(&')  * ++ ( ,- . ( ,- ( / 0     &' 1 2 3   4   )  3 ++ ( ,-3 . ( 3     &' 1 ++ 56 * ++ ( ,- 7 )  86  7 1 ++ 56 * . (     ! " 9     
     
             
           
             
                  
            
       
       capacitance parameter conditions symbol max un its notes input capacitance c i 12 pf 4 output capactiance co 14 pf 4 t a = 25 o c, f = 1mhz v in = 0
sram sram sram sram sram as5c512k8 as5c512k8 rev. 6.2 06/05 austin semiconductor, inc. reserves the right to change products or specifications without notice. 4 austin semiconductor, inc. electrical characteristics and recommended ac operating conditions (-55 o c < t a < +125 o c or -40 o c to +85 o c; vcc = 5v +10%) 
 
 
 
 
 
 
   0"# +  0   :    ;  ## ++     :    ;  4 &"$ ++  &   :    ;    2# < ## 4"9 2   4 &"$     5= =&   ;3 3 : 4 >"$     2945= 2=& 6: ;3 3 :   &"$ +  & :          &"$     5= =&   ;3 3 :   >"$     2945= 2=& 6: ;3 3 :   %0& +  %   :    ;  4 &"$  &# . %  %    :     ## "#  &# . %  %    :     ##       ## 2# < &# . %  2   %0&  %# 4 %    :     >" "    > 6 : ?      >" " 2#  >2   %  >"$     5= =%&   ;3 3 : %  &"$     2945= 2=%& 6:  ;3 3 : 
     

   
sram sram sram sram sram as5c512k8 as5c512k8 rev. 6.2 06/05 austin semiconductor, inc. reserves the right to change products or specifications without notice. 5 austin semiconductor, inc. 167 ohms 167 ohms 1.73v 1.73v c=5pf c=30pf q q input pulse levels ...................................................... vss to 3.0v input rise and fall times ......................................................... 3ns input timing reference levels ............................................... 1.5v output reference levels ........................................................ 1.5v output load ................................................. see figures 1 and 2 notes 1. all voltages referenced to v ss (gnd). 2. -2v for pulse width < 20ns 3. i cc is dependent on output loading and cycle rates. 4. this parameter is guaranteed but not tested. 5. test conditions as specified with the output loading as shown in fig. 1 unless otherwise noted. 6. t lzce, t lzwe, t lzoe, t hzce, t hzoe and t hzwe are specified with cl = 5pf as in fig. 2. transition is measured 200mv from steady state voltage. 7. at any given temperature and voltage condition, t hzce is less than t lzce, and t hzwe is less than t lzwe. 8. we\ is high for read cycle. 9. device is continuously selected. chip enables and output enables are held in their active state. 10. address valid prior to, or coincident with, latest occurring chip enable. 11. t rc = read cycle time. 12. chip enable and write enable can initiate and terminate a write cycle. 13. output enable (oe\) is inactive (high). 14. output enable (oe\) is active (low). 15. asi does not warrant functionality nor reliability of any product in which the junction temperature exceeds 150c. care should be taken to limit power to acceptable levels. fig. 1 output load equivalent fig. 2 output load equivalent data retention electrical characteristics (l version only) ac test conditions 
 
 

 ++ . 0   >" " >0  >" " 0    ++ ( 6  >0 ;6  4 >+  >" " >0 ; "  0+@  0   ;3  

 &' 1  56 7 1  56  6
sram sram sram sram sram as5c512k8 as5c512k8 rev. 6.2 06/05 austin semiconductor, inc. reserves the right to change products or specifications without notice. 6 austin semiconductor, inc. low v cc data retention waveform read cycle no. 1 8, 9 (address controlled, ce\ = oe\ = v il , we\ = v ih ) read cycle no. 2 2 (we\ = v ih ) 1234 1 23 4 1 23 4 1 23 4 1234 don?t care undefined 123456 1 2345 6 1 2345 6 1 2345 6 123456 123456789012345 123456789012345 123456789012345 123456789012345 123456789012345 123456789012345 123456789012345 123456789012345 12345 1 234 5 1 234 5 1 234 5 1 234 5 1 234 5 1 234 5 12345 1234567 1 23456 7 1 23456 7 1 23456 7 1 23456 7 1 23456 7 1 23456 7 1234567 123456789012345 123456789012345 123456789012345 123456789012345 123456789012345 123456789012345 123456789012345 123456789012345 1234 1 23 4 1 23 4 1 23 4 1 23 4 1 23 4 1 23 4 1234 123456 1 2345 6 1 2345 6 1 2345 6 1 2345 6 1 2345 6 1 2345 6 123456 data retention mode 4.5v 4.5v v dr >2v v dr t cdr t r v cc ce\ v ih - v il - address t rc 1234567 1234567 1234567 1234567 1234567 1234567 1234567 1234567 1234567 1234567 1234567 1234567 12345678901 1 234567890 1 1 234567890 1 1 234567890 1 1 234567890 1 12345678901 12 12 12 12 12 12 12 12 12 12 12 t oh t aa previous data valid data valid i/o, data in & out valid address t rc t aoe ce\ t lzoe t ace 1234567 1234567 1234567 1234567 1234567 1234567 1234567 1234567 1234567 1234567 1234567 1234567 12345 1 234 5 1 234 5 1 234 5 1 234 5 12345 1 1 1 1 1 1 1 1 1 1 1 1 data valid high-z t hzoe t hzce t pd i/o, data in & out icc t lzce t pu
sram sram sram sram sram as5c512k8 as5c512k8 rev. 6.2 06/05 austin semiconductor, inc. reserves the right to change products or specifications without notice. 7 austin semiconductor, inc. write cycle no. 1 12 (ce controlled) write cycle no. 2 12, 13 (write enabled controlled) 1234567890 1234567890 1234567890 1234567890 123456789012345678901234 1 2345678901234567890123 4 1 2345678901234567890123 4 123456789012345678901234 12345678901234567890123456 1 234567890123456789012345 6 1 234567890123456789012345 6 12345678901234567890123456 123456 123456 123456 123456 123456789012345678 1 2345678901234567 8 1 2345678901234567 8 123456789012345678 123456789012345678 1 2345678901234567 8 1 2345678901234567 8 123456789012345678 address t wc t cw ce\ t aw data valid t ah t as i/o, data out t wp1 t ds t dh we\ i/o, data in high-z high-z address t wc t cw ce\ 1234567890 1234567890 1234567890 1234567890 1234567890 12345678901234567890 1 234567890123456789 0 1 234567890123456789 0 1 234567890123456789 0 12345678901234567890 123456789012345678901 1 2345678901234567890 1 1 2345678901234567890 1 1 2345678901234567890 1 123456789012345678901 1234567 1234567 1234567 1234567 1234567 123456789012345 1 2345678901234 5 1 2345678901234 5 1 2345678901234 5 123456789012345 12345678901234567 1 234567890123456 7 1 234567890123456 7 1 234567890123456 7 12345678901234567 t aw data valid t ah t as i/o, data out 123456 123456 123456 123456 123456 1
sram sram sram sram sram as5c512k8 as5c512k8 rev. 6.2 06/05 austin semiconductor, inc. reserves the right to change products or specifications without notice. 8 austin semiconductor, inc. write cycle no. 3 7,12, 14 (we controlled) address t wc t cw ce\ 123456789 123456789 123456789 123456789 123456789012345678901 1 2345678901234567890 1 1 2345678901234567890 1 123456789012345678901 1234567890123456789012 1 23456789012345678901 2 1 23456789012345678901 2 1234567890123456789012 1234567 1234567 1234567 1234567 1234567890123456 1 23456789012345 6 1 23456789012345 6 1234567890123456 12345678901234567 1 234567890123456 7 1 234567890123456 7 12345678901234567 t aw data valid t ah t as data out 123456 123456 123456 123456 2
sram sram sram sram sram as5c512k8 as5c512k8 rev. 6.2 06/05 austin semiconductor, inc. reserves the right to change products or specifications without notice. 9 austin semiconductor, inc. mechanical definitions* asi case #210 (package designator ec) smd 5962-95600, case outline n d e 1234567 1 23456 7 1 23456 7 1 23456 7 1 23456 7 1 23456 7 1 23456 7 1 23456 7 1 23456 7 1234567 pin 1 identifier area l2 l e b r d1 1 36 min max a 0.080 0.100 a1 0.054 0.066 b 0.022 0.028 d 0.910 0.930 d1 0.840 0.860 e 0.445 0.460 e l l2 0.115 0.135 p --- 0.006 r 0.009 typ symbol 0.100 typ smd specifications 0.050 bsc *all measurements are in inches. a a1 p
sram sram sram sram sram as5c512k8 as5c512k8 rev. 6.2 06/05 austin semiconductor, inc. reserves the right to change products or specifications without notice. 10 austin semiconductor, inc. mechanical definitions* asi case #307 (package designator f) smd 5962-95600, case outline t bottom view 36 1 c e2 a q min max a 0.096 0.125 b 0.015 0.022 c 0.003 0.009 d 0.910 0.930 d1 0.840 0.860 e 0.505 0.515 e2 0.385 0.397 e l 0.250 0.370 q 0.020 0.045 symbol 0.050 bsc smd specifications *all measurements are in inches. d e b top view d1 s e l 12345678 1 234567 8 1 234567 8 1 234567 8 1 234567 8 1 234567 8 1 234567 8 12345678 pin 1 identifier area
sram sram sram sram sram as5c512k8 as5c512k8 rev. 6.2 06/05 austin semiconductor, inc. reserves the right to change products or specifications without notice. 11 austin semiconductor, inc. mechanical definitions* asi case #503 (package designator ecj) smd 5962-95600, case outline m *all measurements are in inches. a a1 e b p a2 e2 min max a 0.140 0.160 a1 0.054 0.075 a2 0.025 0.063 b 0.019 0.028 d 0.910 0.939 d1 0.840 0.860 e 0.434 0.460 e2 0.374 0.410 e l 0.050 0.070 l2 0.115 0.135 p --- 0.004 symbol smd specifications 0.050 bsc d e d1 l2 l typ 1 36
sram sram sram sram sram as5c512k8 as5c512k8 rev. 6.2 06/05 austin semiconductor, inc. reserves the right to change products or specifications without notice. 12 austin semiconductor, inc. *all measurements are in inches. mechanical definitions* asi case #903 (package designator dj)
sram sram sram sram sram as5c512k8 as5c512k8 rev. 6.2 06/05 austin semiconductor, inc. reserves the right to change products or specifications without notice. 13 austin semiconductor, inc. ordering information *available processes it = industrial temperature range -40 o c to +85 o c xt = extended temperature range -55 o c to +125 o c 883c = full military processing -55 o c to +125 o c **options defintions l = 2v data retention / low power (consult factory) e = radiation tolerant (epi) 
 !" #$#% &' '( )* '+,)*-- ",** 
 !" #$#% &' '( )* '+,)*-- ",** a a < < 5 5 & /b /b a a &c &c 5 5 & /b /b a a < < 5 5 & /b /b a a &c &c 5 5 & /b /b a a < < 5: 5: & /b /b a a &c &c 5: 5: & /b /b a a < < 5 5 & /b /b a a &c &c 5 5 & /b /b a a < < 5 5 & /b /b a a &c &c 5 5 & /b /b a a < < 5  5  & /b /b a a &c &c 5  5  & /b /b a a < < 5; 5; & /b /b a a &c &c 5; 5; & /b /b 
 !" #$#% &' '( )* '+,)*-- ",** 
 !" #$#% &' '( )* '+,)*-- ",** a a & & 5 5 & /b /b a a >c >c 5 5 & /b /b a a & & 5 5 & /b /b a a >c >c 5 5 & /b /b a a & & 5: 5: & /b /b a a >c >c 5: 5: & /b /b a a & & 5 5 & /b /b a a >c >c 5 5 & /b /b a a & & 5 5 & /b /b a a >c >c 5 5 & /b /b a a & & 5  5  & /b /b a a >c >c 5  5  & /b /b a a & & 5; 5; & /b /b a a >c >c 5; 5; & /b /b  . a<5&/-  . a&5  &/-  . a&c5/  . a>c5 /-
sram sram sram sram sram as5c512k8 as5c512k8 rev. 6.2 06/05 austin semiconductor, inc. reserves the right to change products or specifications without notice. 14 austin semiconductor, inc. asi to dscc part number cross reference for smd 5962-95600* * asi part number is for reference only. orders received referencing the smd part number will be processed per the smd. asi part # smd part # a si part # smd part # as5c512k8ec-12l 5962-9560015qna as5c512k8ecj-12l 5962-9560015qma as5c512k8ec-12l 5962-9560016qna as5c512k8ecj-12l 5962-9560016qma as5c512k8ec-15 5962-9560014qna as5c512k8ecj-15 5962-9560014qma as5c512k8ec-15l 5962-9560013qna AS5C512K8ECJ-15L 5962-9560013qma as5c512k8ec-20l 5962-9560012qna as5c512k8ecj-20l 5962-9560012qma as5c512k8ec-25l 5962-9560011qna as5c512k8ecj-25l 5962-9560011qma as5c512k8ec-35l 5962-9560010qna as5c512k8ecj-35l 5962-9560010qma as5c512k8ec-45l 5962-9560009qna as5c512k8ecj-45l 5962-9560009qma as5c512k8ec-20 5962-9560004mna as5c512k8ecj-20 5962-9560004mma as5c512k8ec-20l 5962-9560008mna as5c512k8ecj-20l 5962-9560008mma as5c512k8ec-25 5962-9560003mna as5c512k8ecj-25 5962-9560003mma as5c512k8ec-25l 5962-9560007mna as5c512k8ecj-25l 5962-9560007mma as5c512k8ec-35 5962-9560002mna as5c512k8ecj-35 5962-9560002mma as5c512k8ec-35l 5962-9560006mna as5c512k8ecj-35l 5962-9560006mma as5c512k8ec-45 5962-9560001mna as5c512k8ecj-45 5962-9560001mma as5c512k8ec-45l 5962-9560005mna as5c512k8ecj-45l 5962-9560005mma asi part # smd part # as5c512k8f-12l 5962-9560015qta as5c512k8f-12l 5962-9560016qta as5c512k8f-15 5962-9560014qta as5c512k8f-15l 5962-9560013qta as5c512k8f-20l 5962-9560012qta as5c512k8f-25l 5962-9560011qta as5c512k8f-35l 5962-9560010qta as5c512k8f-45l 5962-9560009qta as5c512k8f-20 5962-9560004mta as5c512k8f-20l 5962-9560008mta as5c512k8f-25 5962-9560003mta as5c512k8f-25l 5962-9560007mta as5c512k8f-35 5962-9560002mta as5c512k8f-35l 5962-9560006mta as5c512k8f-45 5962-9560001mta as5c512k8f-45l 5962-9560005mta asi package designator ec asi package designator ecj asi package designator f
sram sram sram sram sram as5c512k8 as5c512k8 rev. 6.2 06/05 austin semiconductor, inc. reserves the right to change products or specifications without notice. 15 austin semiconductor, inc. asi to dscc part number cross reference for smd 5962-95613* * asi part number is for reference only. orders received referencing the smd part number will be processed per the smd. asi part # smd part # a si part # smd part # as5c512k8ec-12/h 5962-9561329hna as5c512k8ecj-12/h 5962-9561329hza as5c512k8ec-12l/h 5962-9561328hna as5c512k8ecj-12l/h 5962-9561328hza as5c512k8ec-15/h 5962-9561314hna as5c512k8ecj-15/h 5962-9561314hza as5c512k8ec-17/h 5962-9561310hna as5c512k8ecj-17/h 5962-9561310hza as5c512k8ec-17l/h 5962-9561324hna as5c512k8ecj-17l/h 5962-9561324hza as5c512k8ec-20/h 5962-9561309hna as5c512k8ecj-20/h 5962-9561309hza as5c512k8ec-20l/h 5962-9561323hna as5c512k8ecj-20l/h 5962-9561323hza as5c512k8ec-25/h 5962-9561308hna as5c512k8ecj-25/h 5962-9561308hza as5c512k8ec-25/h 5962-9561313hna as5c512k8ecj-25/h 5962-9561313hza as5c512k8ec-25l/h 5962-9561322hna as5c512k8ecj-25l/h 5962-9561322hza as5c512k8ec-25l/h 5962-9561327hna as5c512k8ecj-25l/h 5962-9561327hza as5c512k8ec-35/h 5962-9561307hna as5c512k8ecj-35/h 5962-9561307hza as5c512k8ec-35/h 5962-9561312hna as5c512k8ecj-35/h 5962-9561312hza as5c512k8ec-35l/h 5962-9561321hna as5c512k8ecj-35l/h 5962-9561321hza as5c512k8ec-35l/h 5962-9561326hna as5c512k8ecj-35l/h 5962-9561326hza as5c512k8ec-45/h 5962-9561306hna as5c512k8ecj-45/h 5962-9561306hza as5c512k8ec-45/h 5962-9561311hna as5c512k8ecj-45/h 5962-9561311hza as5c512k8ec-45l/h 5962-9561320hna as5c512k8ecj-45l/h 5962-9561320hza as5c512k8ec-45l/h 5962-9561325hna as5c512k8ecj-45l/h 5962-9561325hza as5c512k8ec-55/h 5962-9561305hna as5c512k8ecj-55/h 5962-9561305hza as5c512k8ec-55l/h 5962-9561319hna as5c512k8ecj-55l/h 5962-9561319hza as5c512k8ec-12/h 5962-9561329hnc as5c512k8ecj-12/h 5962-9561329hzc as5c512k8ec-12l/h 5962-9561328hnc as5c512k8ecj-12l/h 5962-9561328hzc as5c512k8ec-15/h 5962-9561314hnc as5c512k8ecj-15/h 5962-9561314hzc as5c512k8ec-17/h 5962-9561310hnc as5c512k8ecj-17/h 5962-9561310hzc as5c512k8ec-17l/h 5962-9561324hnc as5c512k8ecj-17l/h 5962-9561324hzc as5c512k8ec-20/h 5962-9561309hnc as5c512k8ecj-20/h 5962-9561309hzc as5c512k8ec-20l/h 5962-9561323hnc as5c512k8ecj-20l/h 5962-9561323hzc as5c512k8ec-25/h 5962-9561308hnc as5c512k8ecj-25/h 5962-9561308hzc as5c512k8ec-25/h 5962-9561313hnc as5c512k8ecj-25/h 5962-9561313hzc as5c512k8ec-25l/h 5962-9561322hnc as5c512k8ecj-25l/h 5962-9561322hzc as5c512k8ec-25l/h 5962-9561327hnc as5c512k8ecj-25l/h 5962-9561327hzc as5c512k8ec-35/h 5962-9561307hnc as5c512k8ecj-35/h 5962-9561307hzc as5c512k8ec-35/h 5962-9561312hnc as5c512k8ecj-35/h 5962-9561312hzc as5c512k8ec-35l/h 5962-9561321hnc as5c512k8ecj-35l/h 5962-9561321hzc as5c512k8ec-35l/h 5962-9561326hnc as5c512k8ecj-35l/h 5962-9561326hzc as5c512k8ec-45/h 5962-9561306hnc as5c512k8ecj-45/h 5962-9561306hzc as5c512k8ec-45/h 5962-9561311hnc as5c512k8ecj-45/h 5962-9561311hzc as5c512k8ec-45l/h 5962-9561320hnc as5c512k8ecj-45l/h 5962-9561320hzc as5c512k8ec-45l/h 5962-9561325hnc as5c512k8ecj-45l/h 5962-9561325hzc as5c512k8ec-55/h 5962-9561305hnc as5c512k8ecj-55/h 5962-9561305hzc as5c512k8ec-55l/h 5962-9561319hnc as5c512k8ecj-55l/h 5962-9561319hzc asi package designator ec asi package designator ecj
sram sram sram sram sram as5c512k8 as5c512k8 rev. 6.2 06/05 austin semiconductor, inc. reserves the right to change products or specifications without notice. 16 austin semiconductor, inc. asi to dscc part number cross reference for smd 5962-95613* * asi part number is for reference only. orders received referencing the smd part number will be processed per the smd. asi part # smd part # as5c512k8f-12/h 5962-9561329hua as5c512k8f-12l/h 5962-9561328hua as5c512k8f-15/h 5962-9561314hua as5c512k8f-17/h 5962-9561310hua as5c512k8f-17l/h 5962-9561324hua as5c512k8f-20/h 5962-9561309hua as5c512k8f-20l/h 5962-9561323hua as5c512k8f-25/h 5962-9561308hua as5c512k8f-25/h 5962-9561313hua as5c512k8f-25l/h 5962-9561322hua as5c512k8f-25l/h 5962-9561327hua as5c512k8f-35/h 5962-9561307hua as5c512k8f-35/h 5962-9561312hua as5c512k8f-35l/h 5962-9561321hua as5c512k8f-35l/h 5962-9561326hua as5c512k8f-45/h 5962-9561306hua as5c512k8f-45/h 5962-9561311hua as5c512k8f-55/h 5962-9561305hua as5c512k8f-55l/h 5962-9561319hua as5c512k8f-45l/h 5962-9561320hua as5c512k8f-45l/h 5962-9561325hua as5c512k8f-12/h 5962-9561329huc as5c512k8f-12l/h 5962-9561328huc as5c512k8f-15/h 5962-9561314huc as5c512k8f-17/h 5962-9561310huc as5c512k8f-17l/h 5962-9561324huc as5c512k8f-20/h 5962-9561309huc as5c512k8f-20l/h 5962-9561323huc as5c512k8f-25/h 5962-9561308huc as5c512k8f-25/h 5962-9561313huc as5c512k8f-25l/h 5962-9561322huc as5c512k8f-25l/h 5962-9561327huc as5c512k8f-35/h 5962-9561307huc as5c512k8f-35/h 5962-9561312huc as5c512k8f-35l/h 5962-9561321huc as5c512k8f-35l/h 5962-9561326huc as5c512k8f-45/h 5962-9561306huc as5c512k8f-45/h 5962-9561311huc as5c512k8f-55/h 5962-9561305huc as5c512k8f-55l/h 5962-9561319huc as5c512k8f-45l/h 5962-9561320huc as5c512k8f-45l/h 5962-9561325huc asi package designator f


▲Up To Search▲   

 
Price & Availability of AS5C512K8ECJ-15L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X