Part Number Hot Search : 
1N3957GP SI9183 D4KB40 0OEU54D 5KE10 25FR10M TLP390 223BCY
Product Description
Full Text Search
 

To Download ARIESELECTRONICSINC-11-002-106F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series 100 thru 111 dip jumpers note: aries specializes in custom design and production. in addition to the standard products shown on this page, special materials, platings, sizes, and configurations can be furnished, depending on quantities. aries reserves the right to change prod- uct specifications without notice. features: ? aries offers a wide array of dip jumper configurations and wiring possibilities for all your programming needs. ? reliable, electronically tested solder connections. ? protective covers are ultrasonically welded on and provide strain relief for cables. ? 10-color cable allows for easy identification and tracing. ? consult factory for jumper lengths under 2.000 [50.80]. specifications: ? header body is red ul 94-hb glass-filled nylon. consult factory for ul 94v-0 rated material. ? header pins are brass, 1/2 hard. ? pin plating is 10 m [.25 m m] min. gold per mil-g-45204 over 50 m [1.27 m m] min. nickel per qq-n-290. ? cable insulation is ul style 2697 polyvinyl chloride (pvc). ?laminate is clear pvc, self-extinguishing. ** ? .050 [1.27] pitch conductors are 28 awg, 7/36 strand, tinned copper per astm b 33 (.039 [.99] pitch conductors are 26 awg, 7/34 strand). ? cable current rating=1 amp @ 10c [50f] above ambient. ? cable voltage rating=300 volts. ? cable temperature rating=176f [80c]. ? cable capacitance=13.0 pf/ft. [42.7pf/meter] nominal @1 mhz.** ? crosstalk: 10 sample, 5 ns rise time with 2 lines driven. near end=4.7%; far end=4.3% nominal.** ? propagation delay=1.5 ns/ft. [4.9 ns/meter] nominal.** ? insulation resistance=10 10 ohms (10 ft. [3 meters] min.). **note: applies to .050 [1.27] pitch cable only. mounting considerations: ?suggested pcb hole size=.033 .002 [.86 .05]. xx-xxx-xxxx ordering informa tion series 100 series 101 header det ail a=(no. of conductors x .050 [1.27) + .095 [2.41] b=(no. of conductors - 1) x .050 [1.27] length l in inches (min. length =2.000 [50.80]) note: 10, 12, 18, 20, & 28 conductor jumpers do not have numbers on covers. numbers shown pin side for reference only. centers c dim. d available sizes .300 [7.62] .395 [10.03] 4 thru 20 .400 [10.16] .495 [12.57] 22 .600 [15.24] .695 [17.65] 24, 28, 40 see data sheet no. 11007 for other configurations and additional information. all tolerances .005 [.13] unless otherwise specified a ll dimensions : inches [ millimeters ] optional suffix: t=tin plated header pins f=flat cable tw=twisted pair cable st=stripped and tinned ends (series 106-111) no. of conductors (see table) l .125 l .125 jumper series printouts of this document may be out of date and should be considered uncontrolled north america frenchtown, nj usa tel: (908) 996-6841 fax: (908) 996-3891 uk/ireland/gb tel: +44 870 240 0249 fax: +44 1653 600493 uking@arieselec.com europe/mainland/holland tel: +31 78 615 94 65 fax: +31 78 615 43 11 europe@arieselec.com http://www.arieselec.com ? info@arieselec.com 11006 rev.b
series 100 thru 111 dip jumpers (cont.) cable det ail series 102 series 103 series 104 series 105 series 106 series 108 series 107 series 109 series 1 10 series 1 1 1 series 106, 108, 110 series 107, 109, 111 wire no. header pin no. wire no. header pin no. 1 1 1 1 2 8 2 2 3 2 3 3 4 7 4 4 5 3 5 5 6 6 6 6 7 4 7 7 8 5 8 8 single end dip jumper wire list see data sheet no. 11006 for other configurations and additional information. ordering informa tion w=(no. of conductors x .050 [1.27]) + .005 [.08] y=(no. of conductors - 1) x .050 [1.27] cable det ail (series 107/109/111) z=(no. of conductors - 1) x .039 [.99] xx-xxx-xxxx jumper series length l in inches (min. length =2.000 [50.80]) optional suffix: t=tin plated header pins f=flat cable tw=twisted pair cable st=stripped and tinned ends (series 106-111) no. of conductors (see table) l .125 l .125 l .125 l .125 l .125 l .125 l .125 l .125 l .125 l .125 printouts of this document may be out of date and should be considered uncontrolled north america frenchtown, nj usa tel: (908) 996-6841 fax: (908) 996-3891 uk/ireland/gb tel: +44 870 240 0249 fax: +44 1653 600493 uking@arieselec.com europe/mainland/holland tel: +31 78 615 94 65 fax: +31 78 615 43 11 europe@arieselec.com http://www.arieselec.com ? info@arieselec.com 11007 rev.c


▲Up To Search▲   

 
Price & Availability of ARIESELECTRONICSINC-11-002-106F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X