Part Number Hot Search : 
UB232R NTE931 74HCT3 GBPC4005 AME7107 3SMC110A RF620T 03515
Product Description
Full Text Search
 

To Download 586-2402-101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features / benefits  high brightness with low current draw - uses up to 90% less energy than incandescent  long life - up to 100k hours  true non-polarized configurations available  no heat generated  mounts directly into industry-standard socket  resistant to shock and vibration  alingap and ingan technology  super bright single chip design  colors include red, green, yellow, blue and white dialight's line of based led lamps is designed to directly replace many popular subminiature and miniature incandescent lamps. the benefits of led technology over incandescent are significant: they offer long life, are shock resistant, withstand vibration and provide energy conservation. 586 series single chip based led t 3 1/4 miniature bayonet (ba9s) specifications measurements are typical dimensions are inches [mm]  operating voltages: 6, 14, and 28 vdc  polarized and non-polarized available  operating temperature: -30 o c to + 85 o c  storage temperature: -40 o c to + 100 o c  replaces incandescent lamp numbers: 44, 47, 313, 755,1815, 1819, 1847, 1850, 1866, 1889, 1891, 1892, 1893 and 1895 * * see dialights incandescent lamp/based led cross reference for a complete listing. tinted color lens dialight corporation 1501 route 34 south ? farmingdale, nj 07727 usa tel: (1) 732-919-3119 ? fax: (1) 732-751-5778 ? www.dialight.com considerations  since lens caps act as filters for the light emitted from the based led, it is important to match the emitting color of the led. if not matched properly, the overall light output may be substantially reduced. dialight recommends using transparent lens es, which will optimize the light output.  if you are unfamiliar with the the polarity of the circuit, dialight recommends using a non-polarized version.  although these lamps can be operated at a lower voltage, which will increase the life, the intensity will be reduced.  operation of the based led at a higher voltage should not exceed 10% above the recommended voltage.  dialight does not recommend that based led lamps be used in neon sockets. dialight reserves the right to make changes at any time in order to supply the best product possible. mdel586e001_e center contact (+) plus for polarized versions
t 3 1/4 miniature bayonet (ba9s) polarized t 3 1/4 miniature bayonet (ba9s) non-polarized dialight corporation 1501 route 34 south ? farmingdale, nj 07727 usa tel: (1) 732-919-3119 ? fax: (1) 732-751-5778 ? www.dialight.com mdel586e001_e with the technological advancements in light emitting diodes (leds) brightness can now rival the incandescent lamp when used in similar packages. these advancements have created a new type of product called the based led - an led with the functionality of an incandescent bulb. the following styles are currently available in red, green, yellow, blue and white:  t 1 3/4 midget flange  t 1 3/4 bi-pin  t 1 3/4 wedge (t5)  t 2 telephone slide  t 3 1/4 miniature bayonet (ba9s)  t 3 1/4 miniature screw (e10)  t 3 1/4 wedge (t10)  15mm sc bayonet (ba15s) dialights line of based leds continues to grow. please visit our website for more information. www.dialight.com based le ds selection 586-2401-101 red 630 6 15 1050 586-2402-101 green 525 6 15 1650 586-2403-101 yellow 592 6 15 1275 586-2405-101 blue 470 6 15 487 586-2406-101 white * 6 15 825 586-2401-103 red 630 14 15 1050 586-2402-103 green 525 14 15 1650 586-2403-103 yellow 592 14 15 1275 586-2405-103 blue 470 14 15 487 586-2406-103 white * 14 15 825 586-2401-105 red 630 28 15 1050 586-2402-105 green 525 28 15 1650 586-2403-105 yellow 592 28 15 1275 586-2405-105 blue 470 28 15 487 586-2406-105 white * 28 15 825 peak forward wavelength nominal current intensity part number color (nm) voltage (vdc) typ (ma) typ. (mcd) *color coordinates: x = 0.330, y = 0.365 586-2401-201 red 630 6 15 1050 586-2402-201 green 525 6 15 1650 586-2403-201 yellow 592 6 15 1275 586-2405-201 blue 470 6 15 487 586-2406-201 white * 6 15 825 586-2401-203 red 630 14 15 1050 586-2402-203 green 525 14 15 1650 586-2403-203 yellow 592 14 15 1275 586-2405-203 blue 470 14 15 487 586-2406-203 white * 14 15 825 586-2401-205 red 630 28 7.5 525 586-2402-205 green 525 28 7.5 825 586-2403-205 yellow 592 28 7.5 637 586-2405-205 blue 470 28 7.5 243 586-2406-205 white * 28 7.5 412 *color coordinates: x = 0.330, y = 0.365 peak forward wavelength nominal current intensity part number color (nm) voltage (vdc) typ (ma) typ. (mcd)


▲Up To Search▲   

 
Price & Availability of 586-2402-101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X