Part Number Hot Search : 
74HC4 RAME027 HZS2L 2231I R1329L00 NTE72 DS2181A MBR20100
Product Description
Full Text Search
 

To Download 3G576C-80N-FREQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  euroquartz limited blacknell lane crewkerne somerset uk ta18 7he tel: +44 (0)1460 230000 fax: +44 (0)1460 230001 info@euroquartz.co.uk www.euroquartz.co.uk euro quartz g576 vcxo description frequency range 0.625mhz to 50.0mhz cmos/ttl output supply voltage 5.0 v or 3.3 vdc integrated phase jitter 1ps typical low cost unit g576 vcxos, are packaged in a miniature 7mm x 5mm x 1.8mm 6 pad smd package. typical phase jitter for g series vcxos is <1ps, output cmos/ttl. g series vcxos use fundamental mode crystal osccillators. applications include phase lock loop, sonet/atm, set- top boxes, mpeg , audio/video modulation, video game consoles and hdtv. 10hz -70dbc/hz 100hz -105dbc/hz 1khz -132dbc/hz 10khz -142dbc/hz 1mhz -150dbc/hz phase noise frequency range vdd = +3.3vdc: 0.625mhz to 50.0mhz vdd = +5.0vdc: 1.0mhz to 50.0mhz supply voltage: +3.3 vdc 5% or +5.0vdc5% output logic: ttl/hcmos integrated phase jitter: 1.0ps maximum 12khz to 20mhz period jitter rms: 2.0ps typical period jitter peak to peak: 14ps maximum phase noise: see table below initial frequency accuracy tune to the nominal frequency with: +3.3vdc: vc= 1.65v 0.2v +5.0 vdc: vc= 2.5v 0.2v output voltage high (1): 90% vdd minimum output voltage low (0): 10% vdd maximum control voltage centre +3.3vdc: 1.65v +5.0vdc: 2.5v control voltage range +3.3vdc: 0.3v to 3.0v +5.0vdc: 0.5v to 4.5v pulling range +3.3vdc 80ppm to 120ppm (standard) +5.0vdc: 80ppm to 150ppm (200ppm available) temperature stability: see table output load: cmos = 15pf, ttl = 2 gates start-up time: 10ms maximum, 5ms typical duty cycle: 50% 5% measured at 50% vdd rise/fall times: 0.7ns typical (15pf load) current consumption: 10 to 45ma, frequency dependent linearity: 10% maximum, 6% typical modulation bandwidth: 10khz minimum input impedance: 1 m w minimum slope polarity: monotonic and positive. ( an (transfer function) increase of control voltage always increases output frequency.) storage temperature: -50 to +100c ageing: 5ppm per year maximum rohs status: fully compliant specification frequency stability a 25 0~+70c b 50 0~+70c c 100 0~+70c d 25 -40~+85c e 50 -40~+85c f 100 -40~+85c if non-standard frequency stability is required use ?i? followed by stability, i.e. i20 for 20ppm outline & dimensions pads 2 and 5 are connected internally cmos smd 7 x 5 x 1.8mm, 6 pad 625.0khz ~ 50.0mhz stability code stability ppm temp. range offset frequency 27.0mhz part numbering example: 3g576b-80n-27.000 supply voltage 3 = +3.3v 5 = +5.0v series designator g576 stability over temperature range ( see table ) pullability in ppm pullability determinator n = minimum m = maximum t = typical frequency in mhz


▲Up To Search▲   

 
Price & Availability of 3G576C-80N-FREQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X