Part Number Hot Search : 
MAX172 D242P M53200 STM32F1 R1500 MC332 EL7532 3LF326
Product Description
Full Text Search
 

To Download 3414011411 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   non resettable fuses usf 0402 www.schurter.com/pg0 _ 2 fuses surface mount fuse, 1.05 x 0.55 mm, super-quick-acting ff, 32 vdc ul 248-14 32 vdc super-quick-acting ff description - ul characteristic - low melting i2t-values, fast interruption standards - ul 248-14 - csa c22.2 no. 248.14 approvals - ul file number: e41599 applications - secondary protection dc and ac - circuits without inrush - semiconductor protection - digital consumer electronics references packaging detail s weblinks general product informatio n , approval s , roh s , china-roh s , e-stor e , schurter-stock-chec k , distributor-stock-chec k technical data rated voltage 24 - 32 vdc rated current 0.375 - 5 a breaking capacity 35 a characteristic super-quick-acting ff mounting pcb,smt admissible ambient air temp. -55 c to 125 c climatic category 55/125/21 acc. to iec 60068-1 material: housing thermoset material: terminals gold-plated copper alloy unit weight 0.004 g storage conditions 0 c to 60 c, max. 70% r.h. product marking letter (see variants) soldering methods reflow solderability 245 c / 3 sec acc. to iec 60068-2-58, test td resistance to soldering heat 260 +0/-5 c / 30 sec acc. to ipc/je - dec j-std-020d, 1 cycle flammability min. ul 94v-1 (acc. to eia/is-722, test 4.12) dimensions 1.05 mm ? 0.475 0.3 1.05 0.55 0.53 0.8 0.15 0.4 0.55 8 0.584 0.381 soldering?pads pre-arcing time rated current in  .0 x in min 2.0 x in max 0.375? a?-?5? a 4?h 5?s
2 non resettable fuses usf 0402 www.schurter.com/pg0 _ 2 fuses variants rated cur - rent [a] rated vol - tage [vdc] marking breaking capacity voltage drop  .0 in max. [mv] voltage drop  .0 in typ. [mv] cold resi - stance typ. [m ? ] melting i2t 8.0 in typ. [a2s] order number 0.375 32 e 1) 90 70 173 0.003 l l 3414.0112.xx 0.5 32 f 1) 90 67 124 0.004 l l 3414.0113.xx 0.75 32 g 1) 90 63 78 0.009 l l 3414.0114.xx 1 32 h 1) 90 63 57 0.016 l l 3414.0115.xx 1.5 32 k 1) 90 62 37 0.029 l l 3414.0117.xx 2 32 n 1) 90 58 26 0.044 l l 3414.0119.xx 2.5 32 o 1) 90 59 21 0.06 l l 3414.0120.xx 3 32 p 1) 90 52 17 0.098 l l 3414.0121.xx 4 32 s 1) 90 60 13 0.113 l l 3414.0123.xx 5 24 t 2) 90 52 10 0.288 l l 3414.0124.xx 1) 35 a @ 32 vdc 2) 35 a @ 24 vdc packaging unit .xx = .11 blister tape (100 pcs.) .xx = .22 blister tape 18 cm reel (1000 pcs.) .xx = .24 blister tape 18 cm reel (5000 pcs.) .xx = .26 blister tape 33 cm reel (15000 pcs.) time-current-curves time ?in?seconds 0.1 0.0001 0.001 0.01 1 10 100 1000 10000 0 .1 1 0 1 1 00 375 ma 500 ma 750 ma 1 a 1.5 a 2 a 2.5 a 3 a 4 a 5 a current?in? amperes the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of 3414011411

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X