Part Number Hot Search : 
SC260C2 TDA8709A 2SD553 SSM6K TLVH431 KSM9N50C LTC1736 FSJ260D
Product Description
Full Text Search
 

To Download 20ETS10SPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  major ratings and characteristics i f(av) sinusoidal waveform v rrm 800 to 1200 v i fsm 300 a v f @ 10 a, t j = 25c 1.0 v t j - 40 to 150 c characteristics values units 20 a output current in typical applications single-phase bridge three-phase bridge units description/ features the 20ets...spbf rectifier safe ir series has been optimized for very low forward voltage drop, with moderate leakage. the glass passivation technology used has reliable operation up to 150c junction temperature. typical applications are in input rectification and these products are designed to be used with international rectifier switches and output rectifiers which are available in identical package outlines. capacitive input filter t a = 55c, t j = 125c, 16.3 21 a common heatsink of 1c/w input rectifier diode lead-free ("pbf" suffix) v f < 1v @ 10a i fsm = 300a v rrm = 800 - 1200v safe ir series 20ets...spbf bulletin i2209 rev a 08/06 d 2 pak (smd-220) package outline www.vishay.com 1 document number: 94340
20ets...spbf safe ir series bulletin i2109 rev a 08/06 voltage ratings part number v rrm , maximum v rsm , maximum non repetitive i rrm peak reverse voltage peak reverse voltage 150c vvma 20ets08spbf 800 900 1 20ETS10SPBF 1000 1100 1 20ets12spbf 1200 1300 1 t j max. junction temperature range - 40 to 150 c t stg max. storage temperature range - 40 to 150 c r thjc max. thermal resistance junction 1.3 c/w dc operation to case r thja max. thermal resistance junction 62 c/w (*) for d 2 pak version to ambient r thcs typ. thermal resistance case 0.5 c/w mounting surface, smooth and greased to heatsink wt approximate weight 2 (0.07) g (oz.) t mounting torque min. 6 (5) max. 12 (10) case style d 2 pak (smd-220) thermal-mechanical specifications parameters 20ets.. units conditions kg-cm (ibf-in) i f(av) max. average forward current 20 a @ t c = 105 c, 180 conduction half sine wave i fsm max. peak one cycle non-repetitive 250 10ms sine pulse, rated v rrm applied surge current 300 10ms sine pulse, no voltage reapplied i 2 t max. i 2 t for fusing 316 10ms sine pulse, rated v rrm applied 442 10ms sine pulse, no voltage reapplied i 2 t max. i 2 t for fusing 4420 a 2 s t = 0.1 to 10ms, no voltage reapplied absolute maximum ratings parameters 20ets.. units conditions a a 2 s electrical specifications v fm max. forward voltage drop 1.1 v @ 20a, t j = 25c r t forward slope resistance 10.4 m v f(to) threshold voltage 0.85 v i rm max. reverse leakage current 0.1 t j = 25 c 1.0 t j = 150 c parameters 20ets.. units conditions t j = 150c v r = rated v rrm ma * when mounted on 1" square (650mm 2 ) pcb of fr-4 or g-10 material 4 oz (140 m) copper 40c/w for recommended footprint and soldering techniques refer to application note # an-994 www.vishay.com 2 document number: 94340
20ets...spbf safe ir series bulletin i2109 rev a 08/06 fig. 1 - current rating characteristics fig. 2 - current rating characteristics fig. 4 - forward power loss characteristics fig. 3 - forward power loss characteristics 90 100 110 120 130 140 150 0 2 4 6 8 10121416182022 30 60 90 120 180 maximum allowable case temperature (c) conduction angle average forward current (a) 20et s. . se r i e s r (dc) = 1.3 c/ w thjc 90 100 110 120 130 140 150 0 5 10 15 20 25 30 35 dc 30 60 90 120 180 maximum allowable case temperature (c) cond uc tion period average forward current (a) 20ets.. se ries r (dc) = 1.3 c/ w thjc 0 5 10 15 20 25 30 0 4 8 12162024 rm s li m i t 180 120 90 60 30 conduction angle maximum average forward power loss (w) average forward current (a) 20ets.. se ries t = 150c j 0 5 10 15 20 25 30 35 0 5 10 15 20 25 dc 180 120 90 60 30 average forward current (a) rm s li m i t maximum average forward power loss (w) conduction period 20ets.. se rie s t = 150c j fig. 5 - maximum non-repetitive surge current fig. 6 - maximum non-repetitive surge current 50 100 150 200 250 300 110100 number of equal amplitude half cycle current pulses (n) peak half sine wave forward current (a) initia l t = 150c @ 60 hz 0.0083 s @ 50 hz 0.0100 s j at any rated load condition and with rated v applied following surge. rrm 20ets.. series 50 100 150 200 250 300 0.01 0.1 1 pulse train duration (s) ma ximum non rep etitive surge current peak half sine wave forward current (a) init ia l t = 150c no voltage reapplied rated v reapplied j rrm versus pulse train duration. 20ets .. s eries www.vishay.com 3 document number: 94340
20ets...spbf safe ir series bulletin i2109 rev a 08/06 fig. 8 - thermal impedance z thjc characteristics fig. 7 - forward voltage drop characteristics 1 10 100 1000 00.511.522.533.54 t = 25c j instantaneous forward current (a) instantaneous forward voltage (v) t = 150c j 20ets.. s eries 0.01 0.1 1 10 0.0001 0.001 0.01 0.1 1 square wave pulse duration (s) thjc steady state value (dc operation) si n g l e pu l se d = 0.50 d = 0.33 d = 0.25 d = 0.17 d = 0.08 20ets.. se ries transient thermal impedance z (c/w) www.vishay.com 4 document number: 94340
20ets...spbf safe ir series bulletin i2109 rev a 08/06 10.16 (0.40) ref. 8.89 (0.35) 4.57 (0.18) 4.32 (0.17) 0.61 (0.02) max. 5.08 (0.20) ref. 1.32 (0.05) 1.22 (0.05) 13 6.47 (0.25) 6.18 (0.24) 93 ref. 2.61 (0.10) 2.32 (0.09) 5.28 (0.21) 4.78 (0.19) 4.69 (0.18) 4.20 (0.16) 0.55 (0.02) 0.46 (0.02) 14.73 (0.58) 15.49 (0.61) 1.40 (0.055) 1.14 (0.045) 3x 0.93 (0.37) 0.69 (0.27) 2x 11.43 (0.45) 17.78 (0.70) 8.89 (0.35) 3.81 (0.15) 2.08 (0.08) 2x 2.54 (0.10) 2x minimum recommended footprint 2 d 2 pak (smd-220) dimensions in millimeters and inches anode 1 3 base cathode 2 anode marking information assembled on ww 12, 2000 lot code 5k3a rectifier logo lot code assembly international part number date code year 0 = 2000 week 12 p = lead-free this is a 20ets12s with 20ets12s outline table www.vishay.com 5 document number: 94340
20ets...spbf safe ir series bulletin i2109 rev a 08/06 dimensions in millimeters and inches trr feed dir ection trl feed direction 10.90 (0.429) 10.70 (0.421) 16.10 (0.634) 15.90 (0.626) 1.75 (0 .069) 1.25 (0 .049) 1.85 (0.073) 1.65 (0.065) 4.10 (0.161) 3.90 (0.153) 1.60 (0.063) 1.50 (0.059) dia. 1.60 (0.063) 1.50 (0.059) dia. 11 .60 (0.4 57) 11 .40 (0.4 49) 15 .42 (0.6 09) 15 .22 (0.6 01) 4.72 (0.186) 4.52 (0.178) 24.30 (0.957) 23.90 (0.941) 0.368 (0.0145) 0.342 (0.0135) 360 (14.173) dia. max. 26.40 (1.039) 24.40 (0.961) 13.50 (0.532) 12.80 (0.504) dia. 60 (2 .36 2) dia. min. smd-220 tape & reel when ordering, indicate the part number, part orientation, and the quantity. quantitie s are in multiples of 800 p ieces p er reel for bo th trl and trr. tape & reel information www.vishay.com 6 document number: 94340
20ets...spbf safe ir series bulletin i2109 rev a 08/06 20 e t s 12 s tr pbf device code 1 5 24 3 ordering information table 6 7 1 - current rating (20 = 20a) 2 - circuit configuration e = single diode 3 - package t = to-220ac 4 - type of silicon s = standard recovery rectifier 5 - voltage code x 100 = v rrm 6 - s = to-220 d 2 pak (smd-220) version 7 - y none = tube y trl = tape & reel (left oriented) y trr = tape & reel (right oriented) 8 - y none = standard production y pbf = lead-free 8 ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7309 08/06 data and specifications subject to change without notice. this product has been designed and qualified for industrial level and lead-free. qualification standards can be found on ir's web site. 08 = 800 v 10 = 1000 v 12 = 1200 v www.vishay.com 7 document number: 94340
legal disclaimer notice vishay document number: 99901 www.vishay.com revision: 12-mar-07 1 notice the products described herein were acquired by vishay intertechnology, inc., as part of its acquisition of international rectifier?s power control systems (pcs) business, which closed in april 2007. specifications of the products displayed herein are pending review by vishay and are subject to the terms and conditions shown below. specifications of the products displayed herein are subject to change without notice. vishay intertechnology, inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale. international rectifier ? , ir ? , the ir logo, hexfet ? , hexsense ? , hexdip ? , dol ? , intero ? , and powirtrain ? are registered trademarks of international rectifier corporation in the u.s. and other countries. all other product names noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of 20ETS10SPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X