https://www.phoenixcontact.com/us/produkte/1805517 20.11.2012???page? 1 ?/? 4 printed-circuit board connector?-?pts 1,5/ 2-ph-5,0?-?1805517 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://download.phoenixcontact.com) plug component, nominal current: 10 a, rated voltage (iii/2): 400 v, number of positions: 2, pitch: 5 mm, connection method: spring-cage conn., color: green ? key commercial data packing unit 0 minimum order quantity 1 gtin custom tariff number 85366990 country of origin germany technical data dimensions / positions pitch 5 mm dimension a 5 mm number of positions 2 technical data range of articles pts 1,5/..-ph insulating material group i rated surge voltage (iii/3) 4 kv rated surge voltage (iii/2) 4 kv rated surge voltage (ii/2) 4 kv rated voltage (iii/2) 400 v rated voltage (ii/2) 600 v nominal current i n 10 a nominal voltage u n 250 v nominal cross section 2.5 mm2 insulating material pa inflammability class according to ul 94 v0 stripping length 8 mm umgebungstemperatur [c] stromst?rke [a] 100 80 60 40 20 0 0 4 8 12 16 20 = 2-pos. = 5-pos. = 12-pos. a 5 a+5 12,8 2,35 11,7 5,6
https://www.phoenixcontact.com/us/produkte/1805517 20.11.2012???page? 2 ?/? 4 printed-circuit board connector?-?pts 1,5/ 2-ph-5,0?-?1805517 technical data connection data conductor cross section solid min. 0.2 mm2 conductor cross section solid max. 2.5 mm2 conductor cross section stranded min. 0.2 mm2 conductor cross section stranded max. 2.5 mm2 conductor cross section stranded, with ferrule without plastic sleeve min. 0.25 mm2 conductor cross section stranded, with ferrule without plastic sleeve max. 1.5 mm2 conductor cross section stranded, with ferrule with plastic sleeve min. 0.25 mm2 1 conductor cross section stranded, with ferrule with plastic sleeve max. 1 mm2 conductor cross section awg/kcmil min. 26 conductor cross section awg/kcmil max 14 classifications etim etim 4.0 ec002637 etim 5.0 ec002637 ecl@ss ecl@ss 5.1 27141190 ecl@ss 6.0 27260704 ecl@ss 7.0 27440402 drawings diagram type: pts 1,5/...-ph-5,0 with pst 1,3/...-5,0 umgebungstemperatur [c] stromst?rke [a] 100 80 60 40 20 0 0 4 8 12 16 20 = 2-pos. = 5-pos. = 12-pos. a 5 a+5 12,8 2,35 11,7 5,6
https://www.phoenixcontact.com/us/produkte/1805517 20.11.2012???page? 3 ?/? 4 printed-circuit board connector?-?pts 1,5/ 2-ph-5,0?-?1805517 dimensioned drawing umgebungstemperatur [c] stromst?rke [a] 100 80 60 40 20 0 0 4 8 12 16 20 = 2-pos. = 5-pos. = 12-pos. a 5 a+5 12,8 2,35 11,7 5,6
https://www.phoenixcontact.com/us/produkte/1805517 20.11.2012???page? 4 ?/? 4 ? phoenix contact 2012 - all rights reserved http://www.phoenixcontact.com umgebungstemperatur [c] stromst?rke [a] 100 80 60 40 20 0 0 4 8 12 16 20 = 2-pos. = 5-pos. = 12-pos. a 5 a+5 12,8 2,35 11,7 5,6
|