Part Number Hot Search : 
FIN1028M 01610 HC153 3SK186 AM4825PE HCTS85D AK2347B 331MP
Product Description
Full Text Search
 

To Download 0003091027 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 12/01/2009 please check www.molex.com for latest part information part number: 0003091027 status: active overview: description: 2.36mm (.093") diameter standard .093" pin and socket receptacle housing, 2 circuits, with pre-bent mounting ears, with ramps documents: 3d model product specification ps-02-09 (pdf) drawing (pdf) product specification ps-43660-9999 (pdf) packaging specification (pdf) rohs certificate of compliance (pdf) general product family crimp housings series 1545 comments polarized to mating part, 17.0a max. can be achieved when housing is used with 42477 or 42478 terminals overview standard .093" product name standard .093" physical breakaway no circuits (maximum) 2 circuits detail 1x2 color - resin natural flammability 94v-2 gender dual glow-wire compliant no keying to mating part none lock to mating part yes material - resin nylon number of rows 1 packaging type bag panel mount yes pitch - mating interface (in) 0.248 in pitch - mating interface (mm) 6.30 mm stackable no temperature range - operating -40c to +105c electrical csa lr19980 current - maximum 14a ul e29179 material info old part number 1545-r3 reference - drawing numbers product specification ps-02-09 product specification ps-43660-9999 sales drawing sd-1545-* series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. search parts in this series 1545 series mates with 1625 plug use with 1189 crimp terminals, 1190 crimp terminals, 1376 male pc tail terminals, 1377 female pc tail terminals, 1380 male crimp terminals, 1381 female crimp terminals, 1433 crimp terminals, 1434 male crimp terminals, 1973 male crimp terminals this document was generated on 12/01/2009 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0003091027

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X