Part Number Hot Search : 
03542 MK316B TE4001S LH1529A SPR1602C ADG13 STRFNFCA MAB8040
Product Description
Full Text Search
 

To Download SAMTECINC-MMSD-02-24C-26-S-0325-D-LDX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ipd1?05?d mmss?10?20?s?03.25?d?lus mmsd?05?20?s?04.25?d?lux www.samtec.com www.samtec.com f-208 note: some lengths, styles and options are non-standard, non-returnable. ipd1 = body, loose specifications mini mate ? cable mates with: ipl1 (does not mate with ipt1) pins per row wire gauge plating option assembly length option ?20 ?22 ?24 ?24c = color coded cable ?26 ?28 ?30 ??xx.xx? = assembly length in inches (82,55mm) 03.25" min. ?s = single end ?d = double end (available on ?d end option only. applies to end 2 housing) ?lus = latch up, straight ?lds = latch down, straight ?lux = latch up, crossed ?ldx = latch down, crossed ?p =polarization (n/a with -lus, -lds, lux) type mmsd, mmss, ipd1 series (12,83) .505 (7,24) .285 mmss mmsd ?d?lus 25 (2,54) .100 (12,83) .505 assembly length (3,18) .125 no. of positions x (2,54) .100 + (1,40) .055 (8,89) .350 01 (2,54) .100 end option ?02, ?05, ?10, ?15, ?20, ?25 ?02, ?05, ?10, ?15, ?20, ?25 (?d only) ?02, ?05, ?10 (?s only) (call samtec for other sizes) mmsd = double row mmss = single row (02, 05 and 10 positions only) for complete speci cations see www.samtec.com?mmsd, www.samtec.com?mmss or www.samtec.com?ipd1 insulator material: nylon 66 contact material: phosphor bronze plating: au or sn over 50? (1,27?) ni operating temp range: -55? to +105? (20-26 awg) -55? to +80? (28-30 awg) voltage rating: 675 vac wire: 20 to 30 awg rohs compliant: ye s ?s = 30" (0,76m) gold on contact ?s = single row ?d = double row type 01 plating option cc79l = contact, loose cc79r = contact, full reel (15,000 parts per reel) ?2630 = 30 to 26 awg ?2024 = 24 to 20 awg wire gauge ?s = 30" (0,76m) gold on contact, tin on tail (1,57) .062 dia (1,91) .075 (3,81) .150 (1,52) .060 (3,17) .1250 (17,93) .706 positions per row option type row option ?p =polarization (-d only) hand tools 20 to 24 awg: cat-ht-179-2024-11 26 to 30 awg: cat-ht-179-2630-11 ?s ?d application specific option application other color coded cables. call samtec. pin 1 2 3 4 5 6 7 8 9 10 etc brown red orange yellow green blue violet gray white black repeat ?24c cable color coding color ambient temp 20c 40c 60c 95c current rating mmss/ipl1 6.8a 6.0a 5.3a 3.6a mmss 6 positions in line powered mmsd 2x3 cluster powered mmsd/ipl1 5.8a 5.2a 4.5a 3.0a


▲Up To Search▲   

 
Price & Availability of SAMTECINC-MMSD-02-24C-26-S-0325-D-LDX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X