Part Number Hot Search : 
CM3627 L1040 18608137 143EC MH61FAG R60J4 18110 BZX84A10
Product Description
Full Text Search
 

To Download PX-5701-EA1-JAXX-00M0327680 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 of 4 px-570 high temperature crystal oscillator vectron off ers a high temperature crystal oscillator (px-570) product platform for extreme environment applications. typical operating temperature range is from -55c to +180c (tighter temper ature stability is available) with a frequency stability of +/- 250 pp m over the entire operating temperature range. vectrons vertical integration in the following technical areas ensures the ability to design and manufacture state of the art high temperature frequency control products: baw & saw design & fabrication to produce high quality resonators. ? rf oscillator circuit design. ? established 250c high temperature electronics packaging expertise. ? established 250c high temperature electronics assembly & test expertise. ? environmental screening. ? vectrons manufacturing processes, from quartz resonator fabrication to oscillator electronics assembly and test, are painstaki ngly controlled via iso and spc procedures. vectron fabricates high temperature quartz resonators using proprietary manufacturing processes d esigned specifi cally for high temperature and harsh environment applications. in order to ensure high reliability in the fi eld, critical electrode metallization and testing processes are conducted inside state-of-the-art class 1k cleanrooms, while oscillator assembly is con ducted in class 10k cleanrooms. all high temperature oscillators are 100% tested before delivery. vectron international ? 267 lowell road, hudson, nh 03051 ? tel: 1-88-vectron-1 ? http://www.vectron.com continuous operating tempera ture range -55c to 180c ? low jitter and phase noise ? 3.3vdc or 5vdc operation ? compliant crystal mount for high shock & vibration ? output frequency 10mhz to 40mhz standard (low frequency ? option is available) 7.8mm x 8.5mm x 3.3mm ceramic leaded package ? rohs compliant ? oil / gas downhole tool ? geophysical services ? high temperature industrial process control ? extended temperature military/aerospace ? avionics ? engine control ? features applications oscillator circuit output buff er rf output crystal resonator block diagram preliminary px-570
page 2 of 4 performance specifi cations physical specifi cations vectron international ? 267 lowell road, hudson, nh 03051 ? tel: 1-88-vectron-1 ? http://www.vectron.com dimensions in (mm) specifi cation parameters values frequency range 32.768khz to 40mhz (low frequency option is available) supply (vdd) +5.0vdc 5% (d) +3.3vdc 5% (e) current 5ma typical @ 20mhz, 3.3v level 0 & 1 <0.4v / >vdd - 0.5v output hcmos compatibility (a) rise & fall time 1ns typical / 3ns max symmetry 40/60% operating temperature 0c to +150c (1) -20c to +180c (z) -55c to +180c (y) 0c to +200c (2) jitter (12khz - 20mhz) <0.5ps phase noise (@40mhz, hcmos, 3.3v) 10hz -70 dbc/hz 100hz -100 dbc/hz 1khz -128 dbc/hz 10khz -143 dbc/hz 100khz -150 dbc/hz 1mhz -150 dbc/hz temperature stability 40ppm (j) 100ppm (s) 250ppm (w) 300ppm (y) package size (mm) 7.8 x 8.5 x 3.3 (thru-hole and gull-wing options) shock 100g, 6ms vibration 20g. 10 to 2000hz storage temperature -60c to +225c l-wing option gull-wing option .200.005 5.08 0.13 .100.005 2.54 0.13 .005 0.13 .047 1.19 0.20 0.46 0.05 .008 8.51 .335 0.760.25 .010 .030 .018.002 .134 3.40 2.91 0.25 .010 .115 0.25 8.01 .010 .315 .010 +.001 +.002 0.25 +0.03 +0.05 .315.010 8.010.25 .050.005 1.260.13 .070.010 1.780.25 933 r.010 0.25 .395.005 10.020.13 .050.005 1.260.13 r.010 0.25 .070.010 1.780.25 .185 4.69 .315.010 8.010.25
page 3 of 4 vectron international ? 267 lowell road, hudson, nh 03051 ? tel: 1-88-vectron-1 ? http://www.vectron.com phase noise performance pin function 1 enable/disable option 2 no connection 3 case & electrical ground 4 rf output 5 no connection 6v cc power supply voltage top view 1 2 3 6 5 4
page 4 of 4 product family high temp products package type 570: 8 x 9 mm lead options 1: thru hole 2: gull wing 3: inward l supply voltage d: 5.0v 5% e: 3.3v 5% output a: hcmos/acmos frequency factory use factory use enable a: enable hi, tristate x: no enable temp stability (px) j: 40ppm s: 100ppm w: 250ppm y: 300ppm temperature range 1: 0c to 150c z: -20c to 180c y: -55c to 180c 2: 0c to 200c disclaimer vectron international reserves the right to make changes to the product(s) and or information contained herein without notice. no liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or information. rev: 11/2008 for additional information, please contact usa: vectron international 267 lowell road hudson, nh 03051 tel: 1.888.328.7661 fax: 1.888.329.8328 europe: vectron international landstrasse, d-74924 neckarbischofsheim, germany tel: +49 (0) 3328.4784.17 fax: +49 (0) 3328.4784.30 asia: vectron international 1f-2f, no 8 workshop, no 308 fenju road waigaoqiao free trade zone pudong, shanghai, china 200131 tel: 86.21.5048.0777 fax: 86.21.5048.1881 ordering information px - 570 1 - d a y - w x x x - 10m0000000 *note: not all combination of options are available. other specifi cations may be available upon request. environmental compliance vibration-sine 20g to 2khz sine mil-std-202 method 204 condition d vibration-random 20grms to 2khz random mil-std-202 method 214 condition i-f shock 100g, 6ms mil-std-202 method 213 condition c & i seal test fine mil-std-883 method 1014 condition a2 seal test gross mil-std-202 method 112 condition d temperature cycling 10 cycles minimum mil-std-883 method 1010 condition b acceleration 5000g y1 axis mil-std-883 method 2001 condition a


▲Up To Search▲   

 
Price & Availability of PX-5701-EA1-JAXX-00M0327680

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X