glenair, inc. 1211 air way glendale, ca 91201-2497 818-247-6000 fax 818-500-9912 ? 2003 glenair, inc. printed in u.s.a. cage codes 06324/0ca77 b - 5 cots micro connectors e-mail: sales@glenair.com www.glenair.com cots micro-d back-to-back cables metal shell micro-d connectors are available as back-to- back complete assemblies. these cables can be used as connector savers or gender changers. these assemblies are wired point- to-point (contact 1 to contact 1, etc.). ? #26 awg wire accomodation ? environmentally sealed ? 9 through 100 contacts note: to specify a back-to-back cable with jackposts on one end and jackscrews on the other, order less hardware (option b) and order hardware separately. how to order shell plating table iii* 1 ? cadmium 2 ? nickel 4 ? black anodize 5 ? gold 6 ? chem film 5 conn. series mwdm mwdm insert material table i* l ? lcp (liquid crystal polymer) l no. of contacts 9 15 21 25 31 37 51 100 31 connector type gp ? pin to pin connector gs ? socket to socket connector cs - pin to socket connector gs wire gage (awg) 6 - 26 6 wire type table iv* e - std k - mil j - space k sample part number: hardware table v* b p l k m s m1 s1 f r b wire color table iv* 1 - white 1 overall length length in 1 inch incre- ments (2 inch minimum) 2 * see inside back cover fold-out for complete information ? ?? related information performance specifications ibc* materials and finishes ibc* contact arrangements 7-8 panel cutouts, mounting dimensions 9 standard dimensions 10 jacking hardware kits c-3,4 * available on the inside back cover fold-out
|