Part Number Hot Search : 
02120 SMBJ100A TL21W02L 7812CT CA101 1N4577 FW82439 D4460
Product Description
Full Text Search
 

To Download MWDM1L-21S-8E2-18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2006 glenair, inc. cage code 06324/0ca77 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com b-4 e-mail: sales@glenair.com how to order metal shell pre-wired micro-d connectors series shell material and finish insulator material contact layout contact type wire gage (awg) wire type wire color wire length inches hardware mwdm aluminum shell 1 C cadmium 2 C nickel 4 C black anodize 5 C gold 6 C chem film stainless steel shell 3 C passivated l C lcp 30% glass- filled liquid crystal polymer 9 15 21 25 31 37 51 51-2 67 69 100 p C pin s C socket 4 C #24 6 C #26 8 C #28 0 C #30 k C m22759/11 600 vrms te? on ? (tfe) j C m22759/33 600 vrms modi? ed cross-linked tefzel ? (etfe) e C nema hp3-eb 600 vrmstype e m16878/4 (tfe) (replaced by m22759/11 for mil spec applications) 1 C white 2 C yellow 5 C color-coded stripes per mil-std- 681 (striped wire not available on 67, 69 or 100 pin connectors or for #28, #30 awg) 7 C ten color repeating 18 wire length in inches. 18 speci? es 18 inches. b p m m1 s s1 l k f r sample part number mwdm 2 l C25 s C 4 k 7 C 18 b micro-d metal shell mwdm pre-wired with insulated wire micro-d pre-wired pigtails Cthese connectors feature gold-plated twistpin contacts and mil spec crimp termination. specify nickel-plated shells or cadmium plated shells for best availability. 100% tested and backpotted, ready for use. choose the wire type and size to fit your application C if on-hand availability is most important, choose #26 awg type k mil spec te? on ? wire. select m22759/33 type j for space applications. micro-d mounting hardware b p m m1 s s1 l k f r thru-hole order hardware separately jackpost removable includes nut and washer jackscrew hex head removable e-ring jackscrew hex head removable e-ring extended jackscrew slot head removable e-ring jackscrew slot head removable e-ring extended jackscrew hex head non- removable jackscrew slot head non- removable extended float mount for front panel mounting float mount for rear panel mounting
? 2006 glenair, inc. cage code 06324/0ca77 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com b-5 e-mail: sales@glenair.com b dimensions layout a max. b c max. d max. e max. f g max. h max. j max. in. mm. in . .003 mm. 0.08 in. mm. in. mm. in. mm. in. .003 mm. 0.08 in. mm. in. mm. in. mm. 9p .785 19.94 .565 14.35 .333 8.46 .184 4.67 .308 7.82 .183 4.65 .416 10.57 .400 10.16 .270 6.86 9s .785 19.94 .565 14.35 .400 10.16 .250 6.35 .308 7.82 .195 4.95 .429 10.90 .400 10.16 .270 6.86 15p .935 23.75 .715 18.16 .483 12.27 .184 4.67 .308 7.82 .183 4.65 .416 10.57 .550 13.97 .270 6.86 15s .935 23.75 .715 18.16 .551 14.00 .250 6.35 .308 7.82 .195 4.95 .429 10.90 .550 13.97 .270 6.86 21p 1.085 27.56 .865 21.97 .633 16.08 .184 4.67 .308 7.82 .183 4.65 .416 10.57 .700 17.78 .270 6.86 21s 1.085 27.56 .865 21.97 .701 17.81 .250 6.35 .308 7.82 .195 4.95 .429 10.90 .700 17.78 .270 6.86 25p 1.185 30.01 .965 24.51 .733 18.62 .184 4.67 .308 7.82 .183 4.65 .416 10.57 .800 20.32 .270 6.86 25s 1.185 30.01 .965 24.51 .801 20.35 .250 6.35 .308 7.82 .195 4.95 .429 10.90 .800 20.32 .270 6.86 31p 1.335 33.91 1.115 28.32 .883 22.43 .184 4.67 .308 7.82 .183 4.65 .416 10.57 .950 24.13 .270 6.86 31s 1.335 33.91 1.115 28.32 .951 24.16 .250 6.35 .308 7.82 .195 4.95 .429 10.90 .950 24.13 .270 6.86 37p 1.485 37.72 1.265 32.13 1.033 26.24 .184 4.67 .308 7.82 .183 4.65 .416 10.57 1.100 27.94 .270 6.86 37s 1.485 37.72 1.265 32.13 1.101 27.96 .250 6.35 .308 7.82 .195 4.95 .429 10.90 1.100 27.94 .270 6.86 51p 1.435 36.45 1.215 30.86 .983 24.97 .224 5.69 .351 8.92 .183 4.65 .416 10.57 1.050 26.67 .310 7.87 51s 1.435 36.45 1.215 30.86 1.051 26.70 .293 7.44 .351 8.92 .195 4.95 .429 10.90 1.050 26.67 .310 7.87 51-2p 1.835 46.61 1.615 41.02 1.384 35.15 .184 4.67 .310 7.87 .183 4.65 .416 10.57 1.450 36.83 .270 6.86 51-2s 1.835 46.61 1.615 41.02 1.450 36.83 .250 6.35 .310 7.87 .195 4.95 .429 10.90 1.450 36.83 .270 6.86 67p 2.235 56.77 2.015 51.18 1.784 45.31 .184 4.67 .310 7.87 .183 4.65 .416 10.57 1.850 36.83 .270 6.86 67s 2.235 56.77 2.015 51.18 1.850 46.99 .250 6.35 .310 7.87 .195 4.95 .429 10.90 1.850 36.83 .270 6.86 69p 1.735 44.07 1.515 38.48 1.284 32.61 .224 5.69 .351 8.92 .183 4.65 .416 10.57 1.350 34.29 .310 7.87 69s 1.735 44.07 1.515 38.48 1.350 34.29 .293 7.44 .351 8.92 .195 4.95 .429 10.90 1.350 34.29 .310 7.87 100p 2.170 55.12 1.800 45.72 1.383 35.13 .270 6.86 .394 10.01 .183 4.65 .416 10.57 1.442 36.63 .360 9.14 100s 2.170 55.12 1.800 45.72 1.451 36.86 .333 8.46 .394 10.01 .195 4.95 .429 10.90 1.442 36.63 .360 9.14 a e 9-69 contacts .096/.088 (2.43/2.23) dia. 100 contacts .150/.145 (3.81/3.68) dia. d b c g f h .093 .005 (2.36 0.13) wire length +1.0/-0.0 (+25.4/-0.0) j micro-d metal shell mwdm pre-wired with insulated wire materials and finishes connector shell aluminum alloy 6061 or stainless steel, 300 series, passivated. see ordering info for plating options insulator liquid crystal polymer (lcp) interfacial seal flourosilicone rubber, blue pin contact beryllium copper gold over nickel plating socket contact copper alloy gold over nickel plating hardware 300 series stainless steel encapsulant epoxy resin hysol ee4215 performance specifications current rating 3 amp dwv 600 vac sea level insulation resistance 5000 megohms minimum contact resistance 8 milliohms maximum low level contact resist. 32 milliohms maximum magnetic permeability 2 maximum operating temperature -55 c. to +150 c. shock, vibration 50 g., 20g. mating force (10 ounces) x (# of contacts)


▲Up To Search▲   

 
Price & Availability of MWDM1L-21S-8E2-18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X