Part Number Hot Search : 
MJD148 LR5360 MBR2045 DS24B33 CV5008 SR8100 B41694 CJF15031
Product Description
Full Text Search
 

To Download MBRB20100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2005 august, 2005 ? rev. 5 1 publication order number: MBRB20100CT/d MBRB20100CT preferred device switchmode  power rectifier d 2 pak surface mount power package the d 2 pak power rectifier is a state?of?the?art device that employs the use of the schottky barrier principle with a platinum barrier metal. features ? package designed for power surface mount applications ? center?tap configuration ? guardring for stress protection ? low forward voltage ? 150 c operating junction temperature ? epoxy meets ul 94 v?0 @ 0.125 in ? short heat sink tab manufactured ? not sheared! ? similar in size to industry standard to?220 package ? pb?free packages are available mechanical characteristics ? case: epoxy, molded, epoxy meets ul 94 v?0 ? weight: 1.7 grams (approximately) ? finish: all external surfaces corrosion resistant and terminal leads are readily solderable ? lead and mounting surface temperature for soldering purposes: 260 c max. for 10 seconds ? device meets msl1 requirements ? esd ratings: machine model, c >400 v human body model, 3b >8000 v maximum ratings (per leg) rating symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 100 v average rectified forward current (rated v r , t c = 110 c) total device i f(av) 10 20 a peak repetitive forward current (rated v r , square wave, 20 khz, t c = 100 c) i frm 20 a non?repetitive peak surge current (surge applied at rated load conditions halfwave, single phase, 60 hz) i fsm 150 a peak repetitive reverse surge current (2.0  s, 1.0 khz) i rrm 0.5 a storage temperature range t stg ?65 to +175 c operating junction temperature t j ?65 to +150 c voltage rate of change (rated v r ) dv/dt 10,000 v/  s maximum ratings are those values beyond which device damage can occur. maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. if these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. d 2 pak case 418b style 3 3 4 1 schottky barrier rectifier 20 amperes 100 volts 1 3 4 preferred devices are recommended choices for future use and best overall value. marking diagram http://onsemi.com ay ww b20100g aka see detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet. ordering information a = assembly location y = year ww = work week b20100 = device code g = pb?free package aka = diode polarity
MBRB20100CT http://onsemi.com 2 thermal characteristics (per leg) characteristic symbol value unit thermal resistance, junction?to?case junction?to?ambient (note 1) r  jc r  ja 2.0 50 c/w electrical characteristics (per leg) maximum instantaneous forward voltage (note 2) (i f = 10 amp, t c = 125 c) (i f = 10 amp, t c = 25 c) (i f = 20 amp, t c = 125 c) (i f = 20 amp, t c = 25 c) v f 0.75 0.85 0.85 0.95 v maximum instantaneous reverse current (note 2) (rated dc voltage, t j = 125 c) (rated dc voltage, t j = 25 c) i r 6.0 0.1 ma 1. when mounted using minimum recommended pad size on fr?4 board. 2. pulse test: pulse width = 300  s, duty cycle 2.0%. ordering information device package shipping ? MBRB20100CT d 2 pak 50 units / rail MBRB20100CTg d 2 pak (pb?free) 50 units / rail MBRB20100CTt4 d 2 pak 800 units / tape & reel MBRB20100CTt4g d 2 pak (pb?free) 800 units / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. figure 1. typical forward voltage per diode figure 2. typical reverse current per diode figure 3. typical current derating, case, per leg 0.01 0.1 1 10 120 100 80 60 40 20 0 v r , reverse voltage (volts) i r , reverse current (ma) t j = 150 c t j = 125 c t j = 100 c t j = 25 c 0.5 0 v f , instantaneous voltage (volts) 1 3 5 10 20 50 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 i f , instantaneous forward current (amp s t j = 25 c 100 c 150 c 125 c 0 average current (amps) 0 2 4 6 8 10 12 14 16 18 20 2 4 6 8 10 12 14 16 18 20 average power (watts) t j = 125 c dc i pk /i av = 10 i pk /i av = 20 pi i pk /i av = 5 32 80 t c , case temperature ( c) 28 24 20 16 12 8 4 0 90 100 110 120 130 i f(av) , average forward current (amps) dc rated voltage applied square wave r  jc = 2 c/w 140 150 160 square wave figure 4. average power dissipation & average curre nt
MBRB20100CT http://onsemi.com 3 package dimensions d 2 pak case 418b?04 issue j 8.38 0.33 1.016 0.04 17.02 0.67 10.66 0.42 3.05 0.12 5.08 0.20  mm inches  scale 3:1 soldering footprint* *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. seating plane s g d ?t? m 0.13 (0.005) t 23 1 4 3 pl k j h v e c a dim min max min max millimeters inches a 0.340 0.380 8.64 9.65 b 0.380 0.405 9.65 10.29 c 0.160 0.190 4.06 4.83 d 0.020 0.035 0.51 0.89 e 0.045 0.055 1.14 1.40 g 0.100 bsc 2.54 bsc h 0.080 0.110 2.03 2.79 j 0.018 0.025 0.46 0.64 k 0.090 0.110 2.29 2.79 s 0.575 0.625 14.60 15.88 v 0.045 0.055 1.14 1.40 ?b? m b w w notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. 418b?01 thru 418b?03 obsolete, new standard 418b?04. f 0.310 0.350 7.87 8.89 l 0.052 0.072 1.32 1.83 m 0.280 0.320 7.11 8.13 n 0.197 ref 5.00 ref p 0.079 ref 2.00 ref r 0.039 ref 0.99 ref style 3: pin 1. anode 2. cathode 3. anode 4. cathode m l f m l f m l f variable configuration zone r n p u view w?w view w?w view w?w 123
MBRB20100CT http://onsemi.com 4 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2?9?1 kamimeguro, meguro?ku, tokyo, japan 153?0051 phone : 81?3?5773?3850 MBRB20100CT/d switchmode is a trademark of semiconductor components industries, llc. literature fulfillment : literature distribution center for on semiconductor p.o. box 61312, phoenix, arizona 85082?1312 usa phone : 480?829?7710 or 800?344?3860 toll free usa/canada fax : 480?829?7709 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of MBRB20100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X