![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
600 600 420 1.1 kbp301g......kbp307g ?? ? 50---1000v 3.0 a siyu r v a i r ? i f =3.0a ta= 25 ta = 25 electrical characteristics ratings at 25 ambient temperature unless otherwise specified. unit symbols maximum forward voltage maximum reverse current v f v v v v rrm v rms v dc ?? ta = 25 maximum ratings & thermal characteristics ratings at 25 ambient temperature unless otherwise specified. ??? maximum repetitive peak reverse voltage ? maximum rms voltage ??? maximum dc blocking voltage symbols unit single-phase silicon bridge rectifier reverse voltage 50 to 1000 v forward current 3.0a dachang electronics kbp 303g 400 400 280 kbp 302g 200 200 140 kbp 301g 50 50 35 10 500 ta = 125 kbp 304g kbp 305g kbp 306g kbp 307g 100 100 70 800 800 560 1000 1000 700 kbp 303g kbp 302g kbp 301g kbp 304g kbp 305g kbp 306g kbp 307g features ? low reverse leakage ?? high forward surge capability mechanical data ? : ?? case: molded plastic : ???? polarity: symbols molded or marked on body ? : mounting position: any ?80 a s urge overload rating: 80 amperes peak ???rohs? lead and body according with rohs standard unit(mm) kbp 30 80 3.0 -55 --- +125 a a /w i f(av) i fsm ? maximum average forward rectified current ?? 8.3ms??? peak forward surge current 8.3 ms single half sine-wave typical thermal resistance operating junction tj r ja t a =50 -55 --- +150 ? storage temperature range tstg www.datasheet.co.kr datasheet pdf - http://www..net/
siyu r characteristic curves i f (a) ? i f(av) (a) i f instantaneous forward current (a) ?? i fsm (a) vf instantaneous forward voltage (v) peak forward surge current number of cycles at 60 hz. ? ? v f (v) ??? ?? forward current derating curve typical forward characteristic maximum non repetitive i fsm peak forward surge current (a) i f(a) average forward rectified current (a) dachang electronics kbp301g......kbp307g 0 40 80 120 160 0 2.0 4.0 1.0 3.0 0.1 0 0.2 0.4 0.6 0.8 1 1.2 1 10 pulse measurement per diode tl=25 1 2 4 6 10 20 40 100 80 60 40 20 0 100 ? ta( c ) tamb, ambient temperature (c) www.datasheet.co.kr datasheet pdf - http://www..net/ |
Price & Availability of KBP302G
![]() |