Part Number Hot Search : 
A143Z EP2600TS EP2600TS RB520S KR100 0M25V DSPIC33 08226
Product Description
Full Text Search
 

To Download ECLIPTEKCORP-EB51F5G50BN-44736M-CB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  manufacturer category series package voltage class rev . date eb51f5 series ? temperature compensated crystal oscillators (tcxo) ? hcmos/ttl output ? +5.0v supply voltage ? internal mechanical trim function ? external voltage control option ? custom lead length & gull wing options ? 14 pin dip metal package ecliptek corp. oscillator eb51f5 14-pin dip 5.0v os3a 06/04 oscillator eb51f5 h 8.3 l 20.3 w 13.0 notes _______________________________________________________________________________________________________________________________ _______________________________________________________________________________________________________________________________ _______________________________________________________________________________________________________________________________ ________________________________________________________________________ _______________________________________________________ ______________________________________________________________ _________________________________________________________________ _______ _______________________________________________________________________________________________________________________________ _______________________________________________________________________________________________________________________________ _______________________________________________________________________________________________________________________________ _______________________________________________________________________________________________________________________________ _____________________________ _______________________________________________________________________________________________________________________________ _______________________________________________________________________________________________________________________________ _______________________________________________________________________________________________________________________________ _______________________________________________________________________________________________________________________________ _____________________________ electrical specifications 800-ecliptek www.ecliptek.com for latest revision specifications subject to change without notice. frequency range operating temperature range storage temperature range supply voltage (v dd ) input current frequency stability aging (at 25c) output voltage logic high (v oh ) output voltage logic low (v ol ) rise time / fall time duty cycle load drive capability control voltage range control voltage (external) frequency deviation linearity internal trim input impedance phase noise (at 19.440mhz) measured at steady state at 25c, at nominal v dd , at nominal v c vs. initial frequency tolerance vs. operating temperature range vs. input voltage (v dd 5%) vs. load (10%) 20% to 80% of waveform at 50% of waveform positive transfer characteristic referenced to f o at v c = 2.5v dc , v dd = 5.0v dc measured at 25c, v dd =5.0v dc , v c =2.5v dc measured at 25c, at nominal v dd , at nominal v c at 10hz offset at 100hz offset at 1khz offset at 10khz offset at 100khz offset 1.544mhz to 44.736mhz see table 1 -55c to 125c 5.0v dc 5% 15ma maximum < 20.000mhz, 30ma maximum > 20.000mhz 1.0ppm (at nominal v dd and v c , at 25c) see table 1 (at nominal v dd and v c ) 0.3ppm maximum 0.2ppm maximum 1ppm / year maximum v dd - 0.5v dc minimum 0.5v dc maximum 6 nseconds maximum 50 5(%) 30pf maximum 0.0v dc to v dd 2.5v dc 2.0v dc 7ppm minimum, 20ppm maximum 10% maximum 3ppm minimum (top access) 10kohms typical -70dbc/hz typical -100dbc/hz typical -130dbc/hz typical -140dbc/hz typical -145dbc/hz typical
ecliptek corp. oscillator eb51f5 14 pin dip 5.0v os3a 06/04 manufacturer category series package voltage class rev . date part numbering guide line 1: ecliptek line 2: xx.xxx m m=mhz frequency (5 digits maximum + decimal) line 3: xx y zz week of year last digit of year ecliptek manufacturing identifier note: pin 1 shall be designated with a dot mechanical dimensions all dimensions in millimeters marking specifications environmental/mechanical specifications 800-ecliptek www.ecliptek.com for latest revision specifications subject to change without notice. characteristic specification fine leak test mil-std-883, method 1014, condition a (internal crystal only) gross leak test mil-std-883, method 1014, condition c (internal crystal only) mechanical shock mil-std-202, method 213, condition c vibration mil-std-883, method 2007, condition a lead integrity mil-std-883, method 2004 solderability mil-std-883, method 2002 temperature cycling mil-std-883, method 1010 resistance to soldering heat mil-std-883, method 210 resistance to solvents mil-std-883, method 215 pin 1: voltage control or no connect pin 7: case ground pin 8: output pin 14: supply voltage eb51f5 g 15 a v - 12.800m - g initial tolerance g=1.0ppm maximum frequency stability two digit code per table 1 operating temp. range one letter code per table 1 available options blank=none cb=cut leads to 2.540 0.500 (0.100? 0.020?) cc=cut leads to 3.175 0.500 (0.125? 0.020?) cd=cut leads to 3.810 0.500 (0.150? 0.020?) ce=cut leads to 4.445 0.500 (0.175? 0.020?) g=full size gull wing frequency external trim n=none (no connection on pin 1) v=voltage control on pin 1


▲Up To Search▲   

 
Price & Availability of ECLIPTEKCORP-EB51F5G50BN-44736M-CB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X