Part Number Hot Search : 
SGD02N60 HD1133R KBPC3502 15KP90A TLC5949 2724B2 2DFT1 LL4748
Product Description
Full Text Search
 

To Download C11104-A2-FREQTS-OUT3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cardinal components 47 47 cardinal components, inc., 155 rt. 46 w, wayne, nj. 07470 tel: (973)785-1333 fax: (973)785-0053 http://www.cardinalxtal.com e-mail: cardinal@cardinalxtal.com 47 cardinal components cardinal components . crystal clock oscillator  gull wings optional  wide frequency range  optional tristate output wave form test circuit part numbering example: c11 00 4 45 - a2 - 50.0 ts symmetry blank = 40/60% 45 = 45/55% 45 operating temp. blank = 0 c~+70 c a2=-40 c~+85 c a2 frequency 50.0 blank = no connection ts = tristate, pin 1 ts series c11 c11 stability 00 = 100 ppm 50 = 50 ppm 25 = 25 ppm 10 = 10 ppm 00 package style 1 = full size 3 = full size, gull wing 4 = half size 6 = half size, gull wing 4 specifications: frequency range: 1.000 mhz to 100 mhz available stability options: 100 ppm 50 ppm 25 ppm 10 ppm output series: ttl input voltage: +5.0 vdc 10% operating temperature -10 c to +70 c range options: -40 c to +85 c output voltage: 1.000 to 24.999 mhz v ol =0.4 v max. v oh =2.4 v. min. 25.000 to 100.000 mhz v ol =0.5 v max. v oh =2.4 v min. output load: 10 ttl maximum input current: 15 ma (1.000 to 7.999 mhz) 30 ma (8.000 to 24.999 mhz) 70 ma (25.000 to 69.999 mhz) 80 ma (70.000 to 100.000 mhz) maximum rise/fall time: 10 ns (1.000 to 24.999 mhz) 5 ns (25.000 to 69.999 mhz) 4 ns (70.000 to 100.000 mhz) duty cycle: 40/60% 45/55% max. start-up time: 35 ms (1.000 to 3.999 mhz) 30 ms (4.000 to 7.999 mhz) 20 ms (8.000 to 19.999 mhz) 15 ms (20.000 to 100.000 mhz) tristate input: +0.40 vdc max. to disable +2.40 vdc min. to enable or open to enable storage temperature: -55 c to +125 c series c11


▲Up To Search▲   

 
Price & Availability of C11104-A2-FREQTS-OUT3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X