Part Number Hot Search : 
V0DS00 ATION CWST472 ATION BA202 00010 SC140 EPA3948G
Product Description
Full Text Search
 

To Download BCAH180-300H-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? u.k. 0800-250055 australia 1800-803 219 ? new zealand 0800-441-747 visit us at: www.andrew.com 705 high gain sector antennas provide superior pattern and gain performance in an efficient size and weight. available azimuth sizes include 45? 60? 90? and 180 in either horizontal or vertical polarization. product features high gain performance - 21 dbi @ 90 extensive null fill for uniform coverage equivalent pattern performance in both horizontal and vertical polarizations broadband performance 26.35 - 31.3 ghz low vswr across frequency band excellent intermodulation (im) performance side-entry waveguide for easy integration optional mount available with elevation vernier for downtilt adjustment of up to ? mechanical specifications survival wind velocity, mph (km/h) 125 (200) operating temperature ? (?) -40 to +140 (-40 to +60) size, approx. h x w x d, in (mm) see outline drawings color gray per pms420 weight, lb (kg) 7.4 (3.4) electrical specifications polarization (specify at time of order) horizontal or vertical polarization discrimination, db >24 input power rating, watts 50 vswr max. (r.l., db) 1.5 (14) input connector waveguide cover flange see antenna gain table. bca high gain sector antennas
customer service center - call toll-free from: ? u.s.a., canada and mexico 1-800-255-1479 706 antenna gain antenna type frequency sector size number band, ghz degrees (hpbw) gain, dbi, nominal waveguide type bcah045-285(*)-(**) 26.35 - 31.3 45 23.8 wr28 bcah060-285(*)-(**) 27.5 - 30.0 60 22.5 wr28 bcah090-285(*)-(**) 26.35 - 31.3 90 21 wr28 bcah180-275(*)-(**) 26.35 - 28.5 180 18 wr28 bcah180-300(*)-(**) 28.25 - 31.3 180 18 wr28 bcah090-250(*)-(**) 24.25 - 26.5 90 20.5 wr42 * specify h for horizontal polarization or v for vertical polarization ** specify - for no mount. s - for single antenna mount (shown in picture on page 705) d - for dual antenna mount -8 -4 -90 -105 -120 -135 -150 -165 -180 165 150 135 120 105 90 75 60 45 30 15 0 -15 -30 -45 -60 -75 -36 -32 -28 -24 -20 -16 -12 0 relative power, db azimuth pattern 45 sector 0 15 30 45 60 75 90 105 120 135 150 165 180 -165 -150 -135 -120 -105 -90 -75 -60 -45 -30 -15 21 18 15 12 9 6 3 0 -3 -6 -9 -12 -18 antenna gain (dbi) azimuth pattern 90 sector -90 -105 -120 -135 -150 -165 -180 165 150 135 120 105 90 75 60 45 30 15 0 -15 -30 -45 -60 -75 -36 -32 -28 -24 -20 -16 -12 0 relative power, db -8 -4 azimuth pattern 180 sector -6 -5 -4 -3 -2 -1 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 22 20 18 16 14 12 10 8 6 4 2 0 -2 -4 -6 -8 -10 -12 -14 -16 -18 elevation pattern elevation angle (degrees below horizontal) antenna gain (dbi) bca high gain sector antenna typical patterns
? u.k. 0800-250055 australia 1800-803 219 ? new zealand 0800-441-747 visit us at: www.andrew.com 707 bca high gain sector antenna mount and outline dimensions antenna mounts to support pipe sizes from 2.375" (60 mm) to 4.5" (114 mm) diameter. typical mounting arrangement (dual antenna configuration) 3.5 in (89 mm) 0.75 in (19 mm) 4.3 in (109 mm) 0.5 in (13 mm) 16.5 in (419 mm) 15.5 in (394 mm) 18 in (457 mm) 8.9 in (226 mm) top view side view 45 and 90 sector antennas 0.5 in (13 mm) 180 sector antenna 3 in (76 mm) 0.75 in (19 mm) 4.9 in (124 mm) 0.5 in (13 mm) 16.5 in (419 mm) 15.5 in (394 mm) 18 in (457 mm) top view side view 11.8 in (300 mm) 0.41 in (10.4 mm) 0.5 in (13 mm)


▲Up To Search▲   

 
Price & Availability of BCAH180-300H-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X