Part Number Hot Search : 
1SMC40A NA242 VEC2822 28F01 NTE53 1N2285 AN606 P1553Z
Product Description
Full Text Search
 

To Download ASPI-1338-R22M-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  low profile high current smd shielded power inductor | | | | | | | | | | | | | | | aspi-1338 standard specifications: applications: features: pb rohs compliant abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified 303 3 2 e s p e ranza , r a n c ho s an t a ma r g ar i ta , ca lif o r n i a 926 8 8 t e l 949 - 546 - 800 0 | f ax 949 - 546 - 80 0 1 | w w w . abra c on . c o m revised: 05.05.09 visit www.abracon.com for terms & conditions of sale options and part identification: (left blank if standard) p arameters abracon p/n: operating temperature: storage temperature: aspi-1338 xxxx -55oc to +125oc -40oc to +85oc, 70% rh max. ? 100% lead (pb) free. ? lowest dcr/uh, in this package size. ? frequency range up to 5.0mhz. ? handles high transient current spikes without saturation ? ultra low buzz noise, due to composite construction. ? pda/notebook/desktop/server applications. ? low profile, high current power supplies. ? battery powered devices. ? dc/dc converter for field programmable gate array(fpga) l dcr temp. ris e l decrease (h) ( m ? ) curren t current 20% max (typ.) i rms (a ) i sat (a) a spi-1338 - r1 0 0.1 0 9.6(0.8 ) 43. 0 84 a spi-1338 - r1 5 0.1 5 1.2(1.0 ) 41. 0 75 a spi-1338 - r2 2 0.2 2 1.3(1.1 ) 38. 5 65 a spi-1338 - r3 3 0.3 3 1.5(1.3 ) 36. 5 62 a spi-1338 - r4 7 0.4 7 2.0(1.6 ) 32. 0 55 a spi-1338 - r5 6 0.5 6 2.2(1.8 ) 30. 0 52 a spi-1338 - r6 0 0.6 0 2.3(1.8 ) 29. 0 51 a spi-1338 - r6 8 0.6 8 2.5(2.3 ) 28. 0 49 a spi-1338 - r8 2 0.8 2 3.0(2.6 ) 25. 0 44 a spi-1338 - 1r 0 1. 0 3.5(3.3 ) 24. 0 40 a spi-1338 - 1r 5 1. 5 5.5(5.1 ) 19. 0 35 a spi-1338 - 1r 8 1. 8 7.0(6.0 ) 16. 5 30 a spi-1338 - 2r 2 2. 2 8.0(7.2 ) 16. 0 29 a spi-1338 - 3r 3 3. 3 12.0(11.0 ) 12. 0 27 a spi-1338 - 3r 6 3. 6 13.0(12.0 ) 11. 0 26 a spi-1338 - 4r 7 4. 7 16.0(14.3 ) 10. 0 24 a spi-1338 - 5r 6 5. 6 18.0(17.1 ) 9. 5 19 aspi-1338 - 6r 8 6. 8 22.0(19.8 ) 9. 0 18 a spi-1338 - 8r 2 8. 2 28.0(24.8 ) 8. 5 16 aspi-1338 - 10 0 1 0 34.0(30.4 ) 7. 0 14 testing condition: test freqency: 200khz, 0.25v test equipment: test l: zentech 3305 automatic components analyzer electrical characteristics part number 13.8 x 12.9 x 3.8mm m 2 0 % g n i g a k c a p e c n a r e l o t e d o c e c n a t c u d n i please refer to the table above. t tape and reel aspi - 1338 - -
| | | | | | | | | | | | | | | pb rohs compliant abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified 3033 2 e s p e ranza , r an c ho s an t a mar g ar it a , ca lif o r n i a 9268 8 tel 949-546-8000 | f ax 949-546-800 1 | ww w . abra c on .c o m revised: 05.05.09 visit www.abracon.com for terms & conditions of sale tape & reel: t= tape and reel( reflow profile: dimension : inches (mm) outline dimensions: low profile high current smd shielded power inductor aspi-1338 13.8 x 12.9 x 3.8mm dimension : mm outline drawing: dimension : mm 6.1 reflow profile


▲Up To Search▲   

 
Price & Availability of ASPI-1338-R22M-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X