Part Number Hot Search : 
74HC4 RAME027 HZS2L 2231I R1329L00 NTE72 DS2181A MBR20100
Product Description
Full Text Search
 

To Download ACH-123520MHZ-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ||||||||||||||| applications: features: 12.7 x 12.7 x 5.6mm pb rohs compliant 30332 esperanza, ranc ho santa marg arita, califo r nia 92688 tel 949-546-8000 | fax 949-546-800 1 | ww w .abracon.co m standard specifications: ? wide frequency range. ? hcmos and ttl compatible. ? tight symmetry option. ? tri-state enable / disable function. ? microprocessors. ? digital circuit. options & part identification: (left blank if standard) revised: 08.30.10 visit www.abracon.com for terms & conditions of sale ach series half-size dip low voltage 5.0v crystal clock oscillator abracon is cer tified abracon is iso9001:2008 cer tified 40ns max. for 32.768khz f < 2mhz 10ns max. for 2mhz f 24mhz 5ns max. for f>24mhz d -10c to +60c s 45/55%@1/2vdd blank tube e -20c to +70c t 47.5/52.5%@1/2vdc f -30c to +70c s1 45/55@1.4vdc n -30c to +85c t1 45.5/52.5@1.4vdc l -40c to +85c y 10 ppmmax. g gull wing j 20 ppm max. g2 gull wing r 25 ppm max. ght gull wing reflow k 30 ppm max. q30 0.30(7.62) h 35 ppm max. q25 0.25(6.35) c 50 ppm max. q20 0.20(5.08) q15 0.15(3.81) q10 0.10(2.54) packaging 50 tristate enable funct 50pf freq. stability ty tray ach - frequency - - - - - - - s n o i t p o y r t e m m y s s n o i t p o e r u t a r e p m e t value added option a tristate function 50pf option p arameters abracon p/n ach series frequency: 32.768khz to 200mhz operating temperature: 0c to +70c storage temperature: - 55c to + 125c frequency stability: 100ppm max. (see options) supply voltage (vdd): 5.0vdc 10% symmetry: 45/55% max.for f<50mhz 40/60% max. for f>=50mhz (see options) rise and fall times(tr/tf): output load: 10 ttl or 15 pf for f<80mhz 5 ttl or 15 pf for f>=80mhz output voltage: voh = 0.9 * vdd min. vol = 0.1*vdd max. tri-state function: "1" (vih >= 2.2 vdc) or open: oscillation "0" (vil < 0.8v): hi z start-up-time: 10 ms max output disable/ enable time: 100 ns max. (for option "-a" only) input current: 30 ma max. for f < 24 mhz 45 ma max. for f < 50 mhz 70 ma max. for f < 80 mhz 85 ma max. for f >= 24 mhz
||||||||||||||| pb rohs compliant 30332 esperanza, ranc ho santa marg arita, califo r nia 92688 tel 949-546-8000 | fax 949-546-800 1 | ww w .abracon.co m revised: 08.30.10 visit www.abracon.com for terms & conditions of sale outline dimensions: dimensions: inches (mm) 12.7 x 12.7 x 5.6mm ach series half-size dip low voltage 5.0v crystal clock oscillator pin 1 4 5 8 vdd function nc or tri- state enable/ gnd/case output abracon is cer tified abracon is iso9001:2008 cer tified attention: abracon corporation?s products are cots ? commercial-off-the-shelf products; suitable for commercial, industrial and, where designated, automotive applications. abracon?s products are not specifically designed for military, aviation, aerospace, life-dependant medical applications or any application requiring high reliability where component failure could result in loss of life and/or property. for applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from abracon corporation is required. please contact abracon corporation for more information.


▲Up To Search▲   

 
Price & Availability of ACH-123520MHZ-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X