Part Number Hot Search : 
AX232CPE L190G 100000 CZRW5222 70N10 MB16CA IRF3007 MYGB64T
Product Description
Full Text Search
 

To Download 9NB50FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/9 may 2000 stp9nb50 stp9NB50FP n-channel 500v - 0.75 w - 8.6 a to-220/to-220fp powermesh ? mosfet n typical r ds (on) = 0.75 w n extremely high dv/dt capability n 100% avalanche tested n very low intrinsic capacitances n gate charge minimized description using the latest high voltage mesh overlay ? process, stmicroelectronics has designed an ad- vanced family of power mosfets with outstanding performances. the new patent pending strip layout coupled with the company's proprieraty edge termi- nation structure, gives the lowest r ds(on) per area, exceptional avalanche and dv/dt capabilities and unrivalled gate charge and switching characteris- tics. applications n high current, high speed switching n swith mode power supplies (smps) n dc-ac converters for welding equipment and uninterruptible power supplies and motor drive absolute maximum ratings ( ? )pulse width limited by safe operating area type v dss r ds(on) i d stp9nb50 500 v < 0.85 w 8.6 a stp9NB50FP 500 v < 0.85 w 4.9 a symbol parameter value unit stp9nb50 stp9NB50FP v ds drain-source voltage (v gs =0) 500 v v dgr drain-gate voltage (r gs =20k w ) 500 v v gs gate- source voltage 30 v i d drain current (continuos) at t c =25 c 8.6 4.9 a i d drain current (continuos) at t c = 100 c 5.4 3.1 a i dm ( l ) drain current (pulsed) 34.4 34.4 a p tot total dissipation at t c =25 c 125 40 w derating factor 1 0.32 w/ c dv/dt (1) peak diode recovery voltage slope 4.5 4.5 v/ns v iso insulation withstand voltage (dc) - 2000 v t stg storage temperature 65 to 150 c t j max. operating junction temperature 150 c (1)i sd <9a, di/dt<200a/ m ,v dd stp9nb50/fp 2/9 thermal data avalanche characteristics electrical characteristics (tcase = 25 c unless otherwise specified) off on (1) dynamic to-220 to-220fp rthj-case thermal resistance junction-case max 1 3.13 c/w rthj-amb thermal resistance junction-ambient max 62.5 c/w rthc-sink thermal resistance case-sink typ 0.5 c/w t l maximum lead temperature for soldering purpose 300 c symbol parameter max value unit i ar avalanche current, repetitive or not-repetitive (pulse width limited by t j max) 8.6 a e as single pulse avalanche energy (starting t j =25 c, i d =i ar ,v dd =50v) 520 mj symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 250 m a, v gs =0 500 v i dss zero gate voltage drain current (v gs =0) v ds = max rating 1 m a v ds = max rating, t c = 125 c 50 m a i gss gate-body leakage current (v ds =0) v gs = 30v 100 na symbol parameter test conditions min. typ. max. unit v gs(th) gate threshold voltage v ds =v gs ,i d = 250 m a 345v r ds(on) static drain-source on resistance v gs = 10v, i d = 4.3 a 0.75 0.85 w i d(on) on state drain current v ds >i d(on) xr ds(on)max, v gs =10v 8.6 a symbol parameter test conditions min. typ. max. unit g fs (1) forward transconductance v ds >i d(on) xr ds(on)max, i d = 4.3 a 5.7 s c iss input capacitance v ds = 25v, f = 1 mhz, v gs =0 1250 pf c oss output capacitance 175 pf c rss reverse transfer capacitance 20 pf
3/9 stp9nb50/fp electrical characteristics (continued) switching on switching off source drain diode note: 1. pulsed: pulse duration = 300 m s, duty cycle 1.5 %. 2. pulse width limited by safe operating area. symbol parameter test conditions min. typ. max. unit t d(on) turn-on delay time rise time v dd = 250 v, i d = 4.3 a r g = 4.7 w v gs =10v (see test circuit, figure 3) 19 ns t r 11 ns q g total gate charge v dd = 400v, i d = 8.6 a, v gs = 10v 32 45 nc q gs gate-source charge 10.6 nc q gd gate-drain charge 13.7 nc symbol parameter test condit ions min. typ. max. unit t r(voff) off-voltage rise time v dd = 400v, i d = 8.6 a, r g =4.7 w, v gs = 10v (see test circuit, figure 5) 11.5 ns t f fall time 11 ns t c cross-over time 20 ns symbol parameter test conditions min. typ. max. unit i sd source-drain current 8.6 a i sdm (2) source-drain current (pulsed) 34.4 a v sd (1) forward on voltage i sd = 8.6 a, v gs =0 1.6 v t rr reverse recovery time i sd = 8.6 a, di/dt = 100a/ m s, v dd = 100v, t j = 150 c (see test circuit, figure 5) 420 ns q rr reverse recovery charge 3.5 m c i rrm reverse recovery current 16.5 a safe operating area safe operating area for to-220fp
stp9nb50/fp 4/9 static drain-source on resistance thermal impedence for to-220 output characteristics thermal impedence for to-220fp transfer characteristics transconductance
5/9 stp9nb50/fp source-drain diode forward characteristics capacitance variations normalized on resistance vs temperature normalized gate threshold voltage vs temp. gate charge vs gate-source voltage
stp9nb50/fp 6/9 fig. 5: test circuit for inductive load switching and diode recovery times fig. 4: gate charge test circuit fig. 2: unclamped inductive waveform fig. 1: unclamped inductive load test circuit fig. 3: switching times test circuit for resistive load
7/9 stp9nb50/fp dim. mm inch min. typ. max. min. typ. max. a 4.40 4.60 0.173 0.181 c 1.23 1.32 0.048 0.051 d 2.40 2.72 0.094 0.107 d1 1.27 0.050 e 0.49 0.70 0.019 0.027 f 0.61 0.88 0.024 0.034 f1 1.14 1.70 0.044 0.067 f2 1.14 1.70 0.044 0.067 g 4.95 5.15 0.194 0.203 g1 2.4 2.7 0.094 0.106 h2 10.0 10.40 0.393 0.409 l2 16.4 0.645 l4 13.0 14.0 0.511 0.551 l5 2.65 2.95 0.104 0.116 l6 15.25 15.75 0.600 0.620 l7 6.2 6.6 0.244 0.260 l9 3.5 3.93 0.137 0.154 dia. 3.75 3.85 0.147 0.151 l6 a c d e d1 f g l7 l2 dia. f1 l5 l4 h2 l9 f2 g1 to-220 mechanical data p011c
8/9 stp9nb50/fp dim. mm inch min. typ. max. min. typ. max. a 4.4 4.6 0.173 0.181 b 2.5 2.7 0.098 0.106 d 2.5 2.75 0.098 0.108 e 0.45 0.7 0.017 0.027 f 0.75 1 0.030 0.039 f1 1.15 1.7 0.045 0.067 f2 1.15 1.7 0.045 0.067 g 4.95 5.2 0.195 0.204 g1 2.4 2.7 0.094 0.106 h 10 10.4 0.393 0.409 l2 16 0.630 l3 28.6 30.6 1.126 1.204 l4 9.8 10.6 0.385 0.417 l6 15.9 16.4 0.626 0.645 l7 9 9.3 0.354 0.366 3 3.2 0.118 0.126 l2 a b d e h g l6 ? f l3 g1 123 f2 f1 l7 l4 to-220fp mechanical data
9/9 stp9nb50/fp information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specification mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectronics. the st logo is a trademark of stmicroelectronics ? 2000 stmicroelectronics printed in italy all rights reserved stmicroelectronics group of companies australia - brazil - china - finland - france - germany - hong kong - india - italy - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - u.s.a. http://www.st.com


▲Up To Search▲   

 
Price & Availability of 9NB50FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X