Part Number Hot Search : 
32100 24S15 25002 MBR3504 30KP71CA STB15150 25AA01 0509S
Product Description
Full Text Search
 

To Download 8B36-1421 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3 interconnect solutions http://www.3m.com/interconnects/ 3m is a trademark of 3m company. for technical, sales or ordering information call 800-225-5373 3m ? mini serial attached scsi (minisas) connector/shell vertical receptacle/vertical shell 8a36/8b36 series physical electrical environmental insulation material: high temperature thermoplastic flammability: ul 94v-0 color: black contact material: copper alloy plating underplating: 50 " [ 1.27 m ] nickel wiping area: 30 " [ 0.76 m ] gold solder tails: 100 " [ 2.54 m ] matte tin backshell material: stainless steel wiping area: 30 " 0.76 m ] nickel on tails only connector current rating: per contact: 0.5 a insulation resistance: 10 3 m min. withstanding voltage: 300 v dc min. for 1 minute operating temperature: -20 c to +85 c ts-2218-01 sheet 1 of 6 date modified: february 23, 2007 ? 6 gb/s input/output connector for server applications ? surfacemount termination on receptacle ? multiple tail types available for board assembly on shell guide ? multiple pin lengths for a range of board thicknesses on shell guide ? multiple backshell po lorization options for cable assemblies on shell guide ? meets sff-8086 specification ? meets sas specification, sas-1.1 ? see regulatory information appendix (ria) for chemical compliance information
3 interconnect solutions http://www.3m.com/interconnects/ 3m is a trademark of 3m company. for technical, sales or ordering information call 800-225-5373 3m ? mini serial attached scsi (minisas) connector/shell vertical receptacle/vertical shell 8a36/8b36 series ts-2218-01 sheet 2 of 6 receptacle component .0 .00 .000 mm .25 .15 .05 tolerance unless noted mm [inch] [ ] dimensions for reference only 17.40 [0 .6 8 5 ] 35x 0.40 [0 .0 1 6 ] 14.00 [0 .5 5 1 ] 0.98 [0 .0 3 9 ] 16.00 [0 .6 3 0 ] 7.00 [0 .2 7 6 ] 6.60 [0 .2 6 0 ] 6.60 [0 .2 6 0 ] 7.00 [0 .2 7 6 ] 2x 1.400.05 [? 0.0550.002] 34x 0.80 [0 .0 3 1 ] 15.80 [0 .6 2 2 ] 36x 0.20 [0 .0 0 8 ] 6.00 [0 .2 3 6 ] 3.700.08 [0 .1 4 6 0 .0 0 3 ] 2.910.13 [0 .1 1 5 0 .0 0 5 ]
3 interconnect solutions http://www.3m.com/interconnects/ 3m is a trademark of 3m company. for technical, sales or ordering information call 800-225-5373 3m ? mini serial attached scsi (minisas) connector/shell vertical receptacle/vertical shell 8a36/8b36 series ts-2218-01 sheet 3 of 6 receptacle pc board layout ordering information 8a 36 - 1 0 3 0 - lj ( ria e1 & c1 apply) 16.00 [0 .6 30 ] b 13.60 [0.5 35 ] 6.60 [0 .2 60 ] 7.00 [0 .2 76 ] 34x 0.80 [0 .0 31 ] 13.60 [0 .5 35 ] 7.00 [0 .2 76 ] 6.60 [0 .2 60 ] 36x 0.350.03 [0 .0 14 0 .0 01 ] 0.05 a b b a 36x 1.800.03 [0.071 0 .0 01 ] 2.95 [0 .1 16 ] 2.95 [0 .1 16 ] 8.00 [0.315 ] 0.05 a b a .0 .00 .000 mm .25 .15 .05 tolerance unless noted mm [inch] [ ] dimensions for reference only
3 interconnect solutions http://www.3m.com/interconnects/ 3m is a trademark of 3m company. for technical, sales or ordering information call 800-225-5373 3m ? mini serial attached scsi (minisas) connector/shell vertical receptacle/vertical shell 8a36/8b36 series ts-2218-01 sheet 4 of 6 shell component .0 .00 .000 mm .25 .15 .05 tolerance unless noted mm [inch] [ ] dimensions for reference only 17.80 [0 .7 0 1 ] 19.65 [0 .7 7 4 ] 4.01 [0 .1 5 8 ] 4.00 [0 .1 5 7 ] 12.12 [0 .4 7 7 ] 11.12 [0 .4 3 8 ] 4.00 [0 .1 5 7 ] 4.01 [0 .1 5 8 ] 8.72 [0 .3 4 3 ] 6.03 [0 .2 3 7 ] 4.03 [0 .1 5 9 ] 2.03 [0 .0 8 0 ] x* 20.18 [0 .7 9 5 ] 12.12 [0 .4 7 7 ] 11.12 [0 .4 3 8 ] 17.80 [0 .7 0 1 ] 8.72 [0 .3 4 3 ] 10.27 [ 0.404 ] 9.27 [0 .3 6 5 ] 4.03 [0 .1 5 9 ] 6.03 [0 .2 3 7 ] 2.03 [0 .0 8 0 ] 6.03 [0 .2 3 8 ] 2.03 [0 .0 8 0 ] dip and kink type kink type x* 20.18 [0 .7 9 5 ] x* sm t type
3 interconnect solutions http://www.3m.com/interconnects/ 3m is a trademark of 3m company. for technical, sales or ordering information call 800-225-5373 3m ? mini serial attached scsi (minisas) connector/shell vertical receptacle/vertical shell 8a36/8b36 series ts-2218-01 sheet 5 of 6 shell component pc board layout (smt) .0 .00 .000 mm .25 .15 .05 tolerance unless noted mm [inch] [ ] dimensions for reference only 17.80 [0.701] 16.00 [0.630] b 3x ?1.080.03 [?0.0430.001] a nnular ring for plated thru hole 0.50 typ [0.020] b a 4.03 [0.159] 2x ?1.550.05 [?0.0610.002] 0.25 typ [0.010] 3x ? 0.800.05 [?0.0310.002] 0.05 a b 2.00 [0.079] 2.00 [0.079] 6x 1.20 [0.047] 6x 1.50 [0.059] 2.96 [0.117] 1.05 [0.041] 5.05 [0.199] 7.490.13 [0.2950.005] 0.54 [0.021] 3.46 [0.136] 3.05 [0.120] 20.800.13 [0.8190.005] 8.90 [0.350] 5.280.13 [0.2080.005] 6x 203 [0.080] smt type a
3 interconnect solutions http://www.3m.com/interconnects/ 3m is a trademark of 3m company. for technical, sales or ordering information call 800-225-5373 3m ? mini serial attached scsi (minisas) connector/shell vertical receptacle/vertical shell 8a36/8b36 series ts-2218-01 sheet 6 of 6 ordering information 8b 36 - 1 x x x keying options: 1 = left 2 = universal (no keys) 3 = right 4 = dual termination type: 1 = press-fit (kinked) 2 = through-hole 3 = surfacemount tail length: 0 = 2.79 mm 1 = 3.18 mm 2 = 3.56 mm .0 .00 .000 mm .25 .15 .05 tolerance unless noted mm [inch] [ ] dimensions for reference only 19.800.13 [0.7800.005] 17.80 [0.701] 16.00 [0.630] b 8.90 [0.350] 8.00 [0.315] 0.50 typ [0.020] b a 10.27 [0.404] 6.03 [0.237] 4.03 [0.159] a 2.03 [0.080] 0.25 typ [0.010] 9.27 [0.365] 7.490.13 [0.2950.005] 5.280.13 [0.2080.005] 8x ?1.080.03 [?0.0430.001] a nnular ring for plated thru hole 8x ? 0.800.05 [?0.0310.002] 0.05 a b 2x ?1.550.05 [?0.0610.002] dip and kink type shell component pc board l ayout (dip and kink tail) ( ria e1 & c1 apply)
regulatory information appendix 3m electronic solutions division/interconnect europe appendix e1: european union rohs directive 2002/95/ec, restriction of the use of certain hazardous substances in electrical & electronic equipment, as amended by eu commission decision 2005/618/ec. this product is rohs compliant 2005/95/ec. rohs compliant 2005/95/ec means that the product or part (product) does not contain any of the substances in excess of the maximum concentration values in eu directive 2002/95/ec, as amended by commission decision 2005/618/ ec, unless the substance is in an application that is exempt under eu rohs. unless otherwise stated by 3m in writing, this information represents 3ms best knowledge and belief based upon information provided by third party suppliers to 3m. in the event any product is proven not to conform with 3ms regulatory information appendix, then 3ms entire liability and buyers exclusive remedy will be in accordance with the warranty stated below. appendix e2: european union rohs directive 2002/95/ec, restriction of the use of certain hazardous substances in electrical & electronic equipment, as amended by eu commission decision 2005/618/ec this product contains lead in the compliant pin area in excess of the maximum concentration value allowed but is compliant by exemption under eu commission decision 2005/747/ec. rohs compliant 2005/95/ec means that the product or part (product) does not contain any of the substances in excess of the maximum concentration values in eu directive 2002/95/ec, as amended by commission decision 2005/618/ ec, unless the substance is in an application that is exempt under eu rohs. unless otherwise stated by 3m in writing, this information represents 3ms best knowledge and belief based upon information provided by third party suppliers to 3m. in the event any product is proven not to conform with 3ms regulatory information appendix, then 3ms entire liability and buyers exclusive remedy will be in accordance with the warranty stated below. appendix e3: european union rohs directive 2002/95/ec, restriction of the use of certain hazardous substances in electrical & electronic equipment as amended by commission decision 2005/618/ec. this product contains lead in the solder tail area in excess of the maximum concentration value allowed. unless otherwise stated by 3m in writing, this information represents 3ms best knowledge and belief based upon information provided by third party suppliers to 3m. in the event any product is proven not to conform with 3ms regulatory information appendix, then 3ms entire liability and buyers exclusive remedy will be in accordance with the warranty stated below. appendix e4: european union rohs directive 2002/95/ec, restriction of the use of certain hazardous substances in electrical & electronic equipment, as amended by eu commission decision 2005/618/ec. this product contains decabde in the insulating material in excess of the maximum concentration value allowed but is compliant by exemption under eu commission decision 2005/17/ec. rohs compliant 2005/95/ec means that the product or part (product) does not contain any of the substances in excess of the maximum concentration values in eu directive 2002/95/ec, as amended by commission decision 2005/618/ec, unless the substance is in an application that is exempt under eu rohs. unless otherwise stated by 3m in writing, this information represents 3ms best knowledge and belief based upon information provided by third party suppliers to 3m. in the event any product is proven not to conform with 3ms regulatory information appendix, then 3ms entire liability and buyers exclusive remedy will be in accordance with the warranty stated below. ria-2217-b
china appendix c1: china rohs electronic industry standard of the peoples republic of china, sj/t11363-2006, requirements for concentration limits for certain hazardous substances in electronic information products. this symbol, per marking for the control of pollution caused by electronic information products, sj/t11364-2006, means that the product or part does not contain any of the following substances in excess of the following maximum concentration values in any homogeneous material: (a) 0.1% (by weight) for lead, mercury, hexavalent chromium, polybrominated biphenyls or polybrominated diphenyl ethers; or (b) 0.01% (by weight) for cadmium. unless otherwise stated by 3m in writing, this information represents 3ms best knowledge and belief based upon information provided by third party suppliers to 3m. in the event any product is proven not to conform with 3ms regulatory information appendix, then 3ms entire liability and buyers exclusive remedy will be in accordance with the warranty stated below. appendix c2: china rohs 2 0 electronic industry standard of the peoples republic of china, sj/t11363-2006, requirements for concentration limits for certain hazardous substances in electronic information products. this symbol, per marking for the control of pollution caused by electronic information products, sj/t11364-2006, means that the product or part does contain a substance, as detailed in the chart below, in excess of the following maximum concentration values in any homogeneous material: (a) 0.1% (by weight) for lead, mercury, hexavalent chromium, polybrominated biphenyls or polybrominated diphenyl ethers; or (b) 0.01% (by weight) for cadmium. unless otherwise stated by 3m in writing, this information represents 3ms best knowledge and belief based upon information provided by third party suppliers to 3m. the numerical reference in the symbol above should not be construed as a representation regarding the products life or an extension of a product warranty. the product warranty is stated below. in the event any product is proven not to conform with 3ms regulatory information appendix, then 3ms entire liability and buyers exclusive remedy will be in accordance with the product warranty stated below. important notice all statements, technical information, and recommendations related to 3ms products are based on information believed to be reliable, but the accuracy or completeness is not guaranteed. before using this product, you must evaluate it and determine if it is suitable for your intended application. you assume all risks and liability associated with such use. any statements related to the product which are not contained in 3ms current publications, or any contrary statements contained on your purchase order shall have no force or effect unless expressly agreed upon, in writing, by an authorized officer of 3m. warranty; limited remedy; limited liability. this product will be free from defects in material and manufacture for a period of one (1) year from the time of purchase. 3m makes no other warranties including, but not limited to, any implied warranty of merchantability or fitness for a particular purpose. if this product is defective within the warranty period stated above, your exclusive remedy shall be, at 3ms option, to replace or repair the 3m product or refund the purchase price of the 3m product. except where prohibited by law, 3m will not be liable for any indirect, special, incidental or consequential loss or damage arising from this 3m product, regardless of the legal theory asserted. 3 electronic solutions division 6801 river place blvd. austin, tx 78726-9000 800/225-5373 www.3m.com/interconnects ria-2217-b ? 3m 2007 name and content of hazardous substances or elements


▲Up To Search▲   

 
Price & Availability of 8B36-1421

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X