Part Number Hot Search : 
000MT RT1N432C 040010 040010 UPD6122 02000 D52LC 7474E3
Product Description
Full Text Search
 

To Download 1N5819S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1n5817s thru 1N5819S schottky barrier rectifier reverse voltage - 20 to 40volts forward current - 1.0 ampere case : jedec a-405 molded plastic body terminals : plated axial leads, solderable per mil-std-750, method 2026 polarity : color band denotes cathode end mounting position : any weight :0.008 ounce, 0.23 grams plastic package has underwriters laboratory flammability classification 94v-0 metal silicon junction,majority carrier conduction guardring for overvoltage protection low power loss,high efficiency high current capability,low forward voltage drop high surge capability for use in low voltage,high frequency inverters, free wheeling,and polarity protection applications high temperature soldering guaranteed: 250 c/10 seconds,0.375 ? (9.5mm) lead length, 5 lbs. (2.3kg) tension features mechanical data maximum ratings and electrical characteristics dimensions in inches and (millimeters) 20 14 20 30 21 30 40 28 40 1n5817s volts volts volts symbols units amp amps volts v rrm v rms v dc i (av) i fsm v f 1.0 25.0 0.550 operating junction and storage temperature range maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current 0.375 ? (9.5mm) lead length at t l =90 c peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 1.0a maximum dc reverse current t a =25 c at rated dc blocking voltage t a =100 c typical junction capacitance (note 1) note: 1.measured at 1mhz and applied reverse voltage of 4.0v d.c. 2.thermal resistance from junction to ambient at 0.375 ? (9.5mm)lead length,p.c.b. mounted i r 0.5 10.0 r q ja c j t j , t stg 50.0 110.0 -65 to +125 pf c ma typical thermal resistance (note 2) c/w 1n5818s 1N5819S ratings at 25 c ambient temperature unless otherwise specified. single phase half-wave 60hz,resistive or inductive load,for current capacitive load derate by 20%. a-405 0.107 (2.7) 0.080 (2.0) dia. 0.025 (0.65) 0.021(0.55) dia. 1.0 (25.4) min. 0.205 (5.2) 0.160(4.1) 1.0 (25.4) min. 0.450 0.600 mdd electronic mdd catalog number
ratings and characteristic curves 1n5817s thru 1N5819S 1 0.75 0.5 0.25 0 0 20 40 60 80 100 120 140 30 25 20 15 10 5.0 0 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0.1 1.0 10 100 0.01 0.1 1 10 100 100 10 1 0.1 reverse voltage,volts t,pulse duration,sec. fig. 5-typical junction capacitance fig. 6-typical transient thermal impedance fig. 3-typical instantaneous forward characteristics number of cycles at 60 hz fig. 2-maximum non-repetitive peak forward surge current fig. 1- forward current derating curve average forward current,amperes instantaneous forward current,amperes junction capacitance, pf peak forward surge current, amperes instantaneous forward voltage, volts 1 10 100 0.01 0.1 1 50 10 10 100 400 0 20 40 60 80 100 1,00 10 1 0.1 0.01 0.001 tj=75 c tj=25 c tj=100 c percent of peak reverse voltage,% fig. 4-typical reverse characteristics instantaneous reverse current, milliamperes transient thermal impedance, c/w resistive or inductive load 0.375 ? (9.5mm) lead length lead temperature, c 8.3ms single half sine-wave (jedec method) pulse width=300 m s 1%duty cycle t j =25 c t j =125 c t j =25 c f=1.0mhz vsig=50mvp-p mdd electronic


▲Up To Search▲   

 
Price & Availability of 1N5819S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X