Part Number Hot Search : 
LP1810 IC6C596 TF605L XR47K165 20N50E 2SD1815 330M2 101MC
Product Description
Full Text Search
 

To Download 1N5819-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  feature & dimensions * plastic package has underwriters laboratory flammability classification 94v-0 * low power loss,high efficiency * for use in low voltage high frequency inverters, free wheeling,and polarity protection applications * guarding for over voltage protection * high temperature soldering guaranteed: 260 c/10 seconds at terminals * iec61000-4-2 esd air contact ? ? mechanical data case : jedec do-41, molded plastic over glass body terminals : plated axial leads, solderable per mil-std-750, method 2026 polarity : color band denotes cathode end mounting position : anywe declare that the material of product compliance weight : 0.011 oz., 0.284 gwith rohs requirements handling precautin :none 1.maximum & thermal characteristics ratings at 25 c ambient temperature unless otherwise specified. parameter symbol symbolunit device marking code maximum repetitive peak reverse voltage v rrm v maximum rsm voltage v rsm v maximum dc blocking voltage v dc v maximum average forward rectified current 0.375" (9.5mm) lead length (see fig. 1) if(av) a peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm a typical thermal resistance (note 1) r ja c/w operating temperature range tj c storage temperature rangetstg c electrical characteristics ratings at 25 c ambient temperature unless otherwise specified. parameter symbol symbolunit maximum instantaneous forward voltage at 1.0a v f v maximum dc reverse current ta = 25 c at rated dc blocking voltage ta = 100 c irma typical junction capacitance at 4.0v, 1mhz cjpf notes: 1. thermal resistance from junction to ambient at 0.375 (9.5mm) lead length, p.c.b. mounted 1n5817-e thru 1N5819-E 1n5817 esd 1n5818 esd 1n5819 esd 0.55 203040 1.0 203040 142128 1n5817-e1n5818-e1N5819-E 25 50 C 40 to +175 C 40 to +150 1n5817-e1n5818-e1N5819-E schottky barrier rectifiers reverse voltage 20 to 40v forward current 1.0a 0.45 1.0 10 110
2. characteristic curves ( ta = 25 c unless otherwise noted ) 1n5817-e thru 1N5819-E fig. 1 C forward current derating curve fig. 2 C maximum non-repetitive peak forward surge current fig 4. C typical reverse characteristics fig 3. C typical instantaneous forward characteristics fig 6. C typical junction capacitance a v e r a g e f o r w a r d r e c t i f i e d c u r r e n t ( a ) a v e r a g e f o r w a r d r e c t i f i e d c u r r e n t ( a ) i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a ) i n s t a n t a n e o u s r e v e r s e c u r r e n t ( m a ) j u n c t i o n c a p a c i t a n c e ( p f ) 0 25 50 75 100 125 150 175 1 10 100 0.2 0.4 0.6 0.8 1.0 1.20 20 40 60 80 100 10 1.0 0.1 0.01 0.001 10 1.0 0.1 0.01 100 1.0 0.5 0 25 20 10 0 60 hz resistive or inductive load tj = tj max 8.3ms single half sine-wave (jedec method) tj = 25 c pulse width = 300 s 1% duty cycle 0.1 1 10 100 1000 100 10 reverse voltage (v) tj = 25 c f = 1.0 mhz vsig = 50mvp-p ambient temperature, c number of cycles at 60hz instantaneous forward voltage (v)percent of rated peak reverse voltage (%) tj=125 tj=75 tj=25 1n5817 1n5818 1n5819 fig 5. C typical transient thermal impedance t r a n s i e n t t h e r m a l i m p e d a n c e ( c / w ) 10 1.0 0.1 100 0.01 0.1 1.0 10 100 t,pulse duration,sec
3. dimension: 1n5817-e thru 1N5819-E
: 1.1. ammo spec. mm lwh t52 262 276 290 2 t42 262 264 290 2 t26250 345 395 3 1.2 ?? inner box spec. ?? wi-250 ???Z 4 0 ? 1 ? ammo and box 1 ? lrc? label rohs? label
: 1.4 ?? label spec. 1.4.1 lrc ? lrc label ?forming spec. 1.4.2 ? environmental protection label 2. cartoon spec. mm lwh t52 430 2280 2225 2 t42 410 2285 2300 2 t26 435 3280 3295 3 3 ????? typing and cartoon spec. r-3do-15 1.8k 2k(t52) 1.8k(t26) 18k 20k 36k 36k 32.4k36k t42 quantity/cartoon 54k- t26 quantity/cartoon 60k- ? quantity/ammo 3k0.8k t52 quantity/cartoon 30k8.0k ?? wi-250 ???Z 4 0 ? 2 ? ? a-405 & do-41 & r-1do-201ad l w h ?cartoon label ******* lrc?? type **** ** **** ???? peak repetive voltage ??? average output current ? quantity ******* ? date
: 4 brede spec 26/tape35/tape40/tape42/tape52/tape52/tape# w 26 0.0/+1.635 -1.0/+0.540 -1.0/+0.542 -1.0/+1.052 -1.0/+2.052 -1.0/+2.0 p 5 0.55 0.55 0.55 0.5 5 0.5 10 0.5 l1-l2 1.0 1.0 1.0 1.0 1.0 1.0 h 6 1.06 1.06 1.06 1.0 6 1.0 6 1.0 z 1.0 1.0 1.0 1.0 1.0 1.0 r 1.0 1.0 1.0 1.0 1.0 1.0 t 3.5 3.5 3.5 3.5 3.5 3.5 ? : 52# ? do-201ad "52 #" just for d0-201ad 1. ??0.05mm?????? the typing thickness is 0.05mm and color is obvious difference 2. 20~40cm. typing lead over 20~40cm 3. ???????? red color is cathode ,white color is anode 4. green epoxy compound ?hf only ? ? typing dimension ?? ???? ???Z ? ?? green
4. update record 1 2 ?? 2010.5.26 ? 150 ? 2012.7.31 ??? 1n5817-e thru 1N5819-E


▲Up To Search▲   

 
Price & Availability of 1N5819-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X