Part Number Hot Search : 
ML12FAD LM20400 1N3335B U20C40 4747A R1621 2012S D2589
Product Description
Full Text Search
 

To Download 1560060000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | pcb connection systems | pcb plug-in connectors | pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | socket connectors, tension clamp connection, pitch 5.00/5.08 | blz 5.00-5.08/90/270 | blz 5.08/270b - 1 - general ordering data order no. 1560060000 part designation blz 5.08/6/270b sn or version pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 6, 270, box ean 4008190069650 qty. 54 pc(s). system parameters conductor connection system clamping yoke connection outgoing direction of conductor 270 pitch 5.08 mm pitch in inch 0.2 inch no. of poles 6 no. of rows 1 screwdriver blade 0.6 x 3.5 screwdriver blade standard din 5264 tightening torque, min. 0.4 nm tightening torque, max. 0.5 nm clamping screw m 2.5 stripping length 7 mm l1 in mm 25.4 mm l1 in inch 1 inch electric shock protection to din vde 0470 safe from finger touch material data insulating material pbt colour orange colour chart similar to ral 2000 insulating material group iiia flammability class ul 94 v-0 cti >= 200 contact base material copper alloy
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | socket connectors, tension clamp connection, pitch 5.00/5.08 | blz 5.00-5.08/90/270 | blz 5.08/270b - 2 - material data contact surface tinned connectable conductors clamping range, min. 0.13 mm2 clamping range, max. 3.31 mm2 awg, min. 26 awg, max. 12 solid, min. h05(07) v-u 0.2 mm2 solid, max. h05(07) v-u 2.5 mm2 flexible, min. h05(07) v-k 0.2 mm2 flexible, max. h05(07) v-k 2.5 mm2 with wire end ferrule, acc. to din 46 228/1, min. 0.2 mm2 with wire end ferrule, acc. to din 46 228/1, max. 2.5 mm2 w. plastic collar ferrule, din 46228 pt 4, min. 0.2 mm2 w. plastic collar ferrule, din 46228 pt 4, max. 2.5 mm2 gauge to en 60999 a x b; ? 2.8 mm x 2.0 mm; 2.4 mm din iec rating data rated current, min. no. pins (tu=20c) 15 a rated current, max. no. pins (tu=20c) 12 a rated current, min. no. pins(tu=40c) 12 a rated current, max. no. pins (tu=40c) 10 a rated voltage for overvoltage class/pollution severity ii/2 400 v rated voltage for overvoltage class/pollution severity iii/2 320 v rated voltage for overvoltage class/pollution severity iii/3 250 v rated impulse withstand voltage for overvoltage class/pollution severity ii/2 4 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/2 4 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/3 4 kv short-time withstand current resistance 3 x 1s with 120 a csa rating data rated voltage (use group d) 300 v rated current (use group d) 10 a awg conductor (field wiring), min. 26 awg conductor (field wiring), max. 12 ul 1059 rating data rated voltage (use group d) 300 v rated current (use group d) 10 a awg conductor, min. 26 awg conductor, max. 12
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | socket connectors, tension clamp connection, pitch 5.00/5.08 | blz 5.00-5.08/90/270 | blz 5.08/270b - 3 - approvals approvals institutes classifications etim 2.0 nk etim 3.0 ec001284 eclass 4.1 27-26-07-01 eclass 5.0 27-26-07-01 eclass 5.1 27-26-07-04 similar products order no. part designation version 1559660000 blz 5.08/2/270b sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 2, 270, box 1559610000 blz 5.08/2/270b sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 2, 270, box 1559760000 blz 5.08/3/270b sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 3, 270, box 1559710000 blz 5.08/3/270b sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 3, 270, box 1559860000 blz 5.08/4/270b sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 4, 270, box 1559810000 blz 5.08/4/270b sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 4, 270, box 1559960000 blz 5.08/5/270b sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 5, 270, box 1559910000 blz 5.08/5/270b sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 5, 270, box
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | socket connectors, tension clamp connection, pitch 5.00/5.08 | blz 5.00-5.08/90/270 | blz 5.08/270b - 4 - 1560010000 blz 5.08/6/270b sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 6, 270, box 1560160000 blz 5.08/7/270b sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 7, 270, box 1560110000 blz 5.08/7/270b sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 7, 270, box 1560260000 blz 5.08/8/270b sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 8, 270, box 1560210000 blz 5.08/8/270b sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 8, 270, box 1560360000 blz 5.08/9/270b sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 9, 270, box 1560460000 blz 5.08/10/270b sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 10, 270, box 1560410000 blz 5.08/10/270b sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 10, 270, box 1560560000 blz 5.08/11/270b sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 11, 270, box 1560510000 blz 5.08/11/270b sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 11, 270, box 1560660000 blz 5.08/12/270b sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 12, 270, box 1560610000 blz 5.08/12/270b sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 12, 270, box 1560760000 blz 5.08/13/270b sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 13, 270, box 1560860000 blz 5.08/14/270b sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 14, 270, box 1560960000 blz 5.08/15/270b sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 15, 270, box 1561060000 blz 5.08/16/270b sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 16, 270, box 1561160000 blz 5.08/17/270b sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 17, 270, box
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | socket connectors, tension clamp connection, pitch 5.00/5.08 | blz 5.00-5.08/90/270 | blz 5.08/270b - 5 - 1561260000 blz 5.08/18/270b sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 18, 270, box 1561360000 blz 5.08/19/270b sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 19, 270, box 1561460000 blz 5.08/20/270b sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 20, 270, box 1561560000 blz 5.08/21/270b sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 21, 270, box 1561660000 blz 5.08/22/270b sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 22, 270, box 1561760000 blz 5.08/23/270b sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 23, 270, box 1561860000 blz 5.08/24/270b sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 24, 270, box


▲Up To Search▲   

 
Price & Availability of 1560060000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X