Part Number Hot Search : 
GSMBTA92 MA2S376 TEA63 18CV8ZP 16244 AAT250 SI4112 MT48LC3
Product Description
Full Text Search
 

To Download 0755561510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 11/06/2009 please check www.molex.com for latest part information part number: 0755561510 status: active description: extreme powermass? 0.13mm (.050") pitch, 150a module, 1 circuit, right angle plug, short blade type, tail length 3.06mm (.120"), lead-free, no pegs documents: 3d model packaging specification (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb headers series 75556 application board-to-board comments 150a module tin tails product name extreme powermass? physical breakaway no circuits (loaded) 4 circuits (maximum) 4 durability (mating cycles max) 50 first mate / last break no glow-wire compliant no guide to mating part no keying to mating part none lock to mating part no material - metal copper-nickel-silicon material - plating mating gold material - plating termination tin number of rows 1 orientation right angle pc tail length (in) 0.120 in pc tail length (mm) 3.06 mm pcb locator yes pcb retention none pcb thickness recommended (in) 0.094 in pcb thickness recommended (mm) 2.40 mm packaging type tray pitch - mating interface (in) 0.000 in pitch - mating interface (mm) 0.00 mm plating min: mating (in) 30 plating min: mating (m) 0.75 plating min: termination (in) 100 plating min: termination (m) 2.5 polarized to mating part no polarized to pcb yes shrouded closed ends stackable no surface mount compatible (smc) yes temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum 150a voltage - maximum 600v material info series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. search parts in this series 75556 series mates with 755455000 extreme powermass? receptacle, 755455001 extreme powermass? receptacle
reference - drawing numbers sales drawing sd-75556-100 this document was generated on 11/06/2009 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0755561510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X