product name cross-ref catalog literature industries standards contact us about us investors careers connectors sockets i/o connectors cable assemblies fiber optics printed circuit products industrial products lighting products molex.com register | login my parts ( 0 items ) search site: search: enter part no. or keyword go switch language english need assistance? contact us find a distributor order samples tech library ecocare electrical models printer-friendly page email this page home pcb headers datasheet part number: 0022102121 status: active description: 2.54mm (.100") pitch kk? wire-to-board header, single row, vertical, 12 circuits, pa polyamide nylon, gold (au) plating documents: note - please disable browser pop-up blockers for documents on www.molex.com drawing (pdf) product specification ps-10-07 (pdf) 3d model series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status halogen-free for a multiple part number rohs certificate of compliance, click here molex connector part number - 0022102121 page 1 of 4 c:\temp\04192010\mole\0022102121.mht 20-apr-2010
packaging specification (pdf) datasheet (pdf) rohs certificate of compliance (pdf) order products: check distributor inventory add to my parts request samples part detail: (show all) general general physical physical electrical electrical agency certification agency certification solder process data solder process data material info material info reference - drawing numbers reference - drawing numbers general product family pcb headers series 4030 application board-to-board, wire-to-board product name kk? need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non- product compliance questions. search parts in this series 4030 series mates with 2695 , 6471 , 7880 , 4455 , 7720 molex connector part number - 0022102121 page 2 of 4 c:\temp\04192010\mole\0022102121.mht 20-apr-2010
physical breakaway no circuits (loaded) 12 circuits (maximum) 12 color - resin natural (white) durability (mating cycles max) 100 flammability 94v-0 glow-wire compliant no lock to mating part none material - metal brass material - plating mating gold material - plating termination gold material - resin nylon number of rows 1 orientation vertical pc tail length (in) 0.135 in pc tail length (mm) 3.43 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type bag pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm plating min: mating (in) 20 plating min: mating (m) 0.5 plating min: termination (in) 20 plating min: termination (m) 0.5 polarized to mating part no polarized to pcb no shrouded no stackable yes surface mount compatible (smc) no temperature range - operating 0c to +75c termination interface: style through hole electrical (please review the product specification for specific details.) current - maximum per contact 4a voltage - maximum 250v molex connector part number - 0022102121 page 3 of 4 c:\temp\04192010\mole\0022102121.mht 20-apr-2010
agency certification csa lr19980 ul e29179 solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 235 material info old part number a-4030-12a501 reference - drawing numbers product specification ps-10-07 sales drawing sda-4030 copyright 2005-2010 feedback privacy legal site map help find us on: molex connector part number - 0022102121 page 4 of 4 c:\temp\04192010\mole\0022102121.mht 20-apr-2010
|