Part Number Hot Search : 
GBU8A 13000 V0DS00 101MELY D1621 4S6R51 SK25B 74V2T00
Product Description
Full Text Search
 

To Download SR16100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) - 128 - to-220ab features  low power loss, high efficiency.  high current capability, low vf.  high reliability  high surge current capability.  epitaxial construction.  guard-ring for transient protection.  for use in low voltage, high frequency inventor, free wheeling, and polarity protection application mechanical data  cases: to-220ab molded plastic  epoxy: ul 94v-0 rate flame retardant  terminals: pure tin plated, lead free.  polarity: as marked  high temperature soldering guaranteed: 260 o c/10 seconds.25?,(6.35mm) from case.  weight: 2.24 grams maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol sr16 20 sr16 30 sr16 40 sr16 50 sr16 60 sr16 90 sr16 100 sr16 150 units maximum recurrent peak reverse voltage v rrm 20 30 40 50 60 90 100 150 v maximum rms voltage v rms 14 21 28 35 42 63 70 105 v maximum dc blocking voltage v dc 20 30 40 50 60 90 100 150 v maximum average forward rectified current see fig. 1 i (av) 16.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 170 a maximum instantaneous forward voltage @ 8.0a v f 0.55 0.70 0.90 1.05 v 0.5 0.1 maximum d.c. reverse current @ tc=25 o c at rated dc blocking voltage @ tc=100 o c i r 15 10 5 ma ma typical junction capacitance (note 2) cj 440 320 pf typical thermal resistance (note 1) r jc 2.5 o c/w operating junction temperature range t j -65 to +125 -65 to +150 o c storage temperature range t stg -65 to +150 o c notes: 1. mounted on heatsink size of 2? x 3? x 0.25? al-plate. 2. measured at 1mhz and applied reverse voltage of 4.0v d.c. sr1620-sr16150 16.0amp. schottky barrier rectifiers http://www.luguang.cn mail:lge@luguang.cn
ratings and characteristic curves (sr1620 thru sr16150) fig.2- maximum non-repetitive forward surge current per leg peak forward surge current. (a) 1 2 5 10 20 100 50 0 50 200 150 100 250 300 number of cycles at 60hz fig.1- maximum forward current derating curve average forward current. (a) 0 50 100 150 0 4.0 8.0 12.0 16.0 20.0 case temperature. ( c) o sr1650-16150 sr1620-1640 tj=100 c 0 tj=25 c 0 tj=75 c 0 fig.4- typical reverse characteristics per leg instantaneous reverse current .(ma) 0 20 40 60 80 100 120 140 .001 .01 .10 1.0 10 percent of rated peak reverse voltage. (%) fig.6- typical transient thermal characteristics transient thermal impedance. ( c/w) o 1 0.01 0.1 10 100 0.1 10.0 1 100 pulse duration. (sec) sr1650-1660 sr1620-1640 fig.5- typical junction capacitance per leg capacitance.(pf) .1 .4 1.0 4 10 40 80 100 100 200 400 600 1000 800 2000 4000 reverse voltage. (v) fig.3- typical forward characteristics per leg instantaneous forward current. (a) .2 .3 .4 .5 .6 .7 .8 .9 1.0 1.1 0.1 1.0 10 50 instantaneous forward voltage. (v) sr1650-1660 sr1620-1640 sr1690-16100 sr16150 sr1620-sr16150 16.0amp. schottky barrier rectifiers http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of SR16100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X