Part Number Hot Search : 
ADCMP671 RSR010 LS130A MP03531 V23990 2SC4153 33000 2J222J
Product Description
Full Text Search
 

To Download S15VB60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2? ? s15vb10 thru s15vb100 high current glass passivated moldi ng single-phase bridge rectifier reverse voltage 100 to 1000v forward current 15.0 a features z plastic package has underwriters laboratory flammability classification 94v-0 z high current capacity with small package z glass passivated chip junctions z superior thermal conductivity z high ifsm 1. maximum & thermal characteristics ratings at 25 ambient temperature unless otherwise specified. item symbol s15vb10 s15vb20 s15 vb40 S15VB60 s15vb8 0 s15vb100 unit maximum repetitive voltage vrm 100 200 400 600 800 1000 v maximum rms voltage v rms 70 140 280 420 560 700 v maximum dc blocking voltage v dc 100 200 400 600 800 1000 v maximum dc reverse current ta=25 at rated dc blocking voltage ta=125 ir 5 500 a average recified forward current 60hz sine wave,r-load with heatsink tc=97 io 15 a peak forward surge current 8.3 ms single half sine-wave superimposed on rated load ifsm 250 a rating for fusing (t<8.3ms) i 2 t 300 a 2 sec dielectric strength te rminals to case, ac 1 minute current 1ma vdia 2.0 kv maximum instantaneous forward voltage at 12.5a vf 1. 05 v operating junction temperature tj -40~150 storage temperature tstg -40~150 mounting torque tor rating torque : 1.2  suggests 0.6~1.0  n.m
? 3 ? ? a) case temperature tc( ) percent of rated peak reverse voltage 
fig.3  forward voltage fig.4  peak surge forward capability forward current (a) peak surge forward current ifsm(a) forward voltage vf number of cycles
? 4 ? ?


▲Up To Search▲   

 
Price & Availability of S15VB60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X