Part Number Hot Search : 
MC74ACT AD7523TD ADM483E YB1314 HMC121 X1205 MPC5634M 0924DH
Product Description
Full Text Search
 

To Download RFSP7022 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  05/2003 power amplifier kit rfs p7022 power amplifier kit description rfs p2010 product description rfs p5022 product description applications ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 802.11b/g wl an 2.4 ghz ism b and wi reless equipment product fe atures 26 db m p1db@3.3v 22 db gai n 2.5 % evm; 110 ma @ p out = +19 dbm with 54 m bps o fdm signal single +3.3v supply voltage pa p ower on/off logic input an d output matched to 50 ohms applications 802.11a wl an hiperlan/2 wl an u-nii fi xed wireless equipment product fe atures 25 db m p1db@3.3v 23 db gai n 2.5% evm ; 180 ma @ p out = +19 dbm with 54 m bps ofdm signal single +3.3v su pply voltage input match ed to 50 ohms pa p ower on/off logic the rfs p7022 is a power amplifier kit containing the rfs p2010 and the rfs p5022, high- performance pas designed for use in transmit applications in the 2.4 C 2.5 ghz frequency band and in the 4.9 C 5.9 frequency band (respectively). below is a brief description of both pas. please refer to their individual data sheets for more information. the rfsp2010 power amplifier is a high- performance gaas hbt ic designed for use in transmit applications in the 2.4 C 2.5 ghz frequency band. with a p1db of 26 dbm, the device is ideal as a final stage for wireless lan applications requiring high transmit linearity. designed with propriety linearizing techniques, the part is operable closer to p-1db, which enables the device to achieve a specific error vector magnitude (evm) with less backoff. the pa exhibits unparalleled linearity and efficiency for both 802.11b- and 802.11g-based wlan systems. the part operates off a single +3.3v supply. the rfsp5022 power amplifier is a high- performance gaas hbt ic designed for use in transmit applications in the 4.9 C 5.9 ghz frequency band. with a p1db of 25 dbm, the device is ideal as a final stage for wireless lan applications requiring high transmit linearity. the part demonstrates very low error vector magnitude (evm) at the full 54 mbps data rate for 802.11a. the input of the pa is matched to 50 ohms and the output can be easily matched for optimum linearity and power performance at the desired frequency of operation between 4.9 and 5.9 ghz.the part operates off a single +3.3v supply.
05/2003 2 important notice anadigics, inc. reserves the right to make changes to its products or to discontinue any product at any time without notice. the product specifications contained in advanced product information sheets and preliminary data sheets are subject to change prior to a products formal introduction. information in data sheets have been carefully checked and are assumed to be reliable; however, anadigics assumes no responsibilities for inaccuracies. anadigics strongly urges customers to verify that the information they are using is current before placing orde rs. warning anadigics products are not intended for use in life support appliances, devices or systems. use of an anadigics product in any such application without written consent is prohibited. anadigics, inc. 141 mount bethel road warren, new jersey 07059,u.s.a. tel: +1(908)668-5000 fax: +1(908)668-5132 url: http://www.anadigics.com e-mail: mktg@anadigics.com


▲Up To Search▲   

 
Price & Availability of RFSP7022

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X